this document was generated on 04/28/2010 please check www.molex.com for latest part information part number: 0350220016 status: active description: 2.50mm (.098") pitch board-in crimp housing, 2.95mm (.116") height, right angle and vertical, 16 circuits documents: 3d model product specification ps-35022-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-35021-001 (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 35022 product name board-in physical circuits (maximum) 16 color - resin natural flammability 94v-0 gender male glow-wire compliant no lock to mating part none material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm stackable no temperature range - operating -40c to +105c material info reference - drawing numbers product specification ps-35021-001, ps-35022-003, rps-35022-001 sales drawing sd-35022-00** series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35022 series use with 35044 , 35021 this document was generated on 04/28/2010 please check www.molex.com for latest part information
|