package outline PDG-4C series 0 power dividers / combiners 1 to 500 mhz / 4-way / uniform phase & ampli. bal. / broadband / hi-rel hermetic package / smd fo r f ur t he r infor ma tion con t ac t merr ima c / 41 fairfield pl., west caldwell, nj, 07006 / 973-575-1300 / fax 973-575-0531 principal specifications frequency isolation, insertion amplitude phase vswr input model range, db, loss, db, balance, db, balance, input/output power number mhz min. typ. max. typ. max. typ. max. typ. max. typ. max. * PDG-4C-50 1 - 100 25 30 1.0 0.4 0.4 0.2 5 3 1.5:1 1.2:1 500 mw PDG-4C-250 20 - 500 20 25 2.0 0.8 0.4 0.4 5 3 1.5:1 1.3:1 500 mw *cw input power when used as divider with 1.2:1 vswr out general specifications coupling loss: -- 6 db nom. impedance: 50 w nom. internal load dissipation: 50 mw max. weight, nominal: 0.32 oz. (9 g) operating temperature: -- 55 to +85c notes: 1. tolerance on 3 place decimals .010(.25) except as noted. 2. dimensions in inches over millimeters. 3. dimensions marked with * apply only at body. 4. all unmarked pins are case ground. 16feb96 general notes: 1. the PDG-4C series of 4-way in-phase power dividers/ combiners covers 1 to 500 mhz using an n-way lumped element design to reduce size making it ideal for applications where high performance and a small low profile surface mount package is essential. pin number function 4 input 1,3,6,8 outputs all others case ground
|