Part Number Hot Search : 
31QDB TDA9556 LC541 CO49025 11016 M368L VW6754 1000G
Product Description
Full Text Search
 

To Download OSY5RU5201A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 5mm bullet yellow led OSY5RU5201A features outline dimension high luminous leds 5mm bullet standard directivity superior weather-resistance uv resistant epoxy water clear type applications electronic signs and signals small area illuminations back lighting other lighting 2.54 1.5min 26.0min 1 2 0.50.05 1.anode 2.cathode unit:mm tolerance:0.30mm 1.5max 5.0 8.5 5.0 r2 . 5 1.0 5.6 absolute maximum rating (ta=25) directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 78 mw operating temperature topr -30 ~ +85 storage temperature tstg -40~ +100 lead soldering temperature tsol 260 /5sec - *pulse width max.10ms duty ratio max 1/10 0.5 30 90 60 0 0 0.5 30 60 90 11 electrical -optical charac teristics (ta=25) item symbol condition min. typ. max. unit dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 585 590 595 nm luminous intensity* iv i f =20ma 12000 15000 - mcd 50% power angle 2 1/2 i f =20ma - 8 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies


▲Up To Search▲   

 
Price & Availability of OSY5RU5201A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X