Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download NACVF100K350V10X18TR13T2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 17 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com surface mount aluminum electrolytic capacitors nacvf series characteristics features ? cylindrical v-chip construction for surface mount ? high voltage (160vdc and 450vdc) ? 10mm x 14mm ~ 18mm x 22mm case sizes ? long life (5000 hours at +105 o c) ? designed for reflow soldering rated voltage range 160 ~ 450vdc rated capacitance range 2.2 ~ 100 f operating temperature range -40c ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes 0.06cv + 10 a max. tan at 120hz & 20c 160vdc 200vdc 250vdc 350vdc 400vdc 450vdc 0.15 0.20 0.24 low temperature stability (impedance ratio @ 120hz) z -25c/+20c 2 2 3 5 6 6 load life @ 105c & rated voltage 10x14mm 3,000 hours 10x18mm 4,000 hours 12.5 ~ 18mm dia 5,000 hours capacitance change within 20% of initial measured value tan less than 200% of specif ced value leakage current less than the specif ced maximum value resistance to soldering heat within the recommended ref ow conditions capacitance change within 10% of initial measured value tan less than the specif ced maximum value leakage current less than the specif ced maximum value ? cylindrical v -chip constr uction for surf a ce mount rohs compliant includes all homogeneous materials *see part number system for details maximum ripple current (ma rms at 100khz and 105c) maximum esr ( ? at 120hz and 20c) voltage (vdc) frequecy (hz) 120 1k 10k ~ 30k 31k ~ 100k 160v ~ 250v 0.55 0.85 0.90 1.00 350v ~ 450v 0.50 080 0.90 1.00 ripple current frequency correction factors precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specif c application - process details with nics technical support personnel: tpmg@niccomp.com ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
1 8 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 1 9 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com surface mount aluminum electrolytic capacitors nacvf series 0.3mm max. d l nacvf 330 m 200v 16x17 tr 13 t2 f rohs compliant terminal style t2 = 2 terminal t4 = 4 terminal (discontinued) 330mm (13) reel tape & reel siz e in mm working voltage tolerance code m=20%, k=10% capacitance code in f, frst 2 digits are signifcant third digit is no. of zeros, r indicates decimal for values under 10 f series part number system + - i i w p a b ? ? ? ? ?? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? standard product and case size table d xl (mm) case size d 0.5 l max. a 0.2 b 0.2 i 0.2 w p 0.2 10 x 14 10.0 14.0 10.3 10.3 3.5 0.7 ~ 1.4 4.6 10 x 18 10.0 18.5 10.3 10.3 3.5 1.1 ~ 1.4 4.6 12.5 x 17t2 12.5 17.5 13.5 13.5 4.7 0.6 ~ 1.2 4.4 16 x 17t2 16.0 17.5 17.0 17.0 5.5 0.9 ~ 1.5 6.7 18 x 17t2 18.0 17.5 19.0 19.0 6.5 0.9 ~ 1.5 6.7 18 x 22t2 18.0 22.5 19.0 19.0 6.5 0.9 ~ 1.5 6.7 dimensions (mm)


▲Up To Search▲   

 
Price & Availability of NACVF100K350V10X18TR13T2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X