Part Number Hot Search : 
99000 VISHAY MG100 EC50A 11101 2SJ343 ON2018 6A100
Product Description
Full Text Search
 

To Download MBR10200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mospec MBR10200CT schottky barrier rectifiers using the schottky barrier principle w i th a refractory metal capable of high temperature operation metal. t he pr oprietary barrier technology allow s for reliable operation up to 175 j junction temperature. t y pical application are in sw itching mode pow e r supplies such as adaptors, dc/dc converters, free- w heeling and polarity protection diodes. ? low f o rw ard voltage. ? low f o rw ard voltage. ? low sw itching noise. ? high current capacity ? guarantee reverse avalanche. ? guard-ring for stress protection. ? low pow e r loss & high efficiency . ? 175 j operating junction t e mperature ? low stored charge majority carrier conduction. ? plastic material used carries underw r iters laboratory flammability classification 94v-o ? esd: 4kv(min.) human-body model ? in com p liance with eu rohs 2002/95/ec directives maximum ratings ch a r a c t e r i s t i c s y mb o l MBR10200CT un i t peak repetitive reverse voltage w o rking peak reverse voltage dc blocking voltage v rrm v rw m v r 2 0 0 v rms reverse voltage v r(rms ) 1 4 0 v average rectifier f o rw ard current t o tal device (rated v r ),t c = 125 j i f(a v ) 5.0 10 a peak repetitive f o rw ard current (rate v r , square w a ve, 20khz) i fm 1 0 a non-repetitive peak surge current (surge applied at rate load conditions halfw are, single phase, 60hz) i fsm 1 2 5 a operating and storage junc tion t e mperature range t j , t st g -65 to + 175 j thermal resistances t y pical t hermal resistance junction to case r j c 4.2 j /w electrial characteristics ch a r a c t e r i s t i c s y mb o l MBR10200CT un i t maximum instantaneous f o rw ard voltage ( i f =5.0 amp t c = 2 5 j ) ( i f =5.0 am p t c = 125 j ) v f 0.95 0.85 v maximum instantaneous reverse current ( rated dc voltage, t c = 2 5 j ) ( rated dc voltage, t c = 125 j ) i r 0.01 10 ma schottky ba rrier rectifiers 10 a m peres 200 vol t s t o -220a b millimeters dim m i n m a x a 1 4 . 68 1 5 . 3 2 b 9 . 7 8 1 0 . 4 2 c 5 . 0 2 6 . 5 2 d 1 3 . 0 6 1 4 . 6 2 e 3 . 5 7 4 . 0 7 f 2 . 4 2 2 . 6 6 g 1 . 1 2 1 . 3 6 h 0 . 7 2 0 . 9 6 i 4 . 2 2 4 . 9 8 j 1 . 1 4 1 . 3 8 k 2 . 2 0 2 . 9 8 l 0 . 3 3 0 . 5 5 m 2 . 4 8 2 . 9 8 o 3 . 7 0 3 . 9 0 common cathode s u f f i x ? c ?
m b r 1 0 2 0 0 c t fig-1 for w ard current dera t i ng cur ve f ig-2 t y pical for w ard charact erisit ics a v e r a g e for w a rd re ct ifie d curre nt (a m p .) ns t a nt a n e o us for w a rd curre nt (a m p .) case tempera t ure ( j ) for w ard vol t age (v olts) fig-3 t y pical reverse charact erist i cs fig-4 t y pical junct ion cap a cit a nce inst ant a neous reverse current (m a.) j uncti o n cap a ci t a nce ( p f) percent of ra ted reverse vol t age ( m ) reverse vol t age (v olts) fig-5 peak for w ard surge current peak for w ard surge current (am p .) number of cycles a t 60 hz t j =75 o c t j =125 o c t j =25 o c


▲Up To Search▲   

 
Price & Availability of MBR10200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X