Part Number Hot Search : 
160CA RF300 STC1815 MM1134 802M135B MC1648 AL4CA05 K4107
Product Description
Full Text Search
 

To Download LM190E05-SL01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification 1 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 specification for approval ( ? ) preliminary specification ( ) final specification *when you obtain standard approval, please use the above model name without suffix signature date / please return 1 copy for your confirmation with your signature and comments. product engineering dept. lg. philips lcd co., ltd approved by date / / / reviewed by prepared by j.y.lee engineer title 19.0 ? sxga tft lcd buyer model supplier lg.philips lcd co., ltd. *model lm190e05 suffix sl01 / / k.j. kwon manager g.t. kim manager
product specification 2 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 contents no. item page - cover 1 - contents 2 - record of revisions 3 1 general description 4 2 absolute maximum ratings 5 3 electrical specifications 6 3 - 1 electrical characteristics 6 3 - 2 interface connections 9 3 - 3 signal timing specifications 13 3 - 4 signal timing waveforms 14 3 - 5 color input data referance 15 3 - 6 power sequence 16 4 optical specifications 17 5 mechanical characteristics 22 6 reliability 25 7 international standards 26 7 - 1 safety 26 7 - 2 emc 26 8 packing 27 8 - 1 designation of lot mark 27 8 - 2 packing form 27 9 precautions 28
product specification 3 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 record of revisions revision no description date page ver 0.0 preliminary specifications jan. 19. 2005
product specification 4 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 1. general description the lm190e05 - sl01 is a color active matrix liquid crystal display with an int egral cold cathode fluorescent lamp(ccfl) backlight system. the matrix employs a - si thin film transistor as the active element. it is a transmissive type display operating in the normally blac k mode. this tft - lcd has a 19.0 inch diagonal measured active display area with sxga resolution(1024 vertical by 1280 horizontal pixel array) each pixel is divided into red, green and blue sub - pixels or dots which are arranged in vertical stripes. gray scale or the brightness of the sub - pixel color is determined with a 8 - bit gray scale signal for each dot, thus, presenting a palette of more than 16.7m colors. the lm190e05 - sl01 has been designed to apply the interface method that enable s low power, high speed,low emi. fpd link or compatible must be used as a lvds(low voltage differential signaling) chip. the lm190e05 - sl01 is intended to support applications where thin thickness,wi de viewing angle, low power are critical factors and graphic displays are important. in combinat ion with the vertical arrangement of the sub - pixels, the lm190e05 - sl01 characteristics provide an excellent flat panel display for office automation products such as monitors. general features outline dimension 396.0(h) x 324.0(v) x 20.0(d) mm( typ .) active screen size 19.0 inch (481.84mm) diagonal pixel pitch 0.294 xrgb (h)mm x 0.294(v) mm pixel format 1280 horiz . by 1024 vert . pixels. rgb stripe arrangement display colors 8bit (16.7m colors) luminance, white 250 cd/m 2 ( typ . center 1 point) power consumption total 25.15 watt( typ .), (5.5 watt @v lcd , 19.65watt @[lamp=7.5ma]) weight 2,970 g ( typ .) display operating mode transmissive mode, normally black surface treatments hard coating (3h), anti - glare treatment of the front polarizer figure 1. block diagram viewing angle (cr>10) viewing angle free [ r/l 178(typ.), u/d 178(typ.) ] cn1 (30pin) lvds pair #1 lvds pair #2 power circuit block +12v v lcd source driver circuit tft - lcd panel (1280 rgb 1024 pixels) g1 s1 s1280 g1024 back light assembly (4ccfl) rgb timing controller & lvds 1 chip gate driver circuit cn2, 3 (2pin) cn4, 5 (2pin)
product specification 5 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 2. absolute maximum ratings the followings are maximum values which, if exceeded, may cause faulty operation or damage to the unit. table 1. absolute maximum ratings note : 1. temperature and relative humidity range are shown in t he figure below. wet bulb temperature should be 39 c max, and no condensation of water. parameter notes symbol values units min. max. power supply input voltage operating temperature storage temperature operating ambient humidity storage humidity at 25 ? 1 1 1 1 v lcd t op t st h op h st - 0.3 0 - 20 10 10 + 14.0 + 50 + 60 + 90 + 90 v dc ? ? %rh %rh 90% 10 20 30 40 50 60 70 80 0 - 20 0 10 20 30 40 50 dry bulb temperature [c] wet bulb temperature [c] storage operation humidity [(%)rh] 10% 40% 60% 60 figure 2. temperature and relative humidity
product specification 6 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3. electrical specifications 3 - 1. electrical characteristics the lm190e05 - sl01 requires two power inputs. one is employed to power the lc d electronics and to drive the tft array and liquid crystal. another which powers the ccfl, is typically generated by an inverter. the inverter is an external unit to the lcd. table 2. electrical characteristics table 2. electrical characteristics parameter symbol values min. typ. max. units notes module : power supply input voltage power supply input current differential impedance power consumption rush current v lcd i lcd i lcd zm p lcd i rush 10.8 - - 90 - - v a a ohm watts a 1 2 1 3 notes : 1. the specified current and power consumption are under the v lcd =12.0v, 25 2 c,f v =60hz condition whereas mosaic pattern(8 x 6) is displayed and f v is the frame frequency. 2. the current is specified at the maximum current pattern . 3. the duration of rush current is about 5ms and rising time of power input is 500us 20%. 12.0 0.46 0.59 100 5.5 2.0 13.2 0.53 0.68 110 7.0 3.0 white : 255gray black : 0gray [ figure 3 ] mosaic pattern (8x6) for power consumption measurement
product specification 7 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 table 3. electrical characteristics parameter symbol values min. typ. max. units notes lamp for each ccfl: operating voltage operating current established starting voltage at 25 c at 0 c operating frequency discharge stabilization time power consumption life time v bl i bl v bs f bl t s p bl 645 (@8.0ma) 3.0 - - 40 - - 40,000 655 (@7.5ma) 7.5 - - 60 - 19.65 - 790 (@3.0ma) 8.0 1100 1400 70 3 21.62 - v rms ma rms v rms v rms khz minutes watts hrs 1,2 1 1,3 4 1,5 6 1,7 notes : the design of the inverter must have specifications for the lamp in lcd assembly . the performance of the lamp in lcm, for example life time or brightness, is extremely influenced by the characteristics of the dc - ac inverter. so all the parameters of an inverter should be care fully designed so as not to produce too much leakage current from high - voltage output of the inverter. when you design or order the inverter, please make sure unwa nted lighting caused by the mismatch of the lamp and the inverter (no lighting, flicker, etc) never occurs. when you confirm it, the lcd ? assembly should be operated in the same condition as installed in you instrument. ? do not attach a conducting tape to lamp connecting wire. if th e lamp wire attach to a conducting tape, tft - lcd module has a low luminance and the inverter has abnormal act ion. because leakage current is occurred between lamp wire and c onducting tape. 1. specified values are for a single lamp. 2. operating voltage is measured at 25 2 c. the variance of the voltage is 10%. 3. the voltage above v s should be applied to the lamps for more than 1 second for start - up. (inverter open voltage must be more than lamp starting voltage.) otherwise, the lamps may not be turned on. the used lamp current is the lamp typical current. 4. lamp frequency may produce interface with horizontal synchron ous frequency and as a result this may cause beat on the display. therefore lamp freq uency shall be as away possible from the horizontal synchronous frequency and from its harmo nics in order to prevent interference. 5. let ? s define the brightness of the lamp after being lighted for 5 mi nutes as 100%. t s is the time required for the brightness of the center of the la mp to be not less than 95%. 6. the lamp power consumption shown above does not include loss of external inverter. the used lamp current is the lamp typical current. (p bl = v bl x i bl x n lamp ) 7. the life is determined as the time at which brightness of the lamp is 50% compared to that of initial value at the typical lamp current on conditio n of continuous operating at 25 2 c.
product specification 8 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 8. the output of the inverter must have symmetrical(negative and positive) voltage waveform and symmetrical current waveform (unsymmetrical ratio is less than 10%). please do not use the inverter which has unsymmetrical v oltage and unsymmetrical current and spike wave. requirements for a system inverter design, which is intended to have a better display performance, a better power effic iency and a more reliable lamp, are following.it shall help increase the lamp lifetime a nd reduce leakage current. a. the asymmetry rate of the inverter waveform should b e less than 10%. b. the distortion rate of the waveform should be within v 2 10%. * inverter output waveform had better be more similar to ideal sine wave. 9. the inverter which is combined with this lcm, is highly r ecommended to connect coupling(ballast) condenser at the high voltage output s ide. when you use the inverter which has not coupling(ballast) condenser, it may cause abnormal lamp lighting because of biased mercury as time goes. 10.in case of edgy type back light with over 4 parallel lamp s, input current and voltage wave form should be synchronized i p i - p * asymmetry rate: | i p ? i ? p | / i rms x 100% * distortion rate i p (or i ? p ) / i rms
product specification 9 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3 - 2. interface connections table 4. module connector pin configuration pin no symbol description 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 rxo0 - rxo0+ rxo1 - rxo1+ rxo2 - rxo2+ gnd rxoc - rxoc + rxo3 - rxo3+ rxe0 - rxe0+ gnd rxe1 - rxe1+ gnd rxe2 - rxe2+ rxec - rxec + rxe3 - rxe3+ gnd nc nc nc vcc vcc vcc lvds signal of odd channel 0( - ) lvds signal of odd channel 0(+) lvds signal of odd channel 1( - ) lvds signal of odd channel 1(+) lvds signal of odd channel 2( - ) lvds signal of odd channel 2(+) ground lvds signal of odd channel clock( - ) lvds signal of odd channel clock(+) lvds signal of odd channel 3( - ) lvds signal of odd channel 3(+) lvds signal of even channel 0( - ) lvds signal of even channel 0(+) ground lvds signal of even channel 1( - ) lvds signal of even channel 1(+) ground lvds signal of even channel 2( - ) lvds signal of even channel 2(+) lvds signal of even channel clock( - ) lvds signal of even channel clock(+) lvds signal of even channel 3( - ) lvds signal of even channel 3(+) ground no connection no connection no connection power supply (12.0v typ .) power supply (12.0v typ .) power supply (12.0v typ .) first pixel data second pixel data interface chip must be used lvds, part no. sn75lvds83 ( tx , texas instrument) or compatible. this lcd employs a interface connection, a 30 pin connector is u sed for the module electronics interface. four 2pin connectors are used for the integral backlight system. the electronics interface connector is a model gt101 - 30s - h16 (lg cable) or in - 30 - ba 10 ( uju electronics) which is compatible. and mating connector is fi - x30h (jae) or compatible. the pin configuration for the connector is shown in the table 4 and the signal mapping with lvds transmitter is shown in the table 5.
product specification 10 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 notes: 1. all gnd(ground) pins should be connected together and should also be connected to the lcd ? s metal frame. 2. all v lcd (power input) pins should be connected together. 3. all nc pins should be separated from other signa l or power. rear view of lcm #1 #30 #1 #30 [ figure 4 ] connector diagram gt101 - 30s - h16(lgc) or in - 30 - ba 10 (uju)
product specification 11 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 table 5. required signal assignment for flat link (ti:sn75lvds8 3) transmitter notes : 1. refer to lvds transmitter data sheet for detail des criptions. 2. 7 means msb and 0 means lsb at r,g,b pixel data positive lvds differential data output3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 d5 d6 d7 gnd d8 d9 d10 vcc d11 d12 d13 gnd d14 d15 d16 vcc d17 d18 d19 gnd d20 d21 d22 d23 vcc d24 d25 vcc ttl input(r7) ground pin for ttl power supply for ttl input ground pin for ttl power supply for ttl input ground pin for ttl input power supply for ttl input power supply for ttl input ttl input(r5) ttl input(g0) ttl input(g1) ttl input(g2) ttl input(g6) ttl input(g7) ttl input(g3) ttl input(g4) ttl input(g5) ttl input(b0) ttl input(b6) ttl input(b7) ttl input(b1) ttl input(b2) ttl input(b3) ttl input(b4) ttl input(b5) ttl input(hsync) ttl input(vsync) ttl input(rsvd) 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 d26 txclkin pwr dwn pll gnd pll vcc pll gnd lvds gnd txout3+ txout3 - txclkout+ txclkout - txout2+ txout2 - lvds gnd lvds vcc txout1+ txout1 - lvds gnd d27 d0 d1 gnd d2 d3 d4 gnd txout0+ txout0 - ground pin for ttl ground pin for pll ground pin for pll ground pin for lvds ground pin for lvds ground pin for ttl ground pin for ttl power supply for pll power supply for lvds ttl input(de) ttl input(r6) ttl input(r0) ttl input(r1) ttl input(r2) ttl input(r3) ttl input(r4) negative lvds differential data output3 positive lvds differential clock output negative lvds differential clock output positive lvds differential data output2 negative lvds differential data output2 positive lvds differential data output1 negative lvds differential data output1 positive lvds differential data output0 negative lvds differential data output0 ttl level clock input power down input pin name require signal pin pin name require signal pin
product specification 12 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 the backlight interface connector is a model 1674817 - 1 (amp) or bhsr - 02vs - 1(jst) which is compatible. the mating connector is sm02b - bhss - 1 or equivalent. the pin configuration for the connector is shown in the table be low. table 6. backlight connector pin configuration [ figure 5 ] backlight connector view notes: 1. the high voltage power terminal is colored gray, sk y blue. 2. the low voltage pin color is black, blue. 2 1 notes low voltage for lamp high voltage for lamp description lv hv symbol 2 1 pin up side down side cn2 cn3 cn4 cn5 lamp1 lamp2 lamp3 lamp4
product specification 13 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3 - 3. signal timing specifications this is the signal timing required at the input of the lvds tra nsmitter. all of the interface signal timing should be satisfied with the following specifications for it ? s proper operation. table 7. timing table notes : 1. de mode operation 2. thfp + twh + thbp < (1/2) thv 3 . the performance of the electro - optical characteristics may be influenced by variance of the vertical refresh rates. 4. thfp , twh and thbp should be any times of a character number (8). tclk 14.7 18.5 22.2 ns fclk 45.0 54.0 68.4 mhz period frequency dclk hsync thp 672 844 1022 period tclk twh 8 56 - width tvp 1034 1066 1320 period 2 3 24 width thp hz twv 47 60 76 frequency vsync tclk thp thv 640 640 640 horizontal valid thbp 8 124 - horizontal back porch thfp 8 24 - horizontal front porch - - - - - de (data enable) tvv 1024 1024 1024 vertical valid tvbp 5 38 124 vertical back porch tvfp 1 1 - vertical front porch - - - - de setup time data hold time data setup time data de hold time ns for dclk tsi thi tsd thd 4 - - 4 - - 4 - - 4 - - fv ns for dclk fh 53.3 64.0 82.1 frequency khz parameter notes symbol min. typ . max. unit
product specification 14 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3 - 4. signal timing waveforms dclk hsync , vsync , de, data, dclk t clk valid invalid invalid de(data enable) 2.3v 1v data hsync . de(data enable) vsync . de(data enable) t wh t hp t hfp t hbp t vp t wv t vbp t vfp t hv t vv t si t hi t sd t hd [ figure 6 ] signal timing waveforms
product specification 15 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3 - 5. color input data reference the brightness of each primary color(red,green and blue) is bas ed on the 8 - bit gray scale data input for the color ; the higher the binary input, the brighter the color. th e table below provides a reference for color versus data input. table 8. color data reference color input color data red green blue msb lsb msb lsb msb lsb r7 r6 r5 r4 r3 r2 r1 r0 0 1 0 0 0 1 1 1 black red(255) green(255) blue(255) cyan magenta yellow white 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 basic colors 0 0 0 : 1 1 1 red(000) dark red(001) red(002) : red(253) red(254) red(255) bright 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 red 0 0 0 : 0 0 0 green(000)dark green(001) green(002) : green(253) green(254) green(255) bright 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 green 0 0 0 : 0 0 0 blue(000) dark blue(001) blue(002) : blue(253) blue(254) blue(255) bright 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 blue 0 1 0 0 0 1 1 1 0 0 1 : 0 1 1 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 1 0 0 0 1 1 1 0 1 0 : 1 0 1 0 0 0 : 0 0 0 0 0 0 : 0 0 0 g7 g6 g5 g4 g3 g2 g1 g0 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 1 : 0 1 1 0 1 0 : 1 0 1 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 b7 b6 b5 b4 b3 b2 b1 b0 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 0 : 1 1 1 0 0 1 : 0 1 1 0 1 0 : 1 0 1 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0 0 0 0 : 0 0 0
product specification 16 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 3 - 6. power sequence notes : 1. please avoid floating state of interface signal at i nvalid period. 2. when the interface signal is invalid, be sure t o pull down the power supply for lcd v lcd to 0v. 3. lamp power must be turn on after power supply f or lcd and interface signals are valid. 10% 90% 90% 10% t1 t2 t5 t6 t7 t3 t4 valid data lamp on 0v off off power supply for lcd v lcd interface signal v i power for lamp table 9. power sequence time delay [ figure 7 ] power sequence parameter values units min. typ . max. t 1 t 2 t 3 t 4 t 5 t 6 t 7 - 0.01 200 200 0.01 0.01 1 - - - - - - - 10 50 - - 50 10 - ms ms ms ms ms ms s
product specification 17 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 4. optical specifications optical characteristics are determined after the unit has been ? on ? and stable for approximately 30 minutes in a dark environment at 25 c. the values specified are measured at an approximate distance 50cm from the lcd surface at a viewing angle of f and q equal to 0 . figure. 9 presents additional information concerning the measu rement equipment and method. (ta=25 c, v lcd =12.0v, f v =60hz dclk =54mhz, i bl =7.5marms) optical stage(x,y) lcd module field = 1 50cm pritchard pr880 or equivalent [figure 9] optical characteristic measurement equipment and meth od table 10. optical characteristics parameter symbol values min. typ . max. units notes contrast ratio surface luminance, white luminance uniformity response time rise time decay time gray to gray cie color coordinates red green blue white color shift horizontal vertical viewing angle general horizontal vertical effective horizontal vertical gray scale cr l wh d white tr tr r tr d t gtg_avg t gtg_max xr yr xg yg xb yb xw yw q cst_h q cst_v q h q v q gma_h q gma_v 500 - - - - - - - 0.610 0.314 0.260 0.578 0.115 0.044 0.283 0.299 - - 170 170 170 170 800 250 - 18 7 11 14 22 0.640 0.344 0.290 0.608 0.145 0.074 0.313 0.329 178 178 178 178 178 178 - - - 1.25 30 12 18 - - 0.670 0.374 0.320 0.638 0.175 0.104 0.343 0.359 - - - - - - - cd/m 2 % ms ms ms degree degree 1 2 3 4 5 6 7 8 9
product specification 18 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 notes : 1. contrast ratio(cr) is defined mathematically as : surface luminance with all white pixels contrast ratio = surface luminance with all black pixels it is measured at center point. 2. average luminance (l wh )is luminance value at location p1with all pixels displaying w hite 3. the variation in surface luminance, d white is defined as maximu m (p1, p2,p3 ....p5) d white = minimum (p1,p2,p3, ? p5) where p1 to p5 are the luminance with all pixels dis playing white at 5 locations. 1 3 2 5 4 h h/4 v/4 v active area h : 376.320 mm v : 301.056 mm @ h,v : active area
product specification 19 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 notes : 4. the response time is defined as the following figure and shall be measured by swi tching the input signal for ? black ? and ? white ? . response time is the time required for the display to transition from black to white (rise time, t rr ) and from white to black (decay time, t rd ). 100 90 10 0 % optical response white black white tr d tr r 5. the gray to gray response time is defined as the following figure and shall be measured by switching the input signal for ? gray to gray ? . - gray step : 5 step - t gtg_avr is the total average time at rising time and falling time for ? gray to gray ? . - t gtg_max is the max time at rising time or falling time for ? gray to gray ? . rising time g0 g63 g127 g191 g255 falling time g0 g63 g127 g191 g255 gray to gray
product specification 20 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 6. color shift is the angle at which the color difference is lower than 0.04. f = 90 ? (12:00) yu q = 0 ? z z' yd q f f = 180 ? (9:00) a f = 0 ? (3:00) xr f = 270 ? (6:00) tft lcd module xl - color difference( ? u ? v ? ) 25% box size viewing angle direction - pattern size : 25% box size - viewing angnle direction of color shift : horizontal, vertical u ? = - 2x + 12y + 3 4x v ? = - 2x + 12y +3 9y ? u ? v ? = (u ? 1 - u ? 2 ) 2 +(v ? 1 - v ? 2 ) 2 u ? 1, v ? 1 : u ? v ? value at viewing angle direction u ? 2, v ? 2 : u ? v ? value at front( ? =0) ( test pattern : macbeth chart )
product specification 21 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 8. effective viewing angle is the angle at which the gamma shift of gray scale is lower tha n 0.3. b r l av l + = ) log( ) log( ) log( a v r l l b + = - here the parameter a and ? relate the signal level v to the luminance l. the gamma we calculate from the log - log representation (fig. 2) 7 . viewing angle(general) is the angle at which the contrast ratio is greater than 10. 9. grayscale specification 0.3 0 100 78.9 55.3 38.4 24.7 14.2 5.59 1.41 255 223 191 159 127 95 63 31 relative luminance [%] ( typ .) gray level
product specification 22 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 5. mechanical characteristics table 11. provides general mechanical characteristics for the mo del lm190e05 - sl01. please refer to figure 15,16 regarding the detailed mechanical drawing of the lc d. outside dimensions horizontal vertical depth horizontal vertical horizontal vertical bezel area active display area weight(approximate) surface treatment hard coating(3h) anti - glare treatment of the front polarizer 396.0 0.5mm 324.0 0.5mm 20.0 0.5mm 380.3 0.5mm 305.0 0.5mm 376.32mm 301.06mm 2,970g(typ.), 3,120g(max.) table 12. mechanical characteristics
product specification 23 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 figure 15. front view
product specification 24 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 figure 15. rear view
product specification 25 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 6. reliability { result evaluation criteria } there should be no change which might affect the practical disp lay function when the display quality test is conducted under normal operating condition. table 12. environment test condition no. test item conditions 1 high temperature storage test ta= 60 c 240h 2 low temperature storage test ta= - 20 c 240h 3 high temperature operation test ta= 50 c 50%rh 240h 4 low temperature operation test ta= 0 c 240h 5 vibration test (non - operating) wave form : random vibration level : 1.0g rms bandwidth : 10 - 500hz duration : x,y,z, 20 min. one time each direction 6 shock test (non - operating) shock level : 100g waveform : half sine wave, 2ms direction : x, y, z one time each direction 7 altitude storage / shipment operation 0 - 40,000 feet(12,192m) 0 - 10,000 feet(3,048m)
product specification 26 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 7. international standards 7 - 1. safety a) ul 60950, third edition, underwriters laboratories, inc., dat ed dec. 11, 2000. standard for safety of information technology equipment, inc luding electrical business equipment. b) can/csa c22.2, no. 60950, third edition, canadian standards a ssociation, dec. 1, 2000. standard for safety of information technology equipment, inc luding electrical business equipment. c) en 60950 : 2000, third edition iec 60950 : 1999, third edition european committee for electrotechnical standardization(cenelec) european standard for safety of information technology equipm ent including electrical business equipment. 7 - 2. emc a) ansi c63.4 ? methods of measurement of radio - noise emissions from low - voltage electrical and electrical equipment in the range of 9khz to 40ghz. ? american national standards institute(ansi), 1992 b) c.i.s.p.r ? limits and methods of measurement of radio interface characteris tics of information technology equipment. ? international special committee on radio interference. c) en 55022 ? limits and methods of measurement of radio interface characteris tics of information technology equipment. ? european committee for electrotechnical standardization.(cenelec), 1998 ( including a1: 2000 ) notes : the lm190e05 - sl01 is applied rohs
product specification 27 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 8. packing 8 - 1. designation of lot mark 8 - 2. packing form a) package quantity in one box : 6 pcs b) box size : 533mm x 310mm x 459mm. a) lot mark a b c d e f g h i j k l m a,b,c : size(inch) d : year e : month f : factory code g : assembly code h ~ m : serial no. note 1. year 2. month 4. serial no. mark year 0 2010 6 2006 7 2007 8 2008 9 2009 4 2004 5 2005 3 2 1 2003 2002 2001 b nov mark month a oct 6 jun 7 jul 8 aug 9 sep 4 apr 5 may c 3 2 1 dec mar feb jan 3. factory code c lpl nanjing d heesung mark factory code k lpl gumi b) location of lot mark serial no. is printed on the label. the label is attached to the backside of the lcd module. this is subject to change without prior notice. mark 100001~199999, 200001~299999, 300001~399999, ? ., a00001~a99999, ? .., z00001~z99999
product specification 28 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 9. precautions please pay attention to the following when you use this tft lcd module. 9 - 1. mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so that uneven fo rce(ex. twisted stress) is not applied to the module. and the case on which a module is mounted should have suffi cient strength so that external force is not transmitted directly to the module. (3) please attach a transparent protective plate to the surface in order to protect the polarizer. transparent protective plate should have sufficient strengt h in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperat ure specification. (5) acetic acid type and chlorine type materials for the cover c ase are not describe because the former generates corrosive gas of attacking the polarizer at high temperature and the latter causes circuit break by electro - chemical reaction. (6) do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than hb pencil lead. and please do not rub with dust clothes with c hemical treatment. do not touch the surface of polarizer for bare hand or grea sy cloth.(some cosmetics are determined to the polarizer.) (7) when the surface becomes dusty, please wipe gently with abso rbent cotton or other soft materials like chamois soaks with petroleum benzene. normal - hexane is recommended for cleaning the adhesives used to attach front / rear polarizers . do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possible. their lo ng time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have suf ficient strength. 9 - 2. operating precautions (1) the spike noise causes the mis - operation of circuits. it should be lower than following voltage : v= 200mv(over and under shoot voltage) (2) response time depends on the temperature.(in lower temperatu re, it becomes longer.) (3) brightness depends on the temperature. (in lower temperature , it becomes lower.) and in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) be careful for condensation at sudden temperature change. co ndensation makes damage to polarizer or electrical contacted parts. and after fading c ondensation, smear or spot will occur. (5) when fixed patterns are displayed for a long time, remnant i mage is likely to occur. (6) module has high frequency circuits. sufficient suppression t o the electromagnetic interference shall be done by system manufacturers. grounding and shield ing methods may be important to minimized the interference. (7) please do not give any mechanical and/or acoustical impact t o lcm. otherwise, lcm can not be operated its full characteristics perfectly. (8) a screw which is fastened up the steels should be a machine screw (if not, it causes metal foreign material and deal lcm a fatal blow) (9) please do not set lcd on its edge.
product specification 29 / 29 lm190e05 liquid crystal display ver 0.0 jan. 19, 2005 since a module is composed of electronic circuits, it is not str ong to electrostatic discharge. make certain that treatment persons are connected to ground through wrist ban d etc. and don ? t touch interface pin directly. 9 - 3. electrostatic discharge control strong light exposure causes degradation of polarizer and color filter. 9 - 4. precautions for strong light exposure when storing modules as spares for a long time, the following p recautions are necessary. (1) store them in a dark place. do not expose the module to sunl ight or fluorescent light. keep the temperature between 5 c and 35 c at normal humidity. (2) the polarizer surface should not come in contact with any ot her object. it is recommended that they be stored in the container in w hich they were shipped. 9 - 5. storage (1) the protection film is attached to the bezel with a small ma sking tape. when the protection film is peeled off, static electricity is generated between the film and polarizer. this should be peeled off slowly and carefully by people wh o are electrically grounded and with well ion - blown equipment or in such a condition, etc. (2) when the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the prot ection film is peeled off. (3) you can remove the glue easily. when the glue remains on the bezel or its vestige is recognized, please wipe them off with absorbent cotton waste or other s oft material like chamois soaked with normal - hexane. 9 - 6. handling precautions for protection film


▲Up To Search▲   

 
Price & Availability of LM190E05-SL01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X