Part Number Hot Search : 
HA3R150B IDTQS DS2746 50N03 0441106 SC314 AOB409L SFH4050
Product Description
Full Text Search
 

To Download IN74HCT163A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HCT163A presettable counters high-performance silicon-gate cmos ordering information in74hc t 163an pl ast i c in74hc t 163ad soic t a = -55 t o 125 c for all packages the in74hc t 163a i s i d ent i cal i n pi nout t o t h e ls/ a ls163. the in74hct163 m a y be used as a level converter for interfacing ttl or nm os out put s t o hi gh speed c m os i nput s. the in74hc t 163a i s program m a bl e 4-bi t sy nchronous count er t h at feat ure paral l e l load, sy nchronous r e set , a c a rry out put for cascadi ng and count -enabl e cont rol s . the in74hc t 163a i s bi nary count er wi t h sy nchronous r e set . ? ttl/nmos com p atible input levels ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 4.5 t o 5.5 v ? low input c u rrent : 1.0 a logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s r e s e t l o a d e n a b l e p enable t c l ock q 0 q 1 q 2 q 3 f u n c t i o n l x x x l l l l reset t o ?0? h l x x p0 p1 p2 p 3 p r e s e t data h h x l no change no count h h l x no change no count h h h h c ount u p c ount x x x x no change no count pin assignment x=don?t care p0,p1,p2,p3 = l ogi c l e vel of dat a i nput s rip p l e carry ou t = en ab le t ? q0 ? q1 ? q2 ? q3 rev. 00
IN74HCT163A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 4.5 5.5 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) 0 500 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HCT163A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 4.5 5.5 2.0 2.0 2.0 2.0 2.0 2.0 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 4.5 5.5 0.8 0.8 0.8 0.8 0.8 0.8 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih or v il ? i out ? 20 a 4.5 5.5 4.4 5.4 4.4 5.4 4.4 5.4 v v in =v ih or v il ? i out ? 6.0 m a 4.5 3 . 9 8 3 . 8 4 3 . 7 v ol m a x i mu m l o w - level out put vol t a ge v in =v ih or v il ? i out ? 20 a 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih or v il ? i out ? 6.0 m a 4.5 0 . 2 6 0 . 3 3 0 . 4 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 5.5 4 . 0 4 0 1 6 0 a ? i cc ad d itio n a l qu iescen t suppl y c u rrent v in = 2.4 v, any one input v in =v cc or gnd, ot her input s -55 c 2 5 c to 125 c ma i out =0 a 5.5 2 . 9 2 . 4 rev. 00
IN74HCT163A ac electrical characteristics (v cc =5.0 v 10%, c l =50pf,input t r =t f =6.0 ns) g u a r a n t e e d lim i t sym b o l p a r a m e t e r 25 c to -55 c 85 c 125 c un it f ma x m a xi m u m c l ock frequency (fi gures 1,6) 30 24 20 m h z t plh m a xi m u m propagat i on del a y , c l ock t o q 34 43 51 ns t phl (fi gures 1,6) 41 51 62 ns t plh m a xi m u m propagat i on del a y , enabl e t t o r i ppl e c a rry out (fi gures 2,6) 3 2 4 0 4 8 n s t phl 3 9 4 9 5 9 n s t plh m a xi m u m propagat i on del a y , c l ock t o r i ppl e 35 44 53 ns t phl c a rry out (fi gures 1,6) 43 54 65 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put , (fi gures 1 and 6) 1 5 1 9 2 2 n s c in m a xi m u m input c a paci t a nce 10 10 10 pf power di ssi pat i on c a paci t a nce (per gat e ) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc + ? i cc v cc 6 0 p f timing requirements (v cc =5.0 v 10%, c l =50pf,input t r =t f =6.0 ns) g u a r a n t e e d lim i t sym b o l p a r a m e t e r 25 c to -55 c 85 c 125 c unit t su m i ni m u m set up ti m e , preset dat a input s t o c l ock (fi gure 4) 3 0 3 8 4 5 n s t su m i ni m u m set up ti m e , load t o c l ock (fi gure 4) 27 34 41 ns t su m i ni m u m set up ti m e , r e set t o c l ock (fi gure 3) 32 40 48 ns t su minim u m setup tim e , enable t or enable p to c l ock (fi gure 5) 4 0 5 0 6 0 n s t h m i ni m u m hol d ti m e , c l ock t o preset dat a input s (fi gure 4) 1 0 1 3 1 5 n s t h m i ni m u m hol d ti m e , c l ock t o load (fi gure 4) 3 3 3 ns t h m i ni m u m hol d ti m e , c l ock t o r e set (fi gure 3) 3 3 3 ns t h m i ni m u m hol d ti m e , c l ock t o enabl e t or enabl e p (fi gure 5) 3 3 3 n s t rec m i ni m u m r ecovery ti m e , load inact i v e t o c l ock (fi gure 4) 2 5 3 1 3 8 n s t w m i ni m u m pul s e w i dt h, c l ock (fi gure 1) 16 20 24 ns t w m i ni m u m pul s e w i dt h, r e set (fi gure 4) 16 20 24 ns t r, t f m a xi m u m input r i se and fal l ti m e s (fi gure 1) 500 500 500 ns rev. 00
IN74HCT163A fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms fi gure 3. sw i t chi n g waveforms fi gure 4. sw i t chi n g waveforms fi gure 5. sw i t chi n g waveforms figure 6. test circuit rev. 00
IN74HCT163A v cc =pi n 16 gnd=pin 8 the fl i p -fl ops shown i n t h e ci rcui t di agram s are toggl e-enabl e fl i p -fl ops. a toggl e-enabl e fl i p -fl op i s a com b i n at i on of a d fl i p -fl op and a t fl i p -fl op. w h en l o adi ng dat a from preset i nput s p0, p1, p2, and p3, t h e load si gnal i s used t o di sabl e t h e toggl e i nput (tn) of t h e fl i p -fl op. the l ogi c l e vel at t h e pn i nput i s t h en cl ocked t o t h e q out put of t h e fl i p -fl op on t h e next ri si ng edge of t h e cl ock. a l ogi c zero on t h e r e set devi ce i nput forces t h e i n t e rnal cl ock (c ) hi gh and reset s t h e q out put of t h e fl i p -fl op lo w. fi gure 7.e x panded l ogi c di agram rev. 00
IN74HCT163A seq u e n ce illu strated in wav e fo rm s: 1. r e set out put s t o zero. 2. preset to binary twelve. 3. c ount t o t h i r t een, fourt een, fi ft een, zero, one, and t w o. 4. inhi bi t . fi gure 8. t i mi ng di agram rev. 00
IN74HCT163A typical applications cascading note:w hen used in these cascaded confi gurat i ons t h e cl ock f ma x guarant eed l i m i t s m a y not appl y . act u al p e rfo rm an ce will d e p e n d o n n u m b e r o f stag es. th is lim itatio n is d u e to set u p tim es b e tween en ab le (port ) and cl ock. figure 9. n-bit synchronous counters figure 10. nibble ripple counter rev. 00
IN74HCT163A n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HCT163A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X