Part Number Hot Search : 
BR108 N5333 FQI11N40 BZT03D15 330M2 PST7042M FR151 6270M
Product Description
Full Text Search
 

To Download HZC042501111201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  safesite ? atex led area light mechanical information: container dimensions: 15 x 16 x 10 381mm x 407mm x 254mm container weight: 19 lbs (8.2 kg) mounting: threaded 1 npt on 3 sides of splice box electrical specifications: operating voltage: 100-277 vac, 50/60 hz ( dc versions available - consult factory) power consumption : 100w amps: 0.83 operating temp: -40of to +133of (-40oc to +55oc) harmonics: iec 6100-3-2 surge / lightning 1 kv line to line protection: 2 kv line to ground thd: <15% (277vac) <10% (230/240vac) <5% (120vac) power factor: > 0.9 material: lens: uv stabilized polycarbonate with enhanced abrasive resistance body: grey powder coated aluminum heat sink: grey powder coated aluminum accessories (hardware): stainless steel photometric information: cri (typ): 70 cct: 4500-7000k patents pending certifications & ratings: w 3 g ex na ii t4 (incorporates wire cage) w 3 d td b22 ip66 t1 (incorporates wire cage) w certified to nema 4x w ce compliant w ip66 rated features & benefits: w low power consumption w instant on/off response w weather/corrosion resistant lamp assembly and housing w universal input (100-277 vac), 50/60 hz w resistant to shock (iec 68-2-27) and vibration (faa 150/5345-46c) w 5 year warranty w 70% lumen maintenance over 60,000 operating hours application: dialight introduces the new state of the art fixture for hazardous location lighting. its rugged solid state design creates a new era where failed lamps and expensive relamping costs become a thing of the past. this light incorporates both cutting edge led technology along with proprietary optics to achieve area lighting comparable with other traditional light sources. by focusing the light where it is needed, the safesite series is the most efficient light source available for hazardous area lighting applications. whether your application is in a refinery, oil platform, chemical plant or any other atex zone 2 or 22 application, this fixture offers improved performance across the board. order codes: dimensions in inches [mm] safesite atex 150 series hzc041501111201 atex cert - 180 degree hzc041501111301 atex cert - 360 degree safesite atex 250 series HZC042501111201 atex cert - 180 degree hzc042501111301 atex cert - 360 degree www.dialight.com
ies files: available at www.dialight.com light measurement data back to back 360 degree pattern 360 degree pattern 150 series 250 series atex 150 series atex 250 series 2 www.dialight.com
safesite ? led area light mounting brackets - single units stanchion mount bracket pipe mount clamp kit pipe mount clamp kit order code: hzc-3003 (includes hzc-3001) dimensions in inches [mm] 180 o adjustable swing mount bracket swing mount bracket order code: hzc-3001 3 www.dialight.com stanchion mount bracket order code: hzc-3000
safesite ? led area light mounting brackets - dual units dual pendant mount bracket dual stanchion mount bracket dual stanchion mount bracket order code: hzc-3002-150 dual pendant mount bracket order code: hzc-3002 dimensions in inches [mm] mdtfhzceu001_c 4 www.dialight.com dialight reserves the right to make changes at any time in order to supply the best product possible. the most current version of this document will always be available at: http://www.dialight.com/assets/brochures_and_catalogs/illumination/mdtfhzceu001.pdf


▲Up To Search▲   

 
Price & Availability of HZC042501111201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X