Part Number Hot Search : 
T89C51 T1613 C2518 SMF12 BCP68 CT244 SMF12 BCP56T3
Product Description
Full Text Search
 

To Download F1740-5550545055585458 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f1740-5550 and f1740-5558 vishay roederstein www.vishay.com to contact us: rfi@vishay.com document number 27008 94 revision 02-oct-00 suppression capacitors (quadripole) class x1/y2 ac 275v/250v dimensions in mm capacitance capacitance rated dimensions weight quantity ordering current* d x l package code** x-value y-value at + 40 c (mm) (g) (pcs) 0.022 fx1 2 x 2700 pfy2 4 amps* 14 x 35 12.3 400 f1740-322-5550 0.027 fx1 2 x 2700 pfy2 4 amps* 14 x 35 12.8 400 f1740-327-5550 0.033 fx1 2 x 2700 pfy2 4 amps* 14 x 35 12.8 400 f1740-333-5550 0.047 fx1 2 x 2700 pfy2 4 amps* 14 x 35 13.6 400 f1740-347-5550 0.068 fx1 2 x 2700 pfy2 4 amps* 14 x 35 13.6 400 f1740-368-5550 0.1 fx1 2 x 2700 pfy2 4 amps* 16 x 35 16.7 300 f1740-410-5550 0.15 fx1 2 x 2700 pfy2 4 amps* 18 x 35 20.2 250 f1740-415-5550 0.22 fx1 2 x 2700 pfy2 4 amps* 20 x 35 25.1 250 f1740-422-5550 0.27 fx1 2 x 2700 pfy2 4 amps* 20 x 50 32.0 200 f1740-427-5550 0.33 fx1 2 x 2700 pfy2 4 amps* 20 x 50 33.0 200 f1740-433-5550 0.47 fx1 2 x 2700 pfy2 4 amps* 25 x 50 47.2 150 f1740-447-5550 0.027 fx1 2 x 4700 pfy2 4 amps* 14 x 35 12.8 400 f1740-327-5558 0.033 fx1 2 x 4700 pfy2 4 amps* 14 x 35 12.8 400 f1740-333-5558 0.047 fx1 2 x 4700 pfy2 4 amps* 14 x 35 12.9 400 f1740-347-5558 0.068 fx1 2 x 4700 pfy2 4 amps* 14 x 35 13.1 400 f1740-368-5558 0.1 fx1 2 x 4700 pfy2 4 amps* 16 x 35 16.2 300 f1740-410-5558 0.15 fx1 2 x 4700 pfy2 4 amps* 18 x 35 20.2 250 f1740-415-5558 0.22 fx1 2 x 4700 pfy2 4 amps* 20 x 35 25.1 250 f1740-422-5558 0.27 fx1 2 x 4700 pfy2 4 amps* 20 x 50 32.0 200 f1740-427-5558 0.33 fx1 2 x 4700 pfy2 4 amps* 20 x 50 33.0 200 f1740-433-5558 0.47 fx1 2 x 4700 pfy2 4 amps* 25 x 50 47.2 150 f1740-447-5558 d 0.5 technical data: see page 73 (document number 27001) terminals: y-contacts as metal tag with a hole of ?5.3mm (?4.3mm on request) x-connection as: insulated stranded copper wire, type liy 0.5mm 2 (or awg 20) ends stripped and tinned, or insulated solid copper wire, type yv (d = 0.8mm) on request. coating: cylindrical plastic case, epoxy resin sealed, flame retardant, ul-class 94v-0 rated current: 4 a: 0.5 mm 2 (or awg 20) 6 a: 0.75 mm 2 (or awg 18) 16 a: 1.5 mm 2 (or awg 16) rated voltage: ac 275v, 50/60hz ? x1 ac 250v, 50/60hz ? y2 115 + 10 5 + 2 y = metal tag circuit diagram: black black 2 l + 2 black blue *higher rated current on request. **with mark, the ordering code is f1740 - . . . - 545. blue blue black blue 9 0.8 19 + 3 ?5.3
f1740-5550 and f1740-5558 vishay roederstein document number 27008 to contact us: rfi@vishay.com www.vishay.com revision 02-oct-00 95 insertion loss (average) of 1740-5550/5450 class x1y2. measurement at 60 ? -system x = leads 50mm y = metal tag approvals supp. cap. (quadripole) class x1/y2 ac 275v/250v country specification electrical values approval reference approval mark u.s.a. 0.022 fx - 0.47 fx (for ac 250v) + 2 x 2700 pfy - 2 x 0.027 fy cb test-certificate ch 676-a1 switzerland en 132 400, 0.022 fx1 - 0.47 fx1 (for ac 275/250v) iec 60384-14, 2nd edition + 2 x 2700 pfy2 - 2 x 0.027 fy2 this approval mark together with the cb-certificate replace all national approval marks of the following countries (they have already signed the cb-agreement): austria belgium denmark finland sweden france germany ireland italy switzerland netherlands israel portugal spain great britain japan norway china poland czech. republic singapore rep. of korea hungary iceland slovenia 0.022 fx1 - 0.47 fx1 + 2 x 2700 pfy2 - 2 x 0.027 fy2 96.1 10036.02 80 70 60 50 40 30 20 10 0 db a 0.01 0.05 0.1 0.5 1.0 5.0 10 50 100 f [mhz] 0.15 f 0.22 f 0.1 f 0.068 f 0.047 f 0.027 f 2 x 2700 f ul 1283 e 76297


▲Up To Search▲   

 
Price & Availability of F1740-5550545055585458

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X