Part Number Hot Search : 
MJE15029 00B6T M450V MAX40 TJ431 MCP6541R 150JE X1637
Product Description
Full Text Search
 

To Download BAV20WS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30119 rev. 11 - 2 1 of 3 bav19ws - bav21ws www.diodes.co m ? diodes incorporated bav19ws - bav2 1ws surface mo unt fast swi tching diode case: sod-323 case material: molded plastic. ul flammabili ty classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c terminal connections: cathode band, see page 2 terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). bav19ws marking: a8 or t2 or t3 bav20ws marking: t2 or t3 bav21ws m arking: t3 weight: 0.004 grams (approx.) mechanical data characteristic symbol bav19ws bav20ws bav21ws unit repetitive peak revers e voltage v rrm 120 200 250 v working peak revers e voltage dc blocking voltage v rwm v r 100 150 200 v rms reverse voltage v r (rms) 71 106 141 v forward continuous cur rent (note 1) i fm 400 ma average rectified output curr ent (note 1) i o 200 ma non-repetitive peak forwar d surge current @ t = 1.0 m s @ t = 1.0s i fsm 2.5 0.5 a repetitive peak forward surge cur rent i frm 625 ma power dissipation p d 200 mw thermal resistance j unction to ambient air (note 1) r q ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified note: 1. part mounted on fr-4 pc board with recomm ended pad layout, which can be found on our website at http: //www.diodes.com/datasheets/ap02001.pdf . 2. short durat ion pulse test used to minimize self-heating effect. 3. no purposefully added lead. characteristic symbol min max unit test condition reverse break down voltage (note 2) bav19ws bav20ws bav21ws v (br)r 120 200 250 ? v i r = 100 m a forward voltage v f ? 1.0 1.25 v i f = 100ma i f = 200ma peak reverse cur rent @ rated dc blocking voltage (note 2) i r ? 100 15 na m a t j = 25 c t j = 100 c total capacitance c t ? 5.0 pf v r = 0, f = 1.0mhz reverse rec overy t ime t rr ? 50 ns i f = i r = 30ma, i rr = 0.1 x i r , r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified fast switching speed surface mount package ideally suited for automatic inser tion for general purpos e switching applications high conductance lead free /rohs co mpliant (note 3 ) qualified t o aec-q101 standards f or high reliability a b c d e g h j sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical a 0 8 all dimensions in m m features
notes: 4. for packaging details, go to our website at: htt p://www.diodes.com/datasheets/ap02007. pdf. ds30119 rev. 11 - 2 2 of 3 bav19ws - bav21ws www.diodes.co m 0 .0 0 1 0 .0 1 0 .1 1 0 0 .4 0 .2 0 . 6 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f v , in s t a n t a n e o u s f o rw a r d v o l t a g e ( v ) f f ig . 1 t y p ic a l f o r w a r d c h a r a c te r is ti c s 0 .8 1 .2 1 .0 1 .4 t = 0 oc a t = 1 5 0 oc a t = - 4 0 oc a t = 2 5 oc a t = 7 5 oc a t = 1 2 5 oc a 0 .0 0 0 1 0 .0 1 0 .0 0 1 0 .1 1 1 0 1 0 0 0 5 0 1 0 0 2 0 0 1 5 0 2 5 0 v , in s t a n t a n e o u s r e v e r s e v o l t a g e ( v ) r f ig . 2 t y p ic a l r e v e rs e c h a ra c te ri s ti c s t = - 4 0 oc a t = 2 5 oc a t = 7 5 oc a t = 1 2 5 oc a t = 1 5 0 oc a t = 0 oc a 0 . 0 0 . 5 1 . 0 1 . 5 3 . 5 3 . 0 2 . 5 2 . 0 4 . 0 0 1 0 2 0 4 0 3 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f i g . 3 t y p i c a l c a p a c i ta n c e v s . r e v e r s e vo l ta g e f = 1 . 0 m h z xx = product type marking code (see page 1) x x marking i nformat ion device packaging shipping bav19ws-7- f sod-323 3000/tape & reel bav20ws-7- f sod-323 3000/tape & reel bav21ws-7- f sod-323 3000/tape & reel orderi ng inform ation (note 4) 0 1 2 0 1 6 0 2 0 0 2 5 0 2 0 0 1 5 0 5 0 4 0 8 0 1 0 0 0 t , a m b i e n t t e m p e r at u r e ( c ) a f i g . 4 p o w e r d e r a t i n g c u r v e p , p o w e r d i s s i p a t i o n ( m w ) d n o t e 1
ds30119 rev. 11 - 2 3 of 3 bav19ws - bav21ws www.diodes.co m i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BAV20WS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X