Part Number Hot Search : 
473U7 N4733 74ACT04 EB13E2E LP141E2 T54FC SSH10N70 DTA11
Product Description
Full Text Search
 

To Download 5962F0150901V9A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 fn9001.4 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a registered trademark of intersil americas inc. copyright ? intersil americas inc. 2003, 2008. all rights reserved. all other trademarks mentioned are the property of their respective owners. is-1845asrh single event radiation hardened high speed, current mode pwm the is-1845asrh is designed to be used in switching power supplies operating in current-mode. the rising edge of the on-chip oscillator turns on the output. turn-off is controlled by the current sense comparator and occurs when the sensed current reaches a peak controlled by the error amplifier. constructed with intersil?s rad hard silicon gate (rsg) dielectrically isolated bicmos process, these devices are immune to single event latch- up and have been specifically designed to provide a high level of immunity to single event transients. all specified parameters are guaranteed and tested for 300krad(si) total dose performance. detailed electrical specifications for these devices are contained in smd 5962-01509. a ?hot-link? is provided on our website for downloading the smd. features ? electrically screened to dscc smd # 5962-01509 ? qml qualified per mil-prf-38535 requirements ? radiation environment - total dose. . . . . . . . . . . . . . . . . . . . . 300 krad(si) (max) - sel immune. . . . . . . . . . . . . . . . . dielectrically isolated - seu immune . . . . . . . . . . . . . . . . . . . . 35mev/mg/cm 2 - seu cross-section at 89mev/mg/cm 2 . . . . 5 x 10 -6 cm 2 ? low start-up current . . . . . . . . . . . . . . . . . . . 100a (typ) ? fast propagation delay . . . . . . . . . . . . . . . . . . 80ns (typ) ? supply voltage range . . . . . . . . . . . . . . . . . . . 12v to 20v ? high output drive. . . . . . . . . . . . . . . . . . . . 1a (peak, typ) ? undervoltage lockout . . 8.8v start (typ), 8.2v stop (typ) applications ? current-mode switch ing power supplies ? control of high current fet drivers ? motor speed and direction control tm pinouts is7-1845asrh (8 ld cdip2-t8 sbdip) top view is9-1845asrh (18 ld flatpack) top view notes: 1. grounding the comp pin does not inhibit the output. the output may be inhibited by applying >1.2v to the isense pin. 2. this part should be operated with c t = 3.3nf and r t = 10k timing components only. comp vfb isense rtct 1 2 3 4 8 7 6 5 vref vcc out gnd comp vfb nc nc nc isense rtct nc 3 4 5 6 7 8 9 217 16 15 14 13 12 11 10 vref vcc vc out nc gnd oscgnd nc nc 1 18 nc data sheet september 25, 2008 n o t r e c o m m e n d e d f o r n e w d e s i g n s r e c o m m e n d e d r e p l a c e m e n t p a r t i s l 7 8 8 4 x a r h
2 fn9001.4 september 25, 2008 ordering information ordering number internal mkt. number temp. range (c) package pkg. dwg. # 5962F0150901V9A is0-1845asrh-q -50 to +125 is0-1845asrh/sample is0-1845asrh/sample -50 to +125 5962f0150901vpc is7-1845asrh-q -50 to +125 8 ld sbdip d8.3 5962f0150901vpc is7-1845asrh-qs9000 -50 to +125 8 ld sbdip d8.3 5962f0150901qpc is7-1845asrh-8 -50 to +125 8 ld sbdip d8.3 5962f0150901qpc is7-1845asrh-8s9000 -50 to +125 8 ld sbdip d8.3 5962f0150901vxc is9-1845asrh-q -50 to +125 18 ld flatpack k18.b 5962f0150901vxc is9-1845asrh-qs9000 -50 to +125 18 ld flatpack k18.b 5962f0150901qxc is9-1845asrh-8 -50 to +125 18 ld flatpack k18.b is7-1845asrh/proto is7-1845asrh/proto -50 to +125 8 ld sbdip d8.3 is9-1845asrh/proto is9-1845asrh/proto -50 to +125 18 ld flatpack k18.3 typical performance curves figure 1. oscillator frequency vs r t and c t figure 2. maximum duty cycle vs r t 1 10 100 1 10 100 1k 10k r t timing resistance (k ) frequency (hz) c470pf c1000pf c2200pf c4700pf 0.1 1 10 100 0 20 40 60 80 100 r t timing resistance (k ) d max (%) d max is-1845asrh
3 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn9001.4 september 25, 2008 die characteristics die dimensions 3090m x 4080m (121.6 mils x 159.0 mils) thickness: 483m 25.4m (19 mils 1 mil) interface materials glassivation type: phosphorus silicon glass (psg) thickness: 8.0ka 1.0ka top metallization type: alsicu thickness: 16.0ka 2ka substrate radiation hardened silicon gate, dielectric isolation backside finish silicon assembly related information substrate potential unbiased (di) additional information worst case current density <2.0 x 10 5 a/cm 2 transistor count 582 metallization mask layout is-1845asrh notes: 3. both the gnd pads must be bonded to ground. 4. the out double-sized bond pad must be double bonded for current sharing purposes. 5. the oscgnd double-sized bond pad must be double bonded to ground for current sharing purposes. vfb comp vref vc vcc out gnd gnd oscgnd rtct isense is-1845asrh


▲Up To Search▲   

 
Price & Availability of 5962F0150901V9A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X