Part Number Hot Search : 
2SD42 BLM03 TPS543 MOC30 SF166C STA6610 ST6318 HF21F
Product Description
Full Text Search
 

To Download 595D687X-6W3R2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questi ons, contact: tantalum@vishay.com document number: 40007 78 revision: 04-sep-06 595d vishay sprague solid tantalum chip capacitors t antamount ? conformal coated, maximum cv features ? large capacitance rating range ? terminations: tin (2) standard ? 8 mm, 12 mm tape and reel packaging available per eia 481-1 and reeling per iec 286-3. 7" [178 mm] standard. 13" [330 mm] available. ? case code compatibility with eia 535baac and cecc30801 molded chips capacitance range: 0.1 f to 1500 f capacitance tolerance: 10 %, 20 % standard voltage rating: 4 wvdc to 50 wvdc performance characteristics operating temperature: - 55 c to + 85 c (to + 125 c with voltage derating) note: refer to doc. 40088 ordering information 595d 106 x0 010 a 2 t type capacitance capacitance tolerance dc voltage rating at + 85 c case code termination packaging this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. x0 = 20 % x9 = 10 % this is expressed in volts. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an "r" (6r3 = 6.3 volts). see ratings and case codes table 2 = 100 % tin 4 = gold plated 8 = solder plated (60/40) special order t = tape and reel 7" [178 mm] reel w = 13" [330 mm] reel see tape and reel specifications. dimensions in inches [millimeters] case code l (max.) w h a b d (ref.) j (max.) t 0.087 [2.2] 0.045 0.012 [1.1 0.3] 0.045 0.012 [1.1 0.3] 0.016 0.008 [0.4 0.2] 0.042 0.010 [1.07 0.25] 0.063 [1.6] 0.004 [0.1] s 0.126 0.008 [3.2 0.2] 0.067 0.008 [1.7 0.2] 0.051 0.008 [1.3 0.2] 0.031 0.012 [0.80 0.30] 0.078 0.012 [2.0 0.3] 0.086 [2.2] 0.004 [0.1] a 0.146 [3.7] 0.072 0.012 [1.8 0.3] 0.056 0.012 [1.4 0.3] 0.031 0.012 [0.80 0.30] 0.085 0.016 [2.2 0.4] 0.115 [2.9] 0.004 [0.1] b 0.158 [4.0] 0.110 + 0.012 - 0.016 [2.8 + 0.3 - 0.4] 0.075 + 0.012 - 0.024 [1.9 + 0.3 - 0.6] 0.031 0.012 [0.80 0.30] 0.097 0.016 [2.5 0.4] 0.138 [3.5] 0.004 [0.1] c 0.281 [7.1] 0.126 0.012 [3.2 0.3] 0.098 0.012 [2.5 0.3] 0.051 0.012 [1.3 0.30] 0.180 0.024 [4.6 0.6] 0.236 [6.0] 0.004 [0.1] g 0.205 0.016 [5.2 0.4] 0.144 0.016 [3.65 0.4] 0.087 [2.2] max 0.051 0.012 [1.3 0.3] 0.133 0.016 [3.4 0.4] 0.173 [4.4] 0.004 [0.1] h 0.205 0.016 [5.2 0.4] 0.181 0.016 [4.6 0.4] 0.078 [2.0] max 0.051 0.012 [1.3 0.30] 0.133 0.016 [3.4 0.4] 0.173 [4.4] 0.004 [0.1] d 0.293 [7.5] 0.170 0.012 [4.3 0.3] 0.110 0.012 [2.8 0.3] 0.051 0.012 [1.3 0.30] 0.180 0.024 [4.6 0.6] 0.253 [6.4] 0.004 [0.1] m 0.129 0.012 [3.3 0.3] 0.106 0.012 [2.7 0.3] 0.067 0.012 [1.7 0.3] 0.031 0.012 [0.80 0.3] 0.078 0.012 [2.0 0.3] 0.095 [2.5] 0.004 [0.1] r 0.283 [7.2] 0.235 0.012 [6.0 0.3] 0.136 0.012 [3.5 0.3] 0.051 0.012 [1.3 .30] 0.180 0.024 [4.6 0.6] 0.243 [6.2] 0.004 [0.1] note: the anode termination (d less b) wi ll be a minimum of 0.010" (0.3 mm). t case = 0.005" (0.13 mm) minimum. a v aila b le p b -free rohs * compliant note: preferred tolerance and r eel sizes are in bold. we reserve the right to supply higher volt age ratings and tighter capacit ance tolerance capacitors in the same case size. voltage substitutions will be mark ed with the higher voltage rating. l a b d max. ref. w j j h tantalum wire nib identifies anode (+) terminal * pb containing terminations are not rohs compliant, exemptions may apply
document number: 40007 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 04-sep-06 79 595d solid tantalum chip capacitors t antamount ? conformal coated, maximum cv vishay sprague ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 25 v 35 v 50 v 0.10 t 0.15 t 0.22 t 0.33 t a 0.47 t a a 0.68 t a a/b 1.0 t a a b 1.5 t a a/b c 2.2 t t/a a a b b/c 3.3 t t a b/c c c 4.7 t t a a/b b/c c 6.8 t a a/b b c c/d 10 t a a/b b b/c d d/r 15 a a a/b a/b b c c/d r 22 a/b a b/m b/c c/d d/r r 33 a/b s/a/b a/b b/c c/d r 47 a a/b b b/c c/d d/r r 68 a a/b b/c c/d d d/r 100 a/b b/c/m b/d c/d d/r r 120 c c d r r 150 b/c c/d d/r r 180 d d d/r r 220 c/d c/d/g/h c/d/r r 270 c/d r 330 c* c/d/r d/r r 390 d r r 470 c/r d/r r 560 r 680 d r r 1000 r r 1500 r * preliminary values, contac t factory for availability standard/extended ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz (ohms) max. ripple 100 khz irms (amps) 4 wvdc at+ 85 c, surge = 5.2 v . . . 2.7 wvdc at + 125 c, surge = 3.4 v 4.7 t 595d475x_004t2t 0.5 6 7.8 0.06 10 t 595d106x_004t2t 0.5 6 7.8 0.06 15 a 595d156x_004a2t 0.6 6 1.4 0.23 33 a 595d336x_004a2t 1.3 6 1.4 0.23 33 b 595d336x_004b2t 1.3 6 0.47 0.43 47 a 595d476x_004a2t 1.9 6 1.40 0.23 68 a 595d686x_004a2t 2.7 6 1.30 0.24 100 a 595d107x_004a2t 4.0 12 0.60 0.35 100 b 595d107x_004b2t 4.0 8 0.45 0.44 120 c 595d127x_004c2t 4.8 8 0.19 0.76 * preliminary values, contact factory for availability. for 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
595d vishay sprague solid tantalum chip capacitors t antamount ? conformal coated, maximum cv www.vishay.com for technical questi ons, contact: tantalum@vishay.com document number: 40007 80 revision: 04-sep-06 standard/extended ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz (ohms) max. ripple 100 khz irms (amps) 4 wvdc at + 85 c, surge = 5.2 v . . . 2.7 wvdc at + 125 c, surge = 3.4 v 150 b 595d157x_004b2t 6.0 8 0.45 0.44 150 c 595d157x_004c2t 6.0 8 0.18 0.78 180 d 595d187x_004d2t 7.2 8 0.14 1.04 220 c 595d227x_004c2t 8.8 8 0.18 0.78 220 d 595d227x_004d2t 8.8 8 0.14 1.04 270 c 595d277x_004c2t 10.8 8 0.17 0.80 270 d 595d277x_004d2t 10.8 8 0.13 1.07 330* c* 595d337x_004c2t* 13.2* 8* 0.17* 0.80* 390 d 595d397x_004d2t 15.6 8 0.13 1.07 470 c 595d477x_004c2t 18.8 10 0.16 0.83 470 r 595d477x_004r2t 18.8 10 0.13 1.39 680 d 595d687x_004d2t 27.2 12 0.13 1.07 1000 r 595d108x_004r2t 40.0 16 0.07 1.88 1500 r 595d158x_004r2t 60.0 20 0.07 1.88 6.3 wvdc at + 85 c, surge = 8 v . . . 4 wvdc at + 125 c, surge = 5 v 3.3 t 595d335x_6r3t2t 0.5 6 8.5 0.06 6.8 t 595d685x_6r3t2t 0.5 6 8.5 0.06 15 a 595d156x_6r3a2t 0.9 6 1.7 0.20 22 a 595d226x_6r3a2t 1.4 6 1.7 0.20 22 b 595d226x_6r3b2t 1.4 6 0.57 0.37 33 a 595d336x_6r3a2t 2.1 6 1.70 0.20 33 b 595d336x_6r3b2t 1.7 5 0.57 0.39 33 s 595d336x_6r3s2t 2.1 8 1.30 0.20 47 a 595d476x_6r3a2t 2.8 6 1.50 0.22 47 b 595d336x_6r3b2t 2.4 5 0.57 0.39 68 a 595d686x_6r3a2t 4.3 12 0.5 0.19 68 b 595d686x_6r3b2t 4.3 6 0.55 0.38 100 b 595d107x_6r3b2t 6.3 8 0.55 0.39 100 c 595d107x_6r3c2t 6.3 8 0.20 0.74 100 m 595d107x_6r3m2t 6.3 14 0.40 0.49 120 c 595d127x_6r3c2t 7.6 8 0.19 0.76 180 d 595d187x_6r3d2t 11.3 8 0.14 1.04 220 c 595d227x_6r3c2t 13.9 8 0.18 0.78 220 d 595d227x_6r3d2t 13.9 8 0.14 1.04 220 g 595d227x_6r3g2t 13.9 8 0.18 0.75 220 h 595d227x_6r3h2t 13.9 8 0.18 0.75 330 c 595d337x_6r3c2t 20.8 8 0.17 0.80 330 c 595d337x_6w3c2t 20.8 8 0.17 0.80 330 d 595d337x_6r3d2t 20.8 8 0.14 1.04 330 r 595d337x_6r3r2t 20.8 8 0.13 1.39 390 r 595d397x_6r3r2t 24.6 8 0.13 1.39 470 d 595d477x_6r3d2t 29.6 8 0.13 1.07 470 d 595d477x_6w3d2t 29.6 10 0.12 1.44 470 r 595d477x_6r3r2t 29.6 10 0.12 1.44 560 r 595d567x_6r3r2t 35.3 10 0.11 1.51 680 r 595d687x_6r3r2t 42.8 10 0.09 1.66 680 r 595d687x_6w3r2t 42.8 10 0.09 1.66 1000 r 595d108x_6r3r2t 63.0 16 0.07 1.88 1000 r 595d108x_6w3r2t 63.0 16 0.07 1.88 * preliminary values, contact factory for availability. for 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
document number: 40007 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 04-sep-06 81 595d solid tantalum chip capacitors t antamount ? conformal coated, maximum cv vishay sprague standard/extended ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz (ohms) max. ripple 100 khz irms (amps) 10 wvdc at + 85 c, surge = 13 v . . . 7 wvdc at + 125 c, surge = 8 v 2.2 t 595d225x_010t2t 0.5 6 8.6 0.06 4.7 t 595d475x_010t2t 0.5 6 8.6 0.06 10 a 595d106x_010a2t 1.0 6 1.9 0.19 15 a 595d156x_010a2t 1.5 6 1.8 0.20 15 b 595d156x_010b2t 1.5 6 0.67 0.35 22 a 595d226x_010a2t 2.2 6 1.80 0.20 33 a 595d336x_010a2t 3.3 8 3.0 0.16 33 b 595d336x_010b2t 3.3 6 1.90 0.21 47 b 595d476x_010b2t 4.7 6 0.65 0.35 68 b 595d686x_010b2t 6.8 6 0.65 0.36 68 c 595d686x_010c2t 6.8 6 0.24 0.68 100 b 595d107x_010b2t 10.0 12 0.4 0.46 100 d 595d107x_010d2t 8.0 7 0.15 1.00 120 d 595d127x_010d2t 12.0 8 0.14 1.04 150 c 595d157x_010c2t 15.0 8 0.22 0.71 150 d 595d157x_010d2t 15.0 8 0.14 1.04 180 d 595d187x_010d2t 18.0 8 0.38 0.63 180 r 595d187x_010r2t 18.0 8 0.13 1.39 220 c 595d227x_010c2t 22.0 8 0.20 0.74 220 d 595d227x_010d2t 22.0 8 0.14 1.04 220 r 595d227x_010r2t 22.0 8 0.13 1.39 270 r 595d277x_010r2t 27.0 8 0.13 1.39 330 d 595d337x_010d2t 33.0 8 0.14 1.04 330 r 595d337x_010r2t 33.0 8 0.13 1.39 390 r 595d397x_010r2t 39.0 8 0.12 1.44 470 r 595d477x_010r2t 47.0 8 0.12 1.44 680 r 595d687x_010r2t 68.0 14 0.09 1.66 16 wvdc at + 85 c, surge = 20 v . . . 10 wvdc at + 125 c, surge = 12 v 1.5 t 595d155x_016t2t 0.5 6 8.7 0.06 2.2 t 595d225x_016t2t 0.5 6 8.7 0.06 2.2 a 595d225x_010d2t 0.4 5 3.9 0.14 3.3 t 595d335x_016t2t 0.5 6 8.6 0.06 4.7 a 595d475x_016a2t 0.8 6 2.9 0.16 6.8 a 595d685x_016a2t 1.1 6 2.8 0.16 10 a 595d106x_016a2t 1.6 6 2.5 0.17 10 b 595d106x_016b2t 1.6 6 0.76 0.32 15 a 595d156x_016a2t 2.4 6 2.40 0.17 15 b 595d156x_016b2t 2.4 6 0.75 0.33 22 b 595d226x_016b2t 3.5 6 0.75 0.32 22 m 595d226x_016m2t 3.5 6 0.50 0.44 33 b 595d336x_016b2t 5.3 6 0.72 0.33 33 c 595d336x_016c2t 5.3 6 0.29 0.62 47 b 595d476x_016b2t 7.5 6 0.72 0.33 47 c 595d476x_016c2t 7.5 6 0.28 0.63 68 c 595d686x_016c2t 10.9 6 0.26 0.64 68 d 595d686x_016d2t 10.9 6 0.14 1.04 100 c 595d107x_016c2t 16.0 8 0.27 0.64 * preliminary values, contact factory for availability. for 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
595d vishay sprague solid tantalum chip capacitors t antamount ? conformal coated, maximum cv www.vishay.com for technical questi ons, contact: tantalum@vishay.com document number: 40007 82 revision: 04-sep-06 standard/extended ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz (ohms) max. ripple 100 khz irms (amps) 16 wvdc at + 85 c, surge = 20 v . . . 10 wvdc at + 125 c, surge = 12 v 100 d 595d107x_016d2t 16.0 8 0.14 1.04 120 r 595d127x_016r2t 19.2 8 0.14 1.34 150 d 595d157x_016d2t 24.0 8 0.14 1.04 150 r 595d157x_016r2t 24.0 8 0.13 1.39 180 r 595d187x_016r2t 28.8 8 0.13 1.39 220 r 595d227x_016r2t 35.2 8 0.12 1.44 330 r 595d337x_016r2t 52.8 14 0.11 1.51 20 wvdc at + 85 c, surge = 26 v . . . 13 wvdc at + 125 c, surge = 16 v 0.68 t 595d684x_020t2t 0.5 4 10.8 0.05 1.0 t 595d105x_020t2t 0.5 4 9.0 0.06 2.2 a 595d225x_020a2t 0.5 6 3.8 0.14 3.3 a 595d335x_020a2t 0.7 6 3.8 0.14 4.7 a 595d475x_020a2t 0.9 6 3.1 0.15 4.7 b 595d475x_020b2t 0.9 6 0.95 0.29 6.8 a 595d685x_020a2t 1.4 6 3.0 0.15 6.8 b 595d685x_020b2t 1.4 6 0.95 0.29 10 b 595d106x_020b2t 2.0 6 1.0 0.28 15 b 595d156x_020b2t 3.0 6 1.0 0.28 22 b 595d226x_020b2t 4.4 6 0.90 0.31 22 c 595d226x_020c2t 4.4 6 0.38 0.54 47 c 595d476x_020c2t 9.4 6 0.35 0.56 47 d 595d476x_020d2t 9.4 6 0.19 0.89 68 d 595d686x_020d2t 12.2 6 0.19 0.89 100 d 595d107x_020d2t 20.0 8 0.18 0.91 100 r 595d107x_020r2t 20.0 8 0.14 1.34 120 r 595d127x_020r2t 24.0 8 0.14 1.34 150 r 595d157x_020r2t 30.0 8 0.14 1.34 25 wvdc at + 85 c, surge = 32 v . . . 17 wvdc at + 125 c, surge = 20 v 0.47 t 595d474x_025t2t 0.5 4 13.5 0.05 1 a 595d105x_025a2t 0.4 4 4.2 0.13 1.5 a 595d155x_025a2t 0.5 6 3.8 0.14 2.2 a 595d225x_025a2t 0.6 6 3.8 0.14 3.3 b 595d335x_025b2t 0.8 6 1.9 0.21 4.7 c 595d475x_025c2t 1.3 5 0.68 0.40 6.8 b 595d685x_025b2t 1.7 6 1.5 0.23 10 b 595d106x_025b2t 2.5 6 1.5 0.23 10 c 595d106x_025c2t 2.5 6 0.57 0.44 15 c 595d156x_025c2t 3.8 6 0.56 0.44 22 c 595d226x_025c2t 5.5 6 0.50 0.47 22 d 595d226x_025d2t 5.5 6 0.28 0.73 33 c 595d336x_025c2t 8.3 6 0.45 0.49 33 d 595d336x_025d2t 8.3 6 0.27 0.75 47 d 595d476x_025d2t 11.8 6 0.26 0.76 47 r 595d476x_025r2t 11.8 6 0.20 1.12 68 d 595d686x_025d2t 17.0 8 0.26 0.76 68 r 595d686x_025r2t 17.0 6 0.20 1.12 100 r 595d107x_025r2t 25.0 8 0.20 1.12 * preliminary values, contact factory for availability. for 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
document number: 40007 for technical questions, contact: tantalum@vishay.com www.vishay.com revision: 04-sep-06 83 595d solid tantalum chip capacitors t antamount ? conformal coated, maximum cv vishay sprague standard/extended ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz (ohms) max. ripple 100 khz irms (amps) 35 wvdc at + 85 c, surge = 46 v . . . 23 wvdc at + 125 c, surge = 28 v 0.33 t 595d334x_035t2t 0.5 4 14.4 0.05 0.47 a 595d474x_035a2t 0.5 4 4.3 0.13 0.68 a 595d684x_035a2t 0.5 4 4.2 0.13 1.0 a 595d105x_035a2t 0.5 4 4.1 0.13 1.5 a 595d155x_035a2t 0.5 6 3.8 0.14 1.5 b 595d155x_035b2t 0.5 6 2.8 0.17 2.2 b 595d225x_035b2t 0.8 6 2.3 0.19 3.3 c 595d335x_035c2t 1.2 6 0.75 0.38 4.7 b 595d475x_035b2t 1.6 6 2.2 0.19 4.7 c 595d475x_035c2t 1.6 6 0.66 0.41 6.8 c 595d685x_035c2t 2.4 6 0.63 0.42 10 d 595d106x_035d2t 3.5 6 0.43 0.59 15 c 595d156x_035c2t 5.3 6 0.60 0.43 15 d 595d156x_035d2t 5.3 6 0.41 0.60 22 d 595d226x_035d2t 7.7 6 0.32 0.68 22 r 595d226x_035r2t 7.7 6 0.28 0.94 33 r 595d336x_035r2t 11.6 6 0.28 0.94 47 r 595d476x_035r2t 16.5 6 0.28 0.94 50 wvdc at + 85 c, surge = 65 v . . . 33 wvdc at + 125 c, surge = 38 v 0.10 t 595d104x_050t2t 0.5 4 22.5 0.04 0.15 t 595d154x_050t2t 0.5 4 18.0 0.04 0.22 t 595d224x_050t2t 0.5 4 15.3 0.04 0.33 a 595d334x_050a2t 0.5 4 8.1 0.09 0.47 a 595d474x_050a2t 0.5 4 7.2 0.10 0.68 a 595d684x_050a2t 0.5 4 6.1 0.11 0.68 b 595d684x_050b2t 0.5 4 5.4 0.12 1.0 b 595d105x_050b2t 0.5 4 5.0 0.13 1.5 c 595d155x_050c2t 0.8 6 1.8 0.25 2.2 b 595d225x_050b2t 1.1 6 3.2 0.16 2.2 c 595d225x_050c2t 1.1 6 1.7 0.25 3.3 c 595d335x_050c2t 1.7 6 1.6 0.26 4.7 c 595d475x_050c2t 2.4 6 1.4 0.28 6.8 c 595d685x_050c2t 3.4 6 1.3 0.29 6.8 d 595d685x_050d2t 3.4 6 0.82 0.43 10 d 595d106x_050d2t 5.0 6 0.80 0.43 10 r 595d106x_050r2t 5.0 6 0.65 0.62 15 r 595d156x_050r2t 7.5 6 0.40 0.79 22 r 595d226x_050r2t 11.0 6 0.39 0.80 * preliminary values, contact factory for availability. for 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".
595d vishay sprague solid tantalum chip capacitors t antamount ? conformal coated, maximum cv www.vishay.com for technical questi ons, contact: tantalum@vishay.com document number: 40007 84 revision: 04-sep-06 typical curves at + 25 c, impedance and esr vs. frequency "t" case 10000 1000 100 10 1.0 impedance esr 0.1 f, 50 vdc 3.3 f, 6.3 vdc ohms frequency in hertz 100 1k 10k 100k 1m 10m "a" case 1000 100 10 1.0 0.1 ohms impedance esr 1 f, 35 vdc 15 f, 6.3 vdc frequency in hertz 100 1k 10k 100k 1m 10m 100 1k 10k 100k 1m 10m ohms 1000 100 10 1 0.1 2.2 f, 35 vdc 22 f, 6.3 vdc impedance esr frequency in hertz "b" case "c" case ohms 100 10 1.0 0.1 0.01 impedance esr 10 f, 25 vdc frequency in hertz 100 f, 6.3 vdc 100 1k 10k 100k 1m 10m "d" case frequency in hertz 100 10 1.0 0.1 0.01 impedance esr 220 f, 6.3 vdc ohms 22 f, 25 vdc 100 1k 10k 100k 1m 10m "r" case frequency in hertz ohms 100 10 1.0 0.1 0.01 impedance esr 33 f, 35 vdc 390 f, 6.3 vdc 100 1k 10k 100k 1m 10m
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of 595D687X-6W3R2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X