Part Number Hot Search : 
MC163 L7113PBD 9N50C AS4420MU AS4420MU LM2402 12025 2VEHA
Product Description
Full Text Search
 

To Download 44472-0650 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/21/2010 please check www.molex.com for latest part information part number: 0444720650 status: active description: 4.20mm (.165") pitch mini-fit hcs? header, dual row, vertical, with snap-in plastic peg pcb lock, 6 circuits, pa polyamide nylon 6/6 94v-2, without drain holes documents: 3d model product specification ps-44476-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) packaging specification (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 44472 application wire-to-board comments square pin|solder type product name mini-fit hcs? physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin natural durability (mating cycles max) 30 flammability 94v-2 glow-wire compliant no material - metal high performance alloy (hpa) material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation vertical pcb locator yes pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.80 mm packaging type tray pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm plating min: mating (in) 101.6 plating min: mating (m) 2.54 plating min: termination (in) 101.6 plating min: termination (m) 2.54 polarized to pcb yes shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 11a voltage - maximum 600v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44472 series mates with 5557d
solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number a-44472-0650 reference - drawing numbers product specification ps-44476-001, rps-44476-001 sales drawing sda-44472-**** this document was generated on 04/21/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 44472-0650

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X