Part Number Hot Search : 
2SB1420 1FM44 LT1033CP 128K8 LC96P STD83 PEB20954 MCDK21
Product Description
Full Text Search
 

To Download 2SK3648-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 to-220ab item symbol ratings unit drain-source voltage v ds 150 v dsx *5 120 continuous drain current i d 33 pulsed drain current i d(puls] 132 gate-source voltage v gs 30 repetitive or non-repetitive i ar *2 33 maximum avalanche energy e as *1 169 maximum drain-source dv/dt dv ds /dt *4 20 peak diode recovery dv/dt dv/dt *3 5 max. power dissipation p d ta=25 c 2.02 tc=25 c 150 operating and storage t ch +150 temperature range t stg electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2SK3648-01 fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators ups (uninterruptible power supply) dc-dc converters maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =150v v gs =0v v ds =120v v gs =0v v gs =30v i d =11.5a i d =11.5a v ds =25v v cc =48v i d =11.5a v gs =10v r gs =10 ? min. typ. max. units v v a na m ? s pf nc a v ns c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 0.833 62.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d =250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =75v v gs =0v f=1mhz v cc =48v i d =23a v gs =10v l=228 h t ch =25c i f =23a v gs =0v t ch =25c i f =23a v gs =0v -di/dt=100a/s t ch =25c v v a a v a mj kv/s kv/s w c c 150 3.0 5.0 25 250 10 100 54 70 816 1150 1730 200 300 17 26 13 20 15 23 34 51 15 23 34 51 9 13.5 12.5 19 33 1.10 1.65 130 0.6 -55 to +150 outline drawings [mm] *3 i f =-i d , -di/dt=50a/s, vcc=bv dss , tch=150c < << equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series v gs =10v 200304 *1 l=228h, vcc=48v,tch=25c, see to avalanche energy graph *2 tch=150c < *4 v ds 150v *5 v gs =-30v = <
2 characteristics 2SK3648-01 fuji power mosfet id=f(vgs):80s pulse test, vds=25v,tch=25c id=f(vds):80s pulse test,tch=25c gfs=f(id):80s pulse test, vds=25v,tch=25c rds(on)=f(id):80s pulse test, tch=25c 0123456 0 10 20 30 40 50 20v 7.0v 10v 8v 6.5v 7.5v 6.0v id [a] vds [v] typical output characteristics vgs=5.5v 012345678910 0.1 1 10 100 id[a] vgs[v] typical transfer characteristic 0.1 1 10 100 0.1 1 10 100 gfs [s] id [a] typical transconductance 0 5 10 15 20 25 30 35 40 45 50 0.00 0.05 0.10 0.15 0.20 0.25 0.30 7.0v 6.5v rds(on) [ ? ] id [a] typical drain-source on-state resistance 10v 20v 8v 7.5v 6.0v vgs= 5.5v -50 -25 0 25 50 75 100 125 150 0 20 40 60 80 100 120 140 160 180 200 rds(on) [ m ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=11.5a,vgs=10v 0 255075100125150 0 25 50 75 100 125 150 175 200 allowable power dissipation pd=f(tc) pd [w] tc [ c]
3 2SK3648-01 fuji power mosfet vgs=f(qg):id=23a, tch=25c if=f(vsd):80s pulse test,tch=25c t=f(id):vcc=48v, vgs=10v, rg=10 ? 0 5 10 15 20 25 30 35 40 45 50 0 2 4 6 8 10 12 14 qg [c] typical gate charge characteristics vgs [v] 72v 48v vcc= 36v 10 -1 10 0 10 1 10 2 10p 100p 1n 10n c [f] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0.1 1 10 100 if [a] vsd [v] typical forward characteristics of reverse diode 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 typical switching characteristics vs. id td(on) tr tf td(off) t [ns]  ?"$ 0 25 50 75 100 125 150 0 100 200 300 400 500 i as =14a i as =33a i as =20a e as [mj] starting tch [ c] maximum avalanche energy vs. starting tch e as =f(starting tch):vcc=48v -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=1ma vgs(th) [v] tch [ c]
4 2SK3648-01 fuji power mosfet http://www.fujielctric.co.jp/denshi/scd/ 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current pulsewidth i av =f(t av ):starting tch=25 c,vcc=48v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [c/w] t [sec]


▲Up To Search▲   

 
Price & Availability of 2SK3648-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X