Part Number Hot Search : 
MSM7662 LA4742 62NS04 0B6TR H3500 EL5175IY 55NF03 WF201
Product Description
Full Text Search
 

To Download 1N4448WS-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30096 rev. 8 - 2 1 of 3 1n4448ws www.diodes.co m ? diodes incorporated 1n4448ws surface mo unt fast swi tching diode features case: sod-323 case material: molded plastic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j- std-020c leads: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe ). polarity: cathode band marking: see page 2 type code: t5 weight: 0.004 grams (approximate) mechanical data a b c d e g h j characteristic symbol value unit non-repetitive peak revers e voltage v rm 100 v peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r (rms) 53 v forward continuous cur rent i fm 500 ma average rectified output curr ent i o 250 ma non-repetitive peak forward surge curr ent @ t = 1.0 m s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 2) p d 200 mw thermal resistance j unction to ambient air (note 2) r q ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified notes: 1. short durat ion test pulse used to minimize self-heating. 2. part mounted on fr-4 pc board with minimum recomm ended pad layouts, which can be found on our website at http://w ww /diod es.c om/ datasheets /ap02001. pdf . 3. no purposefully added lead. characteristic symbol min max unit test condition reverse break down voltage (note 1) v (br)r 75 ? v i r = 2.5 m a forward voltage v fm 0.62 ? ? ? 0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma peak revers e current (note 1) i rm ? 2.5 50 30 25 m a m a m a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 4.0 pf v r = 0, f = 1.0mhz reverse rec overy t ime t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 w electri cal character isti cs @ t a = 25 c unless otherwise s pecified fast switching speed ultra-small surface mount package for general purpos e switching applications high conductance lead free/ rohs compliant (note 3) qualified t o aec-q101 standards f or high reliability sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical a 0 8 all dimensions in m m
ds30096 rev. 8 - 2 2 of 3 1n4448ws www.diodes.co m 0 1 0 0 3 0 0 0 2 5 5 0 7 5 1 2 5 1 2 5 1 5 0 p p o w e r d i s s i p a t i o n ( m w ) , d a m b i e n t t e m p e r a t u r e ( c ) f i g . 1 f o r w a r d c u r r e n t d e r a t i n g c u r v e 2 0 0 1 0 1 0 0 1 0 . 1 0 1 0 0 0 8 0 0 2 0 0 4 0 0 6 0 0 i , f o r w a r d c u r r e n t ( m a ) f v , f o r w a r d v o l t a g e ( m v ) f f i g . 2 ty p i c a l f o r w a r d c h a r a c t e r i s t i c s t a = - 3 0 c t a = 5 0 c t a = 0 c t a = 8 5 c t a = 2 5 c t 5 c a t h o d e b a n d t y p e c o d e marking i nformat ion notes: 4. for packaging details, go to our website at http: //www.diodes.com/ datasheets /ap02007. pdf . device packaging shipping 1N4448WS-7-F sod-323 3000/tape & reel orderi ng inform ation (note 4) 0 . 1 0 1 . 0 1 0 . 0 0 . 0 1 0 . 0 0 1 0 2 0 4 0 6 0 8 0 v , r e v e r s e v o l t a g e ( v ) r f i g . 3 ty p i c a l r e v e r s e c h a r a c t e r i s t i c s t a = 1 0 0 c t a = 0 c t a = 7 5 c t a = 5 0 c t a = 2 5 c t a = - 3 0 c 0 4 6 8 2 1 0 i , f o r w a r d c u r r e n t ( m a ) f f i g . 4 r e v e r s e r e c o v e r y tim e v s . f o r w a r d c u r r e n t t , r e v e r s e r e c o v e r y t i m e ( n s ) r r 0 0 . 5 1 . 0 1 . 5 2 . 0 2 . 5
ds30096 rev. 8 - 2 3 of 3 1n4448ws www.diodes.co m 0 4 3 2 5 1 6 v , r e v e r s e v o l t a g e ( v ) r f ig . 5 t o ta l c a p a c ita n c e v s . r e v e r s e v o lta g e c , t o t a l c a p a c i t a n c e ( p f ) t 0 1 2 3 4 f = 1 m h z i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of 1N4448WS-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X