Part Number Hot Search : 
C1510 09231 200AB PUMD6 32M10 T24C0 CH490DPT RFP4668
Product Description
Full Text Search
 

To Download 0791098657 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/18/2010 please check www.molex.com for latest part information part number: 0791098657 status: active description: 2.00mm (.079") pitch milli-grid? receptacle, surface mount, vertical, top/bottom entry, with press-fit plastic pegs, with cap, embossed tape on reel, 0.76m (30") gold (au) selective, 16 circuits, leadfree documents: 3d model product specification ps-79107 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 79109 application board-to-board comments with cap product name milli-grid? physical circuits (loaded) 16 color - resin black, natural durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to mating part no polarized to pcb no surface mount compatible (smc) n/a temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 79109 series mates with 87833 , 87832 , 87831 , 87758 , 87759 , 87760
process temperature max. c 260 material info reference - drawing numbers product specification ps-79107 sales drawing sda-79109-**** this document was generated on 03/18/2010 please check www.molex.com for latest part information











▲Up To Search▲   

 
Price & Availability of 0791098657

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X