Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download 0754334114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0754334114 status: active overview: gbx_backplane_connector_system description: 1.85mm by 1.85mm (.073 by .073") pitch 3-pair gbx? backplane connector system, right guide header, 60 circuits, gold (au) 0.76m (30"), pin length 4.55mm (.179") documents: packaging specification (pdf) product specification ps-75221-999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family backplane connectors series 75433 application backplane application tooling documents tooling manual comments right guide header, keying position a component type pcb header overview gbx_backplane_connector_system product name gbx? style n/a physical circuits (loaded) 60 circuits (maximum) 60 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal high performance alloy (hpa), stainless steel material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of columns 10 number of pairs 3 number of rows 6 orientation vertical pc tail length (in) 0.087 in pc tail length (mm) 2.20 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.073 in pitch - mating interface (mm) 1.85 mm pitch - term. interface (in) 0.073 in pitch - term. interface (mm) 1.85 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 30 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75433 series mates with 75370 gbx? daughtercards application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # gbx? single pin repair tool 0622022090 gbx? shield removal tool 0622022100 gbx? 3 pair by 10 wide differential insertion tool 0622022510
plating min: termination (m) 0.76 polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating 105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 8.0 gbps real signals (per 25mm) 81 shield type ground plane shield shielded yes voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-70873-572 product specification ps-75221-999 sales drawing sd-75433-410 gbx is a registered trademark of amphenol corporation. this document was generated on 05/14/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0754334114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X