Part Number Hot Search : 
C1871 SC480 C2668 A103M IH534 PE4075 8550XLT1 2N5344A
Product Description
Full Text Search
 

To Download 0465577447 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/14/2010 please check www.molex.com for latest part information part number: 0465577447 status: active description: 1.27mm (.050") by 1.27mm (.050") pitch searay* slim receptacle, 100 circuits, 7.50mm (.295") unmated height, 4 rows, with pegs, solder charge? documents: 3d model product specification ps-45970-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 46557 application board-to-board product name searay* physical circuits (loaded) 100 circuits (maximum) 100 circuits detail 100 color - resin black durability (mating cycles max) 100 flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal copper alloy material - plating mating gold, nickel material - plating termination tin-lead material - resin high temperature thermoplastic number of rows 4 orientation vertical pc tail length (in) 0.086 in pc tail length (mm) 2.18 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type embossed tape on reel pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes robotic placement pick and place cap stackable no surface mount compatible (smc) no series image - reference only eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 46557 series mates with 46556 searay* slim plug connector
temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1a grounding to pcb no voltage - maximum 240v ac solder process data duration at max. process temperature (seconds) 60 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 230 replacement rohs compliant part number 0465577445 material info reference - drawing numbers product specification ps-45970-001 sales drawing sd-46557-001 *searay is a trademark of samtec, inc. this document was generated on 04/14/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 0465577447

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X