Part Number Hot Search : 
2SC1975 TS80C31 10004 B2510 50222 L78M05CT CMZ18 UERA10B
Product Description
Full Text Search
 

To Download 0346909203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0346909203 status: active overview: stac64_single_multipocket_and_hybrid_header_system description: 2.54mm (.100") pitch stac64? vertical header, 20 circuits, polarization d, green, tube documents: 3d model application specification (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 34690 application wire-to-board comments polarization d overview stac64_single_multipocket_and_hybrid_header_system product name stac64? physical breakaway no circuits (loaded) 20 circuits (maximum) 20 color - resin green durability (mating cycles max) 10 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.131 in pc tail length (mm) 3.33 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to mating part yes polarized to pcb yes robotic placement none shrouded yes stackable no surface mount compatible (smc) n/a temperature range - operating -40c to +100c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 34690 series mates with 31408 uscar 2.54mm (.100?) pitch receptacle, 31372 5.25mm (.206") pitch hybrid receptical assembly
current - maximum per contact 30a voltage - maximum 500v solder process data duration at max. process temperature (seconds) 40 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers application specification as-34690-000 packaging specification pk-31301-063 sales drawing sd-34690-100 this document was generated on 05/24/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0346909203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X