Part Number Hot Search : 
030AA SRFL1060 01360 S0611 28050 MM3Z2XVC LV8011V GI01N60
Product Description
Full Text Search
 

To Download ZXTP25020BFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  issue 2 - march 2008 1 www.zetex.com ? zetex semiconductors plc 2008 ZXTP25020BFH 20v, sot23, pnp medium power transistor summary bv cex > -40v bv ceo > -20v bv eco > -7v i c(cont) = -4a r ce(sat) = 32 m  v ce(sat) < -60mv @ 1a p d = 1.25w complementary part number zxtn25020bfh description advanced process capability and package design have been used to maximize the power handling and pe rformance of this small outline transistor. the compact size and ratings of this device make it ideally suited to applications where space is at a premium. features ? high power dissipation sot23 package ? high peak current ? low saturation voltage ? 40v forward blocking voltage ? 7v reverse blocking voltage applications ? mosfet and igbt gate driving ?dc - dc converters ? motor drive ? high side driver ? battery charging ordering information device marking 1a9 device reel size (inches) tape width (mm) quantity per reel ZXTP25020BFHta 7 8 3,000 c e b c e b pinout - top view
ZXTP25020BFH issue 2 - march 2008 2 www.zetex.com ? zetex semiconductors plc 2008 absolute maximum ratings notes: (a) for a device surface mounted on 15mm x 15mm x 1.6mm fr 4 pcb with high coverage of single sided 1oz copper, in still air conditions. (b) mounted on 25mm x 25mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (c) mounted on 50mm x 50mm x 1.6mm fr4 pcb with a high coverage of single sided 2 oz copper in still air conditions. (d) as (c) above measured at t<5secs. parameter symbol limit unit collector-base voltage v cbo -40 v collector-emitter voltage (forward blocking) v cex -40 v collector-emitter voltage v ceo -20 v emitter-collector voltage (reverse blocking) v eco -7 v emitter-base voltage v ebo -7 v continuous collector current (b) i c -4 a peak pulse current i cm -10 a power dissipation at t amb =25c (a) p d 0.73 w linear derating factor 5.84 mw/c power dissipation at t amb =25c (b) p d 1.05 w linear derating factor 8.4 mw/c power dissipation at t amb =25c (c) p d 1.25 w linear derating factor 9.6 mw/c power dissipation at t amb =25c (d) p d 1.81 w linear derating factor 14.5 mw/c operating and storage temperature range t j , t stg -55 to 150 c thermal resistance parameter symbol limit unit junction to ambient (a) r  ja 171 c/w junction to ambient (b) r  ja 119 c/w junction to ambient (c) r  ja 100 c/w junction to ambient (d) r  ja 69 c/w
ZXTP25020BFH issue 2 - march 2008 3 www.zetex.com ? zetex semiconductors plc 2008 characteristics
ZXTP25020BFH issue 2 - march 2008 4 www.zetex.com ? zetex semiconductors plc 2008 electrical characteristics (at t amb = 25c unless otherwise stated) parameter symbol min. typ. max. unit conditions collector-base breakdown voltage bv cbo -40 -60 v i c = -100  a collector-emitter breakdown voltage (forward blocking) bv cex -40 -60 v i e = -100  a (*) r be < 1k  or 1v < v be < -0.25v notes: (*) measured under pulsed conditions. pulse width  300  s; duty cycle  2%. collector-emitter breakdown voltage (base open) bv ceo -20 -35 v i c = -10ma (*) emitter-base breakdown voltage bv ebo -7 -8.2 v i e = -100  a emitter-collector breakdown voltage (reverse blocking) bv ecx -6 -8 v i e = -100  a (*) r bc < 10k  or 0.25 < v bc < -0.25v emitter-collector breakdown voltage (base open) bv eco -7 -8.6 v i e = -100  a (*) collector-base cut-off current i cbo <-1 -50 na v cb = -32v -20  av cb = -32v, t amb = 100c collector-emitter cut-off current i cex -100nav ce = -32v; r be < 1k  or 1v < v be < -0.25v emitter-base cut-off current i ebo <-1 -50 na v eb = -5.6v collector-emitter saturation voltage v ce(sat) -44 -60 mv i c = -1a, i b = -100ma (*) -80 -110 mv i c = -1a, i b = -20ma (*) -125 -190 mv i c = -2a, i b = -40ma (*) -160 -210 mv i c = -4a, i b = -200ma (*) -160 -210 mv i c = -5a, i b = -500ma (*) base-emitter saturation voltage v be(sat) -930 -1000 mv i c = -4a, i b = -200ma (*) base-emitter turn-on voltage v be(on) -820 -900 mv i c = -4a, v ce = -2v (*) static forward current transfer ratio h fe 100 200 300 i c = -10ma, v ce = -2v (*) 80 160 i c = -1a, v ce = -2v (*) 50 100 i c = -4a, v ce = -2v (*) 45 i c = -10a, v ce = -2v (*) transition frequency f t 250 mhz i c = -50ma, v ce = -10v f = 100mhz output capacitance c obo 32.5 40 pf v cb = -10v, f = 1mhz (*) delay time t d 53 ns v cc = -15v, i c = -750ma, i b1 = i b2 = -15ma rise time t r 63 ns storage time t s 128 ns fall time t f 50 ns
ZXTP25020BFH issue 2 - march 2008 5 www.zetex.com ? zetex semiconductors plc 2008 typical characteristics
ZXTP25020BFH issue 2 - march 2008 6 www.zetex.com ? zetex semiconductors plc 2008 for international sales offices visit www.zetex.com/offices zetex products are distributed worldwide. for details, see www.zetex.com/salesnetwork this publication is issued to provide outline information only whic h (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specif ication, design, price or conditions of supply of any product or service. europe zetex gmbh kustermann-park d-81541 mnchen germany telefon: (49) 89 45 49 49 0 fax: (49) 89 45 49 49 49 europe.sales@zetex.com americas zetex inc 700 veterans memorial highway hauppauge, ny 11788 usa telephone: (1) 631 360 2222 fax: (1) 631 360 8222 usa.sales@zetex.com asia pacific zetex (asia ltd) 3701-04 metroplaza tower 1 hing fong road, kwai fong hong kong telephone: (852) 26100 611 fax: (852) 24250 494 asia.sales@zetex.com corporate headquarters zetex semiconductors plc zetex technology park, chadderton oldham, ol9 9ll united kingdom telephone: (44) 161 622 4444 fax: (44) 161 622 4446 hq@zetex.com package outline - sot23 note: controlling dimensions are in millimeters. ap proximate dimensions are provided in inches dim. millimeters inches dim. millimeters inches min. max. min. max. min. max. min. max. a - 1.12 - 0.044 e1 1.90 nom 0.075 nom a1 0.01 0.10 0.0004 0.004 e 2.10 2.64 0.083 0.104 b 0.30 0.50 0.012 0.020 e1 1.20 1.40 0.047 0.055 c 0.085 0.20 0.003 0.008 l 0.25 0.60 0.0098 0.0236 d 2.80 3.04 0.110 0.120 l1 0.45 0.62 0.018 0.024 e0.95 nom0.037 nom----- e e l e1 d a c e1 l1 a1 b 3 leads


▲Up To Search▲   

 
Price & Availability of ZXTP25020BFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X