|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
stw7na90 STH7NA90FI n - channel 900v - 1.05 w - 7a - to-247/isowatt218 fast power mosfet n typical r ds(on) = 1.05 w n 30v gate to source voltage rating n 100% avalanche tested n repetitive avalanche data at 100 o c n low intrinsic capacitance n gate charge minimized n reduced voltage spread applications n high current, high speed switching n switch mode power supply (smps) n consumer and industrial lighting n dc-ac converter for welding equipment and uninterruptable power supply (ups) ? internal schematic diagram absolute maximum ratings symbol parameter value un it stw7na90 STH7NA90FI v ds drain-source voltage (v gs = 0) 900 v v dgr drain- gate voltage (r gs =20k w ) 900 v v gs gate-source voltage 30 v i d drain current (continuous) at t c =25 o c74.7a i d drain current (continuous) at t c =100 o c43a i dm ( ? ) drain current (pulsed) 30 30 a p tot total dissipation at t c =25 o c 190 70 w derating factor 1.52 0.56 w/ o c v iso insulation withstand voltage (dc) ------ 4000 v t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c ( ? ) pulse width limited by safe operating area type v dss r ds(on) i d stw7na90 STH7NA90FI 900 v 900 v <1.3 w < 1.3 w 7a 4.7 a october 1998 1 2 3 to-247 isowatt218 1 2 3 1/9 .com .com .com 4 .com u datasheet
thermal data to-247 isowatt218 r thj-case thermal resistance junction-case max 0.65 1.78 o c/w r thj-amb r thc-sink t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 30 0.1 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 7a e as single pulse avalanche energy (starting t j =25 o c, i d =i ar ,v dd =25v) 700 mj electrical characteristics (t case =25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d =250 m av gs = 0 900 v i dss zero gate voltage drain current (v gs =0) v ds =maxrating v ds =maxrating t c = 100 o c 50 500 m a m a i gss gate-body leakage current (v ds =0) v gs = 30 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs i d = 250 m a2.2533.75v r ds(on) static drain-source on resistance v gs =10v i d = 3.5 a 1.05 1.3 w i d(o n) on state drain current v ds >i d(o n) xr ds(on )ma x v gs =10v 7a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds >i d(o n) xr ds(on )ma x i d =3.5a 7 9 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v f=1mhz v gs = 0 3100 310 80 4000 380 105 pf pf pf stw7na90 - STH7NA90FI 2/9 .com .com .com .com 4 .com u datasheet electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd =450v i d =3.5a r g =4.7 w v gs =10v (see test circuit, figure 3) 40 41 54 63 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 720 v i d =7a v gs = 10 v 120 20 60 170 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd =720v i d =7a r g =4.7 w v gs =10v (see test circuit, figure 5) 50 18 73 65 23 97 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 7 30 a a v sd ( * )forwardonvoltage i sd =7a v gs =0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd =7a di/dt=100a/ m s v dd = 100 v t j =150 o c (see test circuit, figure 5) 830 13.8 33 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ? ) pulse width limited by safe operating area safe operating area for to-247 safe operating area for isowatt218 stw7na90 - STH7NA90FI 3/9 .com .com .com .com 4 .com u datasheet thermal impedance for to-247 output characteristics transconductance thermal impedance for isowatt218 transfer characteristics static drain-source on resistance stw7na90 - STH7NA90FI 4/9 .com .com .com .com 4 .com u datasheet gate charge vs gate-source voltage normalized gate threshold voltage vs temperature source-drain diode forward characteristics capacitance variations normalized on resistance vs temperature stw7na90 - STH7NA90FI 5/9 .com .com .com .com 4 .com u datasheet fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times stw7na90 - STH7NA90FI 6/9 .com .com .com .com 4 .com u datasheet dim. mm inch min. typ. max. min. typ. max. a 4.7 5.3 0.185 0.209 d 2.2 2.6 0.087 0.102 e 0.4 0.8 0.016 0.031 f 1 1.4 0.039 0.055 f3 2 2.4 0.079 0.094 f4 3 3.4 0.118 0.134 g 10.9 0.429 h 15.3 15.9 0.602 0.626 l 19.7 20.3 0.776 0.779 l3 14.2 14.8 0.559 0.413 0.582 l4 34.6 1.362 l5 5.5 0.217 m 2 3 0.079 0.118 dia 3.55 3.65 0.140 0.144 p025p to-247 mechanical data stw7na90 - STH7NA90FI 7/9 .com .com .com .com 4 .com u datasheet dim. mm inch min. typ. max. min. typ. max. a 5.35 5.65 0.210 0.222 c 3.3 3.8 0.130 0.149 d 2.9 3.1 0.114 0.122 d1 1.88 2.08 0.074 0.081 e 0.75 1 0.029 0.039 f 1.05 1.25 0.041 0.049 g 10.8 11.2 0.425 0.441 h 15.8 16.2 0.622 0.637 l1 20.8 21.2 0.818 0.834 l2 19.1 19.9 0.752 0.783 l3 22.8 23.6 0.897 0.929 l4 40.5 42.5 1.594 1.673 l5 4.85 5.25 0.190 0.206 l6 20.25 20.75 0.797 0.817 m 3.5 3.7 0.137 0.145 n 2.1 2.3 0.082 0.090 u 4.6 0.181 l1 a c d e h g m f l6 123 u l5 l4 d1 n l3 l2 p025c isowatt218 mechanical data stw7na90 - STH7NA90FI 8/9 .com .com .com .com 4 .com u datasheet information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 1998 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . stw7na90 - STH7NA90FI 9/9 .com .com .com 4 .com u datasheet |
Price & Availability of STH7NA90FI |