Part Number Hot Search : 
IRLR024 32M16 60107K 1306DFR GC220A12 MJ11030G FFM107 TLP561J
Product Description
Full Text Search
 

To Download RTHH4012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet rev. el1 issued 2005/12 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para- meters, test conditions and processing information only to be used together with the 'definitions' at schrackrelays.com in the schrack section. specifications subject to change. general purpose relays 1 power pcb relay rth 105c 16a  1 pole 16 a, 1 co or 1 no contact  high-temperature version  sensitive coil 400 mw  5 kv / 10 mm coil-contact  reinforced insulation  wg version: product in accordance to iec60335-1  ambient temperature 105c at rated load  rohs compliant (directive 2002/95/ec) as per product date code 0413 applications oven control, cooking plate control f0220-c approvals v reg.-nr. 6106, z e214025 technical data of approved types on request contact data contact configuration 1 co or 1 no contact set single contact type of interruption micro disconnection rated current 16 a 1) rated voltage / max.switching voltage ac 240/400 vac limiting continuous current no/nc contact 16 / 25 a maximum breaking capacity ac 4000 va limiting making capacity, max 4 s, duty factor 10% 30 a contact material agni 90/10 mechanical endurance > 10 x 10 6 cycles rated frequency of operation with / without load 6 / 1200 min -1 contact ratings type load cycles rth14 10 a, 250 vac, no contact. 105c, en61810-1 1,5x10 5 rth14 16 a, 250 vac, no contact, 105c, ul508 3x10 4 rth14 16 a, 250 vac, co contact, 105c, en61810-1 1x10 4 rthh4 10 a, 250 vac, 105c typ 3x10 5 rthh4 16/8 a, 250 vac, 105c typ 2,5x10 5 rthh4 15 a, 250 vac, 105c, 10% df, 7.5 min -1 , ul508 1x10 5 coil data rated coil voltage range dc coil 5...60 vdc coil power typ 400 mw 1) operative voltage range, % of rated coil voltage 90 - 110 % coil insulation system according ul1446 class f coil versions, dc-coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc c mw 009 9 6.3 0.9 203 + 10% 399 012 12 8.4 1.2 360 + 10% 400 024 24 16.8 2.4 1440 + 10% 400 all figures are given for coil without preenergization, at ambient temperature +23c other coil voltages on request 1) continuous thermal load > 10 a at 105c requires reduction of coil power to 64% of rated power after 100 ms
datasheet rev. el1 issued 2005/12 www.tycoelectronics.com www.schrackrelays.com dimensions are in mm unless otherwise specified and are shown for reference purposes only. product specification according to iec 61810-1. product data, technical para- meters, test conditions and processing information only to be used together with the 'definitions' at schrackrelays.com in the schrack section. specifications subject to change. general purpose relays 2 power pcb relay rth 105c 16a (continued) product key rt h 4 type version h 16 a, pinning 5 mm, 105c contact configuration 1 1 co contact 3 1 no contact h 1 no contact high performance contact material 4 agni 90/10 coil coil code: please refer to coil versions table version blank standard version wg product in accordance with iec 60335-1 (domestic appliances) pcb layout / terminal assignment bottom view on solder pins dimensions 16 a, pinning 5 mm 1 co contact s0418-ca s0163-be s0272-ba 1 no contact s0163-bf *) with the recommended pcb hole sizes a grid pattern from 2.5 mm to 2.54 mm can be used. product key version contacts contact material coil part number rth14012 16 a, 105c 1 co contact agni 90/10 12 vdc 8-1415006-1 rth34012 pinning 5mm 1 no contact 9-1415006-1 RTHH4012 flux proof 1 no high perform. 8-1415047-1 rth14012wg 16 a, 105c 1 co contact 1-1415538-1 rth34012wg pinning 5mm 1 no contact 1-1415536-9 rth14024wg flux proof 1 co contact 24 vdc 9-1415535-4 rth34024wg iec 60335-1 1 no contact 2-1415536-0 insulation dielectric strength coil-contact circuit 5000 v rms open contact circuit 1000 v rms clearance / creepage coil-contact circuit w 10 / 10 mm material group of insulation parts w iiia tracking index of relay base pti 250 v insulation to iec 60664-1 type of insulation coil-contact circuit reinforced open contact circuit functional rated insulation voltage 250 v pollution degree 3 2 rated voltage system 240 v 400 v overvoltage category iii other data rohs - directive 2002/95/ec compliant as per product date code 0413 flammability class according to ul94 v-0 for wg version: gwfi to iec 60335-1 > 850 c gwt to iec 60335-1 current w 0,2 a > 650 c current > 0,2 a > 750 c ambient temperature range -40...+105c operate- / release time typ 7 / 3 ms bounce time no / nc contact typ 1 / 3 ms vibration resistance (function) no / nc contact 20 / 5 g, 30 ... 150 hz shock resistance (destruction) 100 g category of protection rtii - flux proof mounting pcb mounting distance 0 mm resistance to soldering heat flux-proof version 270 c / 10 s relay weight 14 g packaging unit 20 / 500 pcs


▲Up To Search▲   

 
Price & Availability of RTHH4012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X