Part Number Hot Search : 
G4BC15U B1201UA4 AM2520 MB9124 170M5668 GC2520 1337M1 MBT440
Product Description
Full Text Search
 

To Download PM5364 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PM5364 released sonet/sdh tributary unit payload processor for 2488.32 mbit/s tupp 2488 pmc-2012695 (r6) proprietary and confidential to pmc - sierra, inc., and for its customers? internal use ? copyright pmc - sierra, inc. 2004 features ? configurable, multi-channel, payload processor for aligning sonet virtual tributaries (vts) or sdh tributary units (tus) in an sts-48/stm-16 or four sts-12/stm-4 byte serial data streams.  supports high order (sts/au) pointer processing, payload processing, and path termination/monitoring.  supports low order (vt/tu) pointer processing, payload processing and path monitoring.  integrates 4 x sts-12/stm-4 vt level payload processors, 2 x ingress and egress sts-1/stm-0 granular time slot interchanges, 8 x ingress and egress sts-12/stm-4 vt level time switches, and an sts-192/stm-64 vt level space switch (crossbar).  integrated crossbar allows for hair-pinning and oc-48 add drop mux (adm) functionality.  can be set up to operate in one of four applications:  hair-pinning (from line ingress to line egress).  oc-48 adm with internal crossbar.  nxoc-48 adm with external crossbar (internal crossbar is bypassed).  payload processing only configuration.  on the line side, provides a 4 x 8-bit or 32-bit 77.76 mhz parallel telecombus interface as well as redundant working and protect ingress and egress serial rasio? links. links are configurable as:  4 x sts-12/stm-4 622.08 mbit/s sonet/sdh framed interfaces.  4 x sts-12/stm-4 777.6 mbit/s 8b/10b encoded telecombus interfaces.  1 x sts-48/stm-16 2.488 gbit/s sonet/sdh framed interface. this is tied to one link and the other three links are unused.  on the system side, provides redundant working and protect ingress and egress serial rasio links. links are configurable as:  8 x sts-12/stm-4 622.08 mbit/s sonet/sdh framed interfaces.  8 x sts-12/stm-4 777.6 mbit/s 8b/10b encoded telecombus interfaces.  independently configurable line and system interface rates.  provides optional prbs generation and monitoring features for cml off-line link verification.  supports signal fail (sf) and signal degrade (sd) for each vt/tu path and provides user-provisionable ber thresholds for each sd/sf test that range from 10 -3 to 10 -12 .  supports contiguously concatenated payloads (sts-3c, sts-12c/au-4-4c, sts-48c/au-4-16c).  on the ingress path, provides optional sdh payload conversion of:  au3/vc3/c3 to an au4/vc4/tug3/tu3/vc3/c3.  au3/vc3/tug2 to au4/vc4/tug3/tug2.  au4/vc4/tug3/tu3/vc3/c3 to au3/vc3/c3.  au4/vc4/tug3/tug2 to au3/vc3/tug2.  on the egress path, provides optional sdh payload conversion of an au3/vc3/c3 to an au4/vc4/tug3/tu3/vc3/c3.  supports any legal mix of vt1.5, vt2, vt3, vt6, tu11, tu12, tu2, or tu3 tributaries. each vt group or tug2 can be configured to carry one of four tributary types. tug2s can be multiplexed into vc3s or tug3s. each tug3 can also be configured to carry a single tu3. block diagram parallel interface (4 x 8-bit or 32-bit telecombus) high order path processor serial sts-1 switch serial memory (time) switch memory (time) switch crossbar (space) switch sts-1 switch high order path processor parallel interface (telecombus) sts-1 switch serial memory (time) switch memory (time) switch working protect working protect working protect low order path processor system side serial interfaces 4 x 777.6 mbit/s or 4 x 622.08 mbit/s line side serial interfaces (working and protect) 1 x 2488 mbit/s or 4 x 777.6 mbit/s or 4 x 622.08 mbit/s working protect sts-1 switch serial
head office: pmc-sierra, inc. 8555 baxter place burnaby, b.c. v5a 4v7 canada tel: +1.604.415.6000 fax: +1.604.415.6200 sonet/sdh tributary unit payload processor for 2488.32 mbit/s to order documentation, send email to: document@pmc-sierra.com or contact the head office, attn: document coordinator all product documentation is available on our web site at: http://www.pmc-sierra.com for corporate information, send email to: info@pmc-sierra.com pmc-2012695 (r6) ? copyright pmc-sierra, inc. 2004. all rights reserved. for a complete list of pmc-sierra?s trademarks and registered trademarks, visit http://www.pmc-sierra.com/legal. proprietary and confidential to pmc-sierra, inc., and for its customers? internal use released PM5364 tupp 2488 oc-3/12 or stm-1/4 vt/tu based adm oc-48 optical cross-connect wi th a 2.5g vt/tu cross-connect protect working 4xoc-12/stm-4 west east pm5332 spectra 1x2488 pm5310 tbs parallel oc-48/stm-16 pm5332 spectra 1x2488 pm5310 tbs parallel pm5374 tse 160 PM5364 tupp 2488 serial serial pm5313 spectra 622 PM5364 tupp 2488 oc-12 east span pm5385 arrow 12xetec pm5366 temap 84 te/e3 liu pm5333 arrow 8xfe pm 4323 octliu lt t3/e3 10/100 t1/e1 pm5313 spectra 622 PM5364 tupp 2488 oc-12 w est span pm5366 temap 84 pm5385 arrow 12xetec te/e3 liu t3/e3 pm4323 octliu lt t1/e1 pm5333 arrow 8xfe 10/100 typical applications  supports 16-byte or 64-byte format tributary path trace messages (tributary trail trace identifiers).  supports high order path termination for any legal mix of sts-1/au-3, sts-3c/au-4, sts-12c/au-4-4c, and sts-48c/au-4-16c.  provides dedicated interfaces to optionally extract the entire high/low order path overhead from the ingress data for external processing and provides a dedicated interface to optionally insert the high order path overhead into the egress data stream.  provides a standard 5 signal ieee 1149.1 jtag test port for boundary scan test purposes.  implemented in 1.2 v core and 2.5/3.3 v i/o 0.13m cmos technology. i/os are either 2.5 v or configurable as either 2.5 v or 3.3 v.  580-ball csbga+ package (35 mm x 35 mm). applications  sonet/sdh add-drop multiplexer.  sonet/sdh digital cross-connect .  multi-service provisioning platforms (mspp).  multi-service adm (ms-adm).  multi-service switch.  optical access mux.  terminal multiplexers.


▲Up To Search▲   

 
Price & Availability of PM5364

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X