Part Number Hot Search : 
01900 EA09483 LVG25030 BD46255G M34552 RF28611 40L45 15SMC130
Product Description
Full Text Search
 

To Download MAX5065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX5065/max5067 dual-phase, pwm controllers provide high-output-current capability in a compact package with a minimum number of external compo- nents. the MAX5065/max5067 utilize a dual-phase, average-current-mode control that enables optimal use of low r ds(on) mosfets, eliminating the need for exter- nal heatsinks even when delivering high output currents. differential sensing enables accurate control of the out- put voltage, while adaptive voltage positioning provides optimum transient response. an internal regulator enables operation with input voltage ranges of +4.75v to +5.5v or +8v to +28v. the high switching frequency, up to 500khz per phase, and dual-phase operation allow the use of low-output inductor values and input capacitor values. this accommodates the use of pc board- embedded planar magnetics achieving superior reliabili- ty, current sharing, thermal management, compact size, and low system cost. the MAX5065/max5067 also feature a clock input (clkin) for synchronization to an external clock, and a clock output (clkout) with programmable phase delay (relative to clkin) for paralleling multiple phases. the MAX5065/max5067 also limit the reverse current if the bus voltage becomes higher than the regulated output voltage. these devices are specifically designed to limit current sinking when multiple power-supply modules are paralleled. the MAX5065 offers an adjustable +0.6v to +3.3v output voltage. the max5067 output voltage is adjustable from +0.8v to +3.3v and features an overvolt- age protection and a power-good output signal. the MAX5065/max5067 operate over the extended temperature range (-40? to +85?). the MAX5065 is available in a 28-pin ssop package. the max5067 is available in a 44-pin thin qfn package. refer to the max5037a data sheet for a vrm 9.0/vrm 9.1-compati- ble, vid-controlled output voltage controller in a 44-pin qfn package. applications servers and workstations point-of-load high-current/high-density telecom dc-dc regulators networking systems large-memory arrays raid systems high-end desktop computers features +4.75v to +5.5v or +8v to +28v input voltage range adjustable v out +0.6v to +3.3v (MAX5065) +0.8v to +3.3v (max5067) up to 60a output current internal voltage regulator for a +12v or +24v power bus programmable adaptive output voltage positioning true differential remote output sensing out-of-phase controllers reduce input capacitance requirement and distribute power dissipation average-current-mode control superior current sharing between individual phases and paralleled modules accurate current limit eliminates mosfet and inductor derating limits reverse-current sinking in paralleled modules integrated 4a gate drivers selectable fixed frequency 250khz or 500khz per phase (up to 1mhz for two phases) external frequency synchronization from 125khz to 600khz internal pll with clock output for paralleling multiple dc-dc converters thermal protection 28-pin ssop package (MAX5065) 44-pin thin qfn package (max5067) MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ________________________________________________________________ maxim integrated products 1 19-3035; rev 1; 11/03 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. ordering information part temp range pin-package MAX5065 eai -40 c to +85 c 28 ssop max5067 eth -40 c to +85 c 44 thin qfn selector guide and pin configurations appear at end of data sheet.
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +5v, circuit of figure 1, t a = -40 c to +85 c, unless otherwise noted. typical specifications are at t a = +25 c.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in to sgnd.............................................................-0.3v to +30v bst_ to sgnd ........................................................-0.3v to +35v dh_ to lx_ .................................-0.3v to [(v bst _ - v lx _) + 0.3v] dl_ to pgnd ..............................................-0.3v to (v cc + 0.3v) bst_ to lx_ ..............................................................-0.3v to +6v v cc to sgnd............................................................-0.3v to +6v v cc , v dd to pgnd ...................................................-0.3v to +6v sgnd to pgnd .....................................................-0.3v to +0.3v all other pins to sgnd...............................-0.3v to (v cc + 0.3v) continuous power dissipation (t a = +70 c) 28-pin ssop (derate 9.5mw/ c above +70 c) ............762mw 44-pin thin qfn (derate 27.0mw/ c above+70 c) ...2162mw operating temperature range ...........................-40 c to +85 c maximum junction temperature .....................................+150 c storage temperature range .............................-60 c to +150 c lead temperature (soldering, 10s) .................................+300 c parameter symbol conditions min typ max units system specifications 828 input voltage range v in short in and v cc together for +5v input operation 4.75 5.50 v quiescent supply current i q en = v cc or sgnd 4 10 ma efficiency i load = 52a (26a per phase) 90 % output voltage no load 0.5952 0.6 0.6048 MAX5065 no load, v cc = +4.75v to +5.5v or v in = +8v to +28v 0.594 0.6 0.6064 no load 0.7936 0.8 0.8064 sense+ to sense- accuracy (note 4) max5067 no load, v cc = +4.75v to +5.5v or v in = +8v to +28v 0.792 0.8 0.808 v startup/internal regulator v cc undervoltage lockout uvlo v cc rising 4.0 4.15 4.5 v v cc undervoltage lockout hysteresis 200 mv v cc output accuracy v in = +8v to +28v, i source = 0 to 80ma 4.85 5.1 5.30 v mosfet drivers output driver impedance r on low or high output 1 3 ? output driver source/sink current i dh _, i dl _4a nonoverlap time t no c dh _ /dl _ = 5nf 60 ns oscillator and pll clkin = sgnd 238 250 262 switching frequency f sw clkin = v cc 475 500 525 khz pll lock range f pll 125 600 khz pll locking time t pll 200 s
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers _______________________________________________________________________________________ 3 electrical characteristics (continued) (v cc = +5v, circuit of figure 1, t a = -40 c to +85 c, unless otherwise noted. typical specifications are at t a = +25 c.) (note 1) parameter symbol conditions min typ max units phase = v cc 115 120 125 phase = unconnected 85 90 95 clkout phase shift (at f sw = 125khz) clkout phase = sgnd 55 60 65 degrees clkin input pulldown current i clkin 357a clkin high threshold v clkinh 2.4 v clkin low threshold v clkinl 0.8 v clkin high pulse width t clkin 200 ns phase high threshold v phaseh 4v phase low threshold v phasel 1v phase input bias current i phasebias -50 +50 a clkout output low level v clkoutl i sink = 2ma (note 2) 100 mv clkout output high level v clkouth i source = 2ma (note 2) 4.5 v current limit average current-limit threshold v cl csp_ to csn_ 45 48 51 mv reverse current-limit threshold v clr csp_ to csn_ -3.9 -0.2 mv cycle-by-cycle current limit v clpk csp_ to csn_ (note 3) 90 112 130 mv cycle-by-cycle overload response time t r v csp _ to v csn _ = +150mv 260 ns current-sense amplifier csp_ to csn_ input resistance r cs _4k ? common-mode range v cmr ( cs ) -0.3 +3.6 v input offset voltage v os ( cs ) -1 +1 mv amplifier gain a v(cs) 18 v/v 3db bandwidth f 3db 4 mhz current-error amplifier (transconductance amplifier) transconductance gm ca 550 s open-loop gain a vol ( ce ) no load 50 db differential voltage amplifier (diff) common-mode voltage range v cmr ( diff ) -0.3 +1.0 v diff output voltage v cm v sense+ = v sense- = 0 0.6 v input offset voltage v os ( diff ) -1 +1 mv amplifier gain a v ( diff ) 0.997 1 1.003 v/v 3db bandwidth f 3db c diff = 20pf 3 mhz minimum output current drive i out ( diff ) 1.0 ma sense+ to sense- input resistance r vs _ 50 100 k ?
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 4 _______________________________________________________________________________________ electrical characteristics (continued) (v cc = +5v, circuit of figure 1, t a = -40 c to +85 c, unless otherwise noted. typical specifications are at t a = +25 c.) (note 1) parameter symbol conditions min typ max units voltage-error amplifier (eaout) open-loop gain a vol ( ea ) 70 db unity-gain bandwidth f ugea 3 mhz ean input bias current i b(ea) v ean = +2.0v -100 +100 na error-amplifier output clamping voltage v clamp ( ea ) with respect to v cm 810 918 mv power-good, phase failure detection, overvoltage protection, and thermal shutdown v ov pgood goes low when v out is outside this window +6 +8 +10 pgood trip level (max5067) v uv pgood goes low when v out is outside this window -12.5 -10 -8.5 %v out pgood output low level (max5067) v pglo i sink = 4ma 0.2 v pgood output leakage current (max5067) i pg pgood = v cc 1a phase failure trip threshold (max5067) v ph pgood goes low when clp_ is higher than v ph 2v ovpin trip threshold (max5067) ovp th with respect to sgnd 0.792 0.8 0.808 v ovpin input resistance (max5067) r ovpin 190 280 370 k ? thermal shutdown thermal shutdown t shdn 150 c thermal-shutdown hysteresis 8 c en input en input low voltage v enl 1v en input high voltage v enh 3v en pullup current i en 4.5 5 5.5 a note 1: specifications from -40 c to 0 c are guaranteed by characterization but not production tested. note 2: guaranteed by design. not production tested. note 3: see peak-current comparator section. note 4: does not include an error due to finite error amplifier gain. see the voltage-error amplifier section.
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers _______________________________________________________________________________________ 5 efficiency vs. output current and internal oscillator frequency MAX5065/67 toc01 i out (a) (%) 48 44 40 36 32 28 24 20 16 12 8 4 50 60 70 80 90 100 40 052 f = 500khz f = 250khz v in = +5v v out = +1.8v efficiency vs. output current and input voltage MAX5065/67 toc02 i out (a) (%) 48 44 40 36 32 28 24 20 16 12 8 4 50 40 30 20 10 60 70 80 90 100 0 052 v in = +12v v in = +5v v out = +1.8v f sw = 250khz efficiency vs. output current and input voltage MAX5065/67 toc03 output current (a) (%) 48 44 36 40 12 16 20 24 28 32 4 8 10 20 30 40 50 60 70 80 90 100 0 052 v in = +12v v in = +5v v out = 1v f sw = 250khz efficiency vs. output current MAX5065/67 toc04 i out (a) (%) 48 44 40 36 32 28 24 20 16 12 8 4 50 40 30 20 10 60 70 80 90 100 0 052 v in = +24v v out = +1.8v f sw = 125khz efficiency vs. output current and output voltage MAX5065/67 toc05 output current (a) (%) 48 44 40 36 32 28 24 20 16 12 8 4 50 40 30 20 10 60 70 80 90 100 0 052 v out = +1v v out = +1.5v v out = +1.8v v in = +12v f sw = 250khz efficiency vs. output current and output voltage MAX5065/67 toc06 output current (a) (%) 48 44 40 36 32 28 24 20 16 12 8 4 50 40 30 20 10 60 70 80 90 100 0 052 v out = +1v v out = +1.5v v out = +1.8v v in = +12v f sw = 500khz supply current vs. frequency and input voltage MAX5065/67 toc07 frequency (khz) i cc (ma) 550 500 400 450 200 250 300 350 150 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.0 6.0 100 600 v in = +24v v in = +12v v in = +5v externalclock no driver load supply current vs. temperature and frequency MAX5065/67 toc08 temperature ( c) i cc (ma) 60 35 10 -15 10 20 30 40 50 60 70 80 90 100 0 -40 85 250khz 125khz v in = +12v c dl_ = 22nf c dh_ = 8.2nf supply current vs. load capacitance per driver MAX5065/67 toc09 c driver (nf) i cc (ma) 13 11 7 9 5 3 10 20 30 40 50 60 70 80 90 100 0 115 v in = +12v f sw = 250khz typical operating characteristics (circuit of figure 1. t a = +25 c, unless otherwise noted.)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 6 _______________________________________________________________________________________ typical operating characteristics (continued) (circuit of figure 1, t a = +25 c, unless otherwise noted.) current-sense threshold vs. output voltage MAX5065/67 toc10 v out (v) (v csp_ - v csn_ ) (mv) 1.7 1.6 1.4 1.5 1.2 1.3 1.1 46 47 48 49 50 51 52 53 54 55 45 1.0 1.8 phase 2 phase 1 10 0.1 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 overvoltage threshold (pgood) vs. input voltage 1 MAX5065/67 toc11 v in (v) v ov (v) v out = +0.8v v out = +3.3v 10 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 undervoltage threshold (pgood) vs. input voltage 1 0.1 MAX5065/67 toc12 v in (v) v uv (v) v out = +0.8v v out = +3.3v 1.50 1.60 1.55 1.75 1.70 1.65 1.80 1.85 1.90 0812 4 16202428323640444852 output voltage vs. output current and error amp gain (r f /r in ) MAX5065/67 toc13 i load (a) v out (v) r f /r in = 40 r f /r in = 20 r f /r in = 7.5 r f /r in = 10 differential amplifier bandwidth MAX5065/67 toc14 frequency (mhz) gain (v/v) phase (deg) 1 0.1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 0.01 10 -225 -270 -180 -135 -90 -45 0 45 90 phase gain diff output error vs. sense+ to sense- voltage MAX5065/67 toc15 ? v sense (v) error (%) 1.9 1.8 1.1 1.2 1.3 1.5 1.6 1.4 1.7 0.025 0.050 0.075 0.100 0.125 0.150 0.175 0.200 0 1.0 2.0 v in = +12v no driver v cc load regulation vs. input voltage MAX5065/67 toc16 i cc (ma) v cc (v) 135 120 15 30 45 75 90 60 105 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 4.80 0 150 v in = +24v v in = +12v v in = +8v dc load v cc line regulation MAX5065/67 toc17 v in (v) v cc (v) 26 24 20 22 12 14 16 18 10 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 4.75 828 i cc = 0 i cc = 40ma v cc line regulation MAX5065/67 toc18 v in (v) v cc (v) 13 12 91011 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 4.75 8 i cc = 80ma
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers _______________________________________________________________________________________ 7 driver rise time vs. driver load capacitance MAX5065/67 toc19 c driver (nf) t r (ns) 31 26 16 21 11 6 10 20 30 40 50 60 70 80 90 100 110 120 0 136 dl_ dh_ v in = +12v f sw = 250khz driver fall time vs. driver load capacitance MAX5065/67 toc20 c driver (nf) t r (ns) 31 26 16 21 11 6 10 20 30 40 50 60 70 80 90 100 110 120 0 136 dl_ dh_ v in = +12v f sw = 250khz 100ns/div high-side driver (dh_) sink and source current dh_ 1.6a/div MAX5065/67 toc21 v in = +12v c dh_ = 22nf 100ns/div low-side driver (dl_) sink and source current dl_ 1.6a/div MAX5065/67 toc22 v in = +12v c dl_ = 22nf 100 s/div pll locking time 250khz to 350khz and 350khz to 250khz clkout 5v/div MAX5065/67 toc23 pllcmp 200mv/div v in = +12v no load 350khz 250khz 0 100 s/div pll locking time 250khz to 500khz and 500khz to 250khz clkout 5v/div MAX5065/67 toc24 pllcmp 200mv/div 0 v in = +12v no load 500khz 250khz 100 s/div pll locking time 250khz to 150khz and 150khz to 250khz clkout 5v/div MAX5065/67 toc25 pllcmp 200mv/div 0 v in = +12v no load 250khz 150khz typical operating characteristics (continued) (circuit of figure 1, t a = +25 c, unless otherwise noted.)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 8 _______________________________________________________________________________________ typical operating characteristics (continued) (circuit of figure 1, t a = +25 c, unless otherwise noted.) 40ns/div low-side driver (dl_) rise time MAX5065/67 toc28 dl_ 2v/div v in = +12v c dl_ = 22nf 40ns/div low-side driver (dl_) fall time MAX5065/67 toc29 dl_ 2v/div v in = +12v c dl_ = 22nf 500ns/div output ripple MAX5065/67 toc30 v out (ac-coupled) 10mv/div v in = +12v v out = +1.75v i out = 52a 2ms/div input startup response MAX5065/67 toc31 v in 5v/div v in = +12v v out = +1.75v i out = 52a v pgood 1v/div v out 1v/div 40ns/div high-side driver (dh_) rise time MAX5065/67 toc26 v in = +12v c dh_ = 22nf dh_ 2v/div 40ns/div high-side driver (dh_) fall time MAX5065/67 toc27 dh_ 2v/div v in = +12v c dh_ = 22nf
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers _______________________________________________________________________________________ 9 1ms/div enable startup response MAX5065/67 toc32 v en 2v/div v pgood 1v/div v out 1v/div v in = +12v v out = +1.75v i out = 52a 40 s/div load-transient response MAX5065/67 toc33 v in = +12v v out = +1.75v i step = 8a to 52a t rise = 1 s v out 50mv/div reverse current sink vs. temperature MAX5065/67 toc34 temperature ( c) i reverse (a) 60 35 10 -15 2.4 2.5 2.6 2.7 2.8 2.3 -40 85 v external = +3.3v v external = +2v v in = +12v v out = 1.5v r1 = r2 = 1.5m ? 200 s/div reverse current sink at input turn-on (v in = 12v, v out = 1.5v, v external = 2.5v) MAX5065/67 toc35 reverse current 5a/div 0a r1 = r2 = 1.5m ? 200 s/div reverse current sink at input turn-on (v in = 12v, v out = 1.5v, v external = 3.3v) MAX5065/67 toc36 reverse current 10a/div 0a r1 = r2 = 1.5m ? 200 s/div reverse current sink at enable turn-on (v in = 12v, v out = 1.5v, v external = 2.5v) MAX5065/67 toc37 reverse current 5a/div 0a r1 = r2 = 1.5m ? 200 s/div reverse current sink at enable turn-on (v in = 12v, v out = 1.5v, v external = 3.3v) MAX5065/67 toc38 reverse current 10a/div 0a r1 = r2 = 1.5m ? typical operating characteristics (continued) (circuit of figure 1, t a = +25 c, unless otherwise noted.)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 10 ______________________________________________________________________________________ pin description pin MAX5065 max5067 name function 1, 13 39, 16 csp2, csp1 current-sense differential amplifier positive inputs. sense the inductor current. the differential voltage between csp_ and csn_ is amplified internally by the current-sense amplifier gain of 18. 2, 14 40, 17 csn2, csn1 current-sense differential amplifier negative inputs. together with csp_, sense the inductor current. 3 41 phase phase-shift setting input. connect phase to v cc for 120 , leave phase unconnected for 90 , or connect phase to sgnd for 60 of phase shift between the rising edge of clkout and clkin/dh1. 4 42 pllcmp external loop-compensation input. connect compensation network for the phase-locked loop (see the phase-locked loop section). 5, 7 43, 7 clp2, clp1 current-error amplifier outputs. compensate the current loop by connecting an rc network to ground. 6 5, 20, 35 sgnd signal ground. ground connection for the internal control circuitry. 8 10 sense+ differential output-voltage-sensing positive input. used to sense a remote load. the MAX5065 and max5067 regulate the difference between sense+ and sense- according to the factory preset reference voltage of +0.6v and +0.8v, respectively. 9 11 sense- differential output voltage-sensing negative input. used to sense a remote load. connect sense- to v out- or pgnd at the load. 10 12 diff differential remote-sense amplifier output. diff is the output of a precision unity-gain amplifier. 11 13 ean voltage-error amplifier inverting input. receives a signal from the output of the differential remote-sense amplifier. referenced to sgnd. 12 14 eaout voltage-error amplifier output. connect to the external gain-setting feedback resistor. the external error amplifier gain-setting resistors determine the amount of adaptive voltage positioning. 15 19 en output enable. a logic-low shuts down the power drivers. en has an internal 5a pullup current. 16, 26 22, 34 bst1, bst2 boost flying-capacitor connection. reservoir capacitor connection for the high-side fet driver supply. connect a 0.47f ceramic capacitor between bst_ and lx_. 17, 25 23, 32 dh1, dh2 high-side gate-driver outputs. drive the gate of the high-side mosfet. 18, 24 24, 31 lx1, lx2 inductor connection. source connection for the high-side mosfets. also serve as the return terminal for the high-side driver. 19, 23 25, 30 dl1, dl2 low-side gate-driver outputs. synchronous mosfet gate drivers for the two phases. 20 27 v cc internal +5v regulator output. v cc is derived internally from the in voltage. bypass to sgnd with 4.7f and 0.1f ceramic capacitors in parallel. 21 28 in supply voltage connection. connect in to v cc for a +5v system. connect the unregulated power source to in through an rc lowpass filter comprised of a 2.2 ? resistor and a 0.1f ceramic capacitor. 22 29 pgnd power ground. connect the v cc bypass capacitors, input capacitors, output capacitors, and low-side synchronous mosfet source to pgnd.
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 11 detailed description the MAX5065/max5067 average-current-mode pwm controllers drive two out-of-phase buck converter chan- nels. average-current-mode control improves current sharing between the channels while minimizing compo- nent derating and size. parallel multiple MAX5065/ max5067 regulators to increase the output current capacity. for maximum ripple rejection at the input, set the phase shift between phases to 90 for two paral- leled converters, or 60 for three paralleled converters. paralleling the MAX5065/max5067s improves design flexibility in applications requiring upgrades (higher load). dual-phase converters with an out-of-phase locking arrangement reduce the input and output capacitor ripple current, effectively multiplying the switching fre- quency by the number of phases. each phase of the MAX5065/max5067 consists of an inner average cur- rent loop controlled by a common outer-loop voltage- error amplifier (vea). the combined action of the two inner current loops and the outer voltage loop corrects the output voltage errors and forces the phase currents to be equal. program the output voltage from +0.6v to +3.3v (MAX5065) and +0.8v to +3.3v (max5067) using a resistive-divider at sense+ and sense-. v in , v cc , v dd the MAX5065/max5067 accept a wide input voltage range of +4.75v to +5.5v or +8v to +28v. all internal control circuitry operates from an internally regulated nominal voltage of +5v (v cc ). for input voltages of +8v or greater, the internal v cc regulator steps the voltage down to +5v. the v cc output voltage regulates to +5v while sourcing up to 80ma. bypass v cc to sgnd with 4.7f and 0.1f low-esr ceramic capacitors for high- frequency noise rejection and stable operation (figures 1, 2, and 3). calculate power dissipation in the MAX5065/max5067 as a product of the input voltage and the total v cc reg- ulator output current (i cc ). i cc includes quiescent cur- rent (i q ) and gate-drive current (i dd ): p d = v in x i cc i cc = i q + f sw x (q g1 + q g2 + q g3 + q g4 ) pin description (continued) pin MAX5065 max5067 name function 27 36 clkout oscillator output. clkout is phase-shifted from clkin by the amount determined by the phase input. use clkout to parallel additional MAX5065/max5067s. 28 38 clkin cmos logic clock input. drive clkin with a frequency range between 125khz and 600khz or connect to v cc or sgnd. connect clkin to sgnd to set the internal oscillator to 250khz or connect to v cc to set the internal oscillator to 500khz. clkin has an internal 5a pulldown current. 6 ovpin overvoltage protection circuit input. connect ovpin to the center of the resistive-divider between v out and gnd. when ovpin exceeds +0.8v with respect to sgnd, ovpout latches dh_ low and dl_ high. toggle en low to high or recycle the power to reset the latch. 8 ovpout overvoltage protection output. use the ovpout active-high, push-pull output to trigger a safety device such as an scr. 9 pgood power-good output. the open-drain, active-low pgood output goes low when the output voltage falls out of regulation or a phase failure is detected. the power-good window- comparator thresholds are +8% and -10% of the output voltage. forcing en low also forces pgood low. 1, 2, 3, 4, 15, 18, 21, 33, 37, 44 n.c. no connection. not internally connected. 26 v dd supply voltage for low-side and high-side drivers. v cc powers v dd . connect a parallel combination of 0.1f and 1f ceramic capacitors to pgnd and a 1 ? resistor to v cc to filter out the high peak currents of the driver from the internal circuitry. (1) (2)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 12 ______________________________________________________________________________________ MAX5065 in en phase 1 csp1 drv_v cc ramp1 gm in clk clp1 csn1 shdn bst1 dl1 lx1 dh1 v cc to internal circuits to internal circuits csp1 csn1 clp1 phase 2 csp2 drv_v cc gm in clk clp2 csn2 shdn bst2 dl2 lx2 dh2 csp2 csn2 clp2 phase- locked loop ramp generator ramp2 clkin phase clkout pllcmp diff amp error amp sense- sense+ diff ean eaout pgnd pgnd pgnd sgnd v ref = 0.6v + v cm +5v ldo regulator uvlo por temp sensor 0.6v functional diagrams
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 13 max5067 in en phase 1 csp1 drv_v cc ramp1 gm in clk clp1 csn1 shdn bst1 dl1 lx1 dh1 v cc v dd to internal circuits csp1 csn1 clp1 phase 2 csp2 drv_v cc gm in clk clp2 csn2 shdn bst2 dl2 lx2 dh2 ovpout pgood csp2 csn2 clp2 ovpin phase- locked loop ramp generator ramp2 power- good generator clp2 clp1 v ref diff clkin phase clkout pllcmp diff amp error amp sense- sense+ diff ean eaout pgnd pgnd pgnd sgnd v ref = 0.8v + v cm +5v ldo regulator uvlo por temp sensor +0.6v 0.8v ovp comp n functional diagrams (continued)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 14 ______________________________________________________________________________________ max5067 q4 q3 c39 c40 r3 d2 q2 d1 v in c8 c11 q1 v in v cc d4 d3 c41 c12 c38 c3?7 c14 c15 c16 c25 c26, c30, c37 load l2 r2 l1 r1 dh1 lx1 dl1 bst1 v dd v cc dh2 lx2 dl2 bst2 csp2 csn2 pgood phase sgnd pgnd clp2 clp1 r11 pgood v cc r6 c35 c36 r5 c33 c34 c42 c1, c2 r13 v cc c31 c32 r4 csp1 csn1 sense+ sense- in clkin pllcmp en r f r in r12 c43 v in eaout ean diff ovpin ovpout c13 in in c44 ra rb rh rl v cc r x v out = +0.8v to +3.3v at 52a v in = +5v figure 1. typical application circuit, v in = +5v
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 15 max5067 q4 q3 c39 c40 r3 d2 q2 d1 v in c8 c11 q1 v in v cc d4 d3 c41 c12 c38 c3 c7 c14, c15 c16 c25 c26 c30, c37 load l2 r2 l1 r1 dh1 lx1 dl1 bst1 v dd v cc dh2 lx2 dl2 bst2 csp2 csn2 pgood phase sgnd pgnd clp2 clp1 r11 pgood v cc r6 c35 c36 r5 c33 c34 c42 c1, c2 r13 v cc c31 c32 r4 csp1 csn1 sense+ sense- in clkin pllcmp en r f r in r12 c43 v in eaout ean diff ovpin ovpout c13 c44 ra rb rh rl v cc r x v out = +1.8v at 52a v in = +8v to +28v note: see table 1 for component values. figure 2. typical vrm application circuit, v in = +8v to +28v
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 16 ______________________________________________________________________________________ clkin pllcmp pgnd phase dl2 lx2 dh2 dl1 lx1 dh1 v cc eaout ean diff en csp2 csn2 csp1 csn1 MAX5065 3 r1 c39 v in = +12v c1, c2 21 15 in c25 c26 r4 r7 r8 r6 c29 c30 r5 c27 c28 sgnd clp2 clp1 q2 q1 d2 q2 d1 v in q1 v in d4 d3 c32 c12 c31 c3 c7 l2 r3 l1 r2 c13 c8 c11 c14, c15 c16 c24, c33 load +1.8v at 60a v out sense- sense+ 17 18 19 16 20 25 24 23 26 9 8 14 13 1 2 bst1 v cc 28 4 10 11 12 7 5 6 22 bst2 r h r l v cc r x c34 figure 3. MAX5065 typical application circuit
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 17 where, q g1 , q g2 , q g3, and q g4 are the total gate charge of the low-side and high-side external mosfets, i q is 4ma (typ), and f sw is the switching fre- quency of each individual phase. for applications utilizing a +5v input voltage, disable the v cc regulator by connecting in and v cc together. undervoltage lockout (uvlo)/soft-start the MAX5065/max5067 include an undervoltage lock- out with hysteresis and a power-on reset circuit for con- verter turn-on and monotonic rise of the output voltage. the uvlo threshold is internally set between +4.0v and +4.5v with a 200mv hysteresis. hysteresis at uvlo eliminates chattering during startup. most of the internal circuitry, including the oscillator, turns on when the input voltage reaches +4v. the MAX5065/max5067 draw up to 4ma of current before the input voltage reaches the uvlo threshold. the compensation network at the current-error ampli- fiers (clp1 and clp2) provides an inherent soft-start of the output voltage. it includes a parallel combination of capacitors (c34, c36) and resistors (r5, r6) in series with other capacitors (c33, c35) (see figures 1 and 2). the voltage at clp_ limits the maximum current avail- able to charge output capacitors. the capacitor on clp_ in conjunction with the finite output-drive current of the current-error amplifier yields a finite rise time for the output current and thus the output voltage. internal oscillator the internal oscillator generates the 180 out-of-phase clock signals required by the pulse-width modulation (pwm) circuits. the oscillator also generates the 2v p-p voltage ramp signals necessary for the pwm compara- tors. connect clkin to sgnd to set the internal oscillator frequency to 250khz or connect clkin to v cc to set the internal oscillator to 500khz. clkin is a cmos logic clock input for the phase- locked loop (pll). when driven externally, the internal oscillator locks to the signal at clkin. a rising edge at clkin starts the on cycle of the pwm. ensure that the external clock pulse width is at least 200ns. clkout provides a phase-shifted output with respect to the ris- ing edge of the signal at clkin. phase sets the amount of phase shift at clkout. connect phase to v cc for 120 of phase shift, leave phase unconnected for 90 of phase shift, or connect phase to sgnd for 60 of phase shift with respect to clkin. the MAX5065/max5067 require compensation on pllcmp even when operating from the internal oscillator. the device requires an active pll to generate the proper clock signal required for pwm operation. control loop the MAX5065/max5067 use an average-current-mode control scheme to regulate the output voltage (figure 4). the main control loop consists of an inner current loop and an outer voltage loop. the inner loop controls the output currents (i phase1 and i phase2 ) while the outer loop controls the output voltage. the inner current loop absorbs the inductor pole reducing the order of the outer voltage loop to that of a singlepole system. the current loop consists of a current-sense resistor (r s ), a current-sense amplifier (ca_), a current-error amplifier (cea_), an oscillator providing the carrier ramp, and a pwm comparator (cpwm_). the precision ca_ amplifies the sense voltage across r s by a factor of 18. the inverting input to the cea_ senses the ca_ output. the cea_ output is the difference between the voltage-error amplifier output (eaout) and the gained- up voltage from the ca_. the rc compensation net- work connected to clp1 and clp2 provides external frequency compensation for the respective cea_. the start of every clock cycle enables the high-side drivers and initiates a pwm on cycle. comparator cpwm_ compares the output voltage from the cea_ with a 0 to +2v ramp from the oscillator. the pwm on cycle termi- nates when the ramp voltage exceeds the error voltage. the outer voltage control loop consists of the differen- tial amplifier (diff amp), reference voltage, and vea. the unity-gain differential amplifier provides true differ- ential remote sensing of the output voltage. the differ- ential amplifier output connects to the inverting input (ean) of the vea. the noninverting input of the vea is internally connected to an internal precision reference voltage. the max5067 reference voltage is set to +0.8v and the MAX5065 reference is set to +0.6v. the vea controls the two inner current loops (figure 4). use a resistive feedback network to set the vea gain as required by the adaptive voltage-positioning circuit (see the adaptive voltage positioning section). current-sense amplifier the differential current-sense amplifier (ca_) provides a dc gain of 18. the maximum input offset voltage of the current-sense amplifier is 1mv and the common-mode voltage range is -0.3v to +3.6v. the current-sense ampli- fier senses the voltage across a current-sense resistor. peak-current comparator the peak-current comparator provides a path for fast cycle-by-cycle current limit during extreme fault condi- tions such as an output inductor malfunction (figure 5). note that the average current-limit threshold of 48mv still limits the output current during short-circuit condi- tions. to prevent inductor saturation, select an output
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 18 ______________________________________________________________________________________ inductor with a saturation current specification greater than the average current limit (48mv). proper inductor selection ensures that only extreme conditions trip the peak-current comparator, such as a cracked output inductor. the 112mv voltage threshold for triggering the peak-current limit is twice the full-scale average current-limit voltage threshold. the peak-current com- parator has a delay of only 260ns. current-error amplifier each phase of the MAX5065/max5067 has a dedicated transconductance current-error amplifier (cea_) with a typical g m of 550s and 320a output sink and source current capability. the current-error amplifier outputs, clp1 and clp2, serve as the inverting input to the pwm comparator. clp1 and clp2 are externally accessible to provide frequency compensation for the inner current loops (figure 4). compensate cea_ so the inductor current down slope, which becomes the up slope to the inverting input of the pwm comparator, is less than the slope of the internally generated voltage ramp (see the compensation section). pwm comparator and r-s flip-flop the pwm comparator (cpwm) sets the duty cycle for each cycle by comparing the output of the current-error amplifier to a 2v p-p ramp. at the start of each clock cycle, an r-s flip-flop resets and the high-side driver (dh_) turns on. the comparator sets the flip-flop as soon as the ramp voltage exceeds the clp_ voltage, thus terminating the on cycle (figure 5). differential amplifier the differential amplifier (diff amp) facilitates output voltage remote sensing at the load (figure 4). it pro- vides true differential output voltage sensing while rejecting the common-mode voltage errors due to high- current ground paths. sensing the output voltage drive 2 drive 1 cpwm1 cpwm2 cea1 cea2 vea diff amp ca1 ca2 v ref clp2 csp2 csn2 clp1 csn1 csp1 sense+ sense- v in v in load c out v out r in * r f * r s r s i phase1 i phase2 r cf c cff c cf r cf c ccf c cf *r f and r in are external. MAX5065/ max5067 figure 4. MAX5065/max5067 control loop
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 19 directly at the load provides accurate load voltage sensing in high-current environments. the vea pro- vides the difference between the differential amplifier output (diff) and the desired output voltage. the dif- ferential amplifier has a bandwidth of 3mhz. the differ- ence between sense+ and sense- regulates to +0.6v for the MAX5065 and regulates to +0.8v for the max5067. connect sense+ to the center of the resis- tive-divider from the output to sense-. voltage-error amplifier the vea sets the gain of the voltage control loop and determines the error between the differential amplifier output and the internal reference voltage (v ref ). the vea output clamps to +0.9v relative to v cm (+0.6v), thus limiting the average maximum current from individual phases. the maximum average current- limit threshold for each phase is equal to the maximum clamp voltage of the vea divided by the gain (18) of the current-sense amplifier. this results in accurate set- tings for the average maximum current for each phase. set the vea gain using r f and r in for the amount of output voltage positioning required within the rated cur- rent range as discussed in the adaptive voltage positioning section (figure 4). where r h and r l are the feedback resistor network (figures 1, 2). v ref = 0.6v (MAX5065) or 0.8v (max5067). some applications require v out equal to v out(nom) at no load. to ensure that the output voltage does not exceed the nominal output voltage (v out(nom) ), add a resistor r x from v cc to ean. use the following equations to calculate the value of r x . for MAX5065: for max5067: adaptive voltage positioning powering new-generation processors requires new techniques to reduce cost, size, and power dissipation. voltage positioning reduces the total number of output capacitors to meet a given transient response require- ment. setting the no-load output voltage slightly higher than the output voltage during nominally loaded condi- tions allows a larger downward voltage excursion when the output current suddenly increases. regulating at a lower output voltage under a heavy load allows a larger upward-voltage excursion when the output current sud- denly decreases. a larger allowed, voltage-step excur- sion reduces the required number of output capacitors rv r v xcc f =? [.] . 14 08 rv r v xcc f =? [.] . 12 06 v r r rr r v out nl in f hl l ref () =+ ? ? ? ? ? ? + ? ? ? ? ? ? 1 2 x f s (v/s) ramp clk csp_ csn_ gm in shdn clp_ drv_v cc bst_ dh_ lx_ dl_ pgnd a v = 18 pwm comparator peak-current comparator 112mv s r q q g m = 500 s figure 5. phase circuit (phase 1/phase 2) (3) (4) (5)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 20 ______________________________________________________________________________________ or allows for the use of higher esr capacitors. voltage positioning may require the output to regulate away from a center value. define the center value as the voltage where the output drops ( ? v out /2) at one half the maximum output current (figure 6). set the voltage-positioning window ( ? v out ) using the resistive feedback of the vea. use the following equa- tions to calculate the voltage-positioning window for the MAX5065/max5067: where r in and r f are the input and feedback resistors of the vea, g c is the current-loop transconductance, and r s is the current-sense resistor. phase-locked loop: operation and compensation the pll synchronizes the internal oscillator to the external frequency source when driving clkin. connecting clkin to v cc or sgnd forces the pwm frequency to default to the internal oscillator frequency of 500khz or 250khz, respectively. the pll uses a conventional architecture consisting of a phase detec- tor and a charge pump capable of providing 20a of output current. connect an external series combination capacitor (c31) and resistor (r4) and a parallel capaci- tor (c32) from pllcmp to sgnd to provide frequency compensation for the pll (figure 1). the pole-zero pair compensation provides a zero defined by 1 / [r4 x (c31 + c32)] and a pole defined by 1 / (r4 x c32). use the following typical values for compensating the pll: r4 = 7.5k ? , c31 = 4.7nf, c32 = 470pf. if changing the pll frequency, expect a finite locking time of approxi- mately 200s. the MAX5065/max5067 require compensation on pllcmp even when operating from the internal oscilla- tor. the device requires an active pll in order to gen- erate the proper internal pwm clocks. mosfet gate drivers (dh_, dl_) the high-side (dh_) and low-side (dl_) drivers drive the gates of external n-channel mosfets (figures 1, 2, and 3). the drivers high-peak sink and source current capability provides ample drive for the fast rise and fall times of the switching mosfets. faster rise and fall times result in reduced cross-conduction losses. for modern cpu voltage-regulating module applications where the duty cycle is less than 50%, choose high- side mosfets (q1 and q3) with a moderate r ds(on) and a very low gate charge. choose low-side mosfets (q2 and q4) with very low r ds(on) and moderate gate charge. the driver block also includes a logic circuit that provides an adaptive nonoverlap time to prevent shoot-through currents during transition. the typical nonoverlap time is 60ns between the high-side and low-side mosfets. bst_ the max5067 uses v dd to power the low- and high- side mosfet drivers. the high-side drivers derive their power through a bootstrap capacitor and v dd supplies power internally to the low-side drivers. connect a 0.47f low-esr ceramic capacitor between bst_ and lx_. bypass v cc to sgnd with 4.7f and 0.1f low- esr ceramic capacitors in parallel. reduce the pc board area formed by these capacitors, the rectifier diodes between v cc and the boost capacitor, the MAX5065/max5067, and the switching mosfets. overload conditions average-current-mode control has the ability to limit the average current sourced by the converter during a fault condition. when a fault condition occurs, the vea out- put clamps to +0.9v with respect to the common-mode voltage (v cm = +0.6v) and is compared with the output of the current-sense amplifiers (ca1 and ca2) (see figure 4). the current-sense amplifier s gain of 18 limits the maximum current in the inductor or sense resistor to i limit = 50mv/r s . g r c s = 005 . ? v ir gr rr r out out in cf hl l = + 2 (6) (7) load (a) v cntr no load 1/2 load full load voltage-positioning w indow v cntr + ? v out /2 v cntr - ? v out /2 figure 6. defining the voltage-positioning window
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 21 protection the max5067 includes output overvoltage protection (ovp), undervoltage protection (uvp), phase failure, and overload protection to prevent damage to the pow- ered electronic circuits. overvoltage protection (max5067) the ovp comparator compares the ovpin input to the overvoltage threshold (figure 7). the overvoltage threshold is typically +0.8v. a detected overvoltage event latches the comparator output forcing the power stage into the ovp state. in the ovp state, the high- side mosfets turn off and the low-side mosfets latch on. use the ovpout high-current output driver to turn on an external crowbar scr. when the crowbar scr turns on, a fuse must blow or the source current for the max5067 regulator must be limited to prevent further damage to the external circuitry. connect the scr close to the input source and after the fuse. use an scr large enough to handle the peak i 2 t energy due to the input and output capacitors discharging and the current sourced by the power-source output. connect diff to ovpin for differential output sensing and over- voltage protection. add an rc delay to reduce the sen- sitivity of the overvoltage circuit and avoid nuisance tripping of the converter (figures 1, 2). connect a resis- tor-divider from the load to sgnd to set the ovp output voltage. power-good generator (max5067) the pgood output is high if all of the following condi- tions are met (figure 8): 1) the output is within 90% to 108% of the pro- grammed output voltage. 2) both phases are providing current. 3) en is high. a window comparator compares the differential amplifier output (diff) against 1.08 times the set output voltage for overvoltage and 0.90 times the set output voltage for undervoltage monitoring. the phase-failure comparator detects a phase failure by comparing the current-error- amplifier output (clp_) with a 2.0v reference. use a 10k ? pullup resistor from pgood to a voltage source less than or equal to v cc . an output voltage outside the comparator window or a phase-failure con- dition forces the open-drain output low. the open-drain mosfet sinks 4ma of current while maintaining less than 0.2v at the pgood output. v r r v ovp a b =+ ? ? ? ? ? ? 108 . max5067 r f r in ovpin diff ean eaout rb ra v out figure 7. ovp input delay +2.0v phase-failure detection clp2 clp1 v ref diff pgood 8% of v ref 10% of v ref figure 8. power-good generator (max5067) (8)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 22 ______________________________________________________________________________________ clkin clkout sgnd pgnd in phase dl2 lx2 dh2 dl1 lx1 dh1 v cc v in eaout ean diff sense- sense+ csp2 csn2 csp1 csn1 v cc v in v in clkout sgnd pgnd in phase dl2 lx2 dh2 dl1 lx1 dh1 eaout ean clkin csp2 csn2 csp1 csn1 diff v cc v in v in clkout sgnd pgnd in phase dl2 lx2 dh2 dl1 lx1 dh1 eaout ean clkin csp2 csn2 csp1 csn1 diff v cc v in v in to other MAX5065/max5067s MAX5065/ max5067 MAX5065/ max5067 MAX5065/ max5067 load v out = +0.6v (MAX5065) v out = +0.8v (max5067) figure 9. parallel configuration of multiple MAX5065/max5067s
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 23 max5067 (master) q4 q3 d2 q2 d1 v in 4 x 22 f c8 c11 q1 v in v in = +12v v cc d4 d3 c41 0.1 f c12 0.47 f c38 4.7 f c3 c7 5 x 22 f l2 0.6 h r2 1.35m ? l1 0.6 h r1 1.35m ? dh1 lx1 dl1 bst1 v cc v dd dh2 lx2 dl2 bst2 csp2 csn2 pgood phase clkout sgnd pgnd clp2 clp1 r11 pgood v cc r6 c35 c36 r5 c33 c34 c42 0.1 f c1, c2 2 x 47 f r13 2.2 ? c31 c32 r4 csp1 csn1 sense+ sense- in clkin pllcmp ovpout r8 r7 eaout ean diff ovpin en c13 0.47 f c14, c15, c44, c45 2 x 100 f c16 c25, c57 c60 2 x 270 f c26 c30, c37 6 x 10 f load v out = +0.8v to +3.3v at 104a v cc max5067 (slave) q8 q7 d6 q6 d5 v in c51 c54 4 x 22 f q5 v in d8 d7 c64 0.1 f c55 0.47 f c65 4.7 f c46 c50 5 x 22 f l4 0.6 h r15 1.35m ? l3 0.6 h r14 1.35m ? dh1 lx1 dl1 bst1 v cc v dd dh2 lx2 dl2 bst2 csp2 csn2 phase pgood sgnd pgnd clp2 clp1 v cc r19 c67 c66 r18 c68 c69 c61 0.1 f r24 2.2 ? c70 c71 r17 csp1 csn1 sense+ sense- clkin in pllcmp en r21 r20 eaout ean diff ovpin ovpout c56 0.47 f r12 c43 v in c39 1 f c40 1 f r h r l ra rb c62 1 f c63 0.1 f r16 r3 figure 10. four-phase parallel application circuit (v in = +12v, v out = +0.8v to +3.3v at 104a)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 24 ______________________________________________________________________________________ phase-failure detector (max5067) output current contributions from the two phases are within 10% of each other. proper current sharing reduces the necessity to overcompensate the external components. however, an undetected failure of one phase driver causes the other phase driver to run con- tinuously as it tries to provide the entire current require- ment to the load. eventually, the stressed operational phase driver fails. during normal operating conditions, the voltage level on clp_ is within the peak-to-peak voltage levels of the pwm ramp. if one of the phases fails, the control loop raises the clp_ voltage above its operating range. to determine a phase failure, the phase-failure detection circuit (figure 8) monitors the output of the current amplifiers (clp1 and clp2) and compares them to a 2.0v reference. if the voltage levels on clp1 or clp2 are above the reference level for more than 1250 clock cycles, the phase failure circuit forces pgood low. parallel operation for applications requiring large output current, parallel up to three MAX5065/max5067s (six phases) to triple the available output current (see figures 9 and 10). the paralleled converters operate at the same switching fre- quency but different phases keep the capacitor ripple rms currents to a minimum. three parallel MAX5065/ max5067 converters deliver up to 180a of output cur- rent. to set the phase shift of the on-board pll, leave phase unconnected for 90 of phase shift (2 paralleled converters), or connect phase to sgnd for 60 of phase shift (3 converters in parallel). designate one converter as master and the remaining converters as slaves. connect the master and slave controllers in a daisy- chain configuration as shown in figure 9. connect clk- out from the master controller to clkin of the first slaved controller, and clkout from the first slaved con- troller to clkin of the second slaved controller. choose the appropriate phase shift for minimum ripple currents at the input and output capacitors. the master controller senses the output differential voltage through sense+ and sense- and generates the diff voltage. disable the voltage sensing of the slaved controllers by leaving diff unconnected (floating). figure 10 shows a detailed typi- cal parallel application circuit using two max5067s. this circuit provides four phases at an input voltage of +12v and an output voltage range of +0.6v to +3.3v (MAX5065) and +0.8v to +3.3v (max5067) at 104a. applications information each MAX5065/max5067 circuit drives two 180 out-of- phase channels. parallel two or three MAX5065/ max5067 circuits to achieve four- or six-phase opera- tion, respectively. figure 1 shows the typical application circuit for a two-phase operation. the design criteria for a two-phase converter includes frequency selection, inductor value, input/output capacitance, switching mosfets, sense resistors, and the compensation net- work. follow the same procedure for the four- and six- phase converter design, except for the input and output capacitance. the input and output capacitance require- ments vary depending on the operating duty cycle. the examples discussed in this data sheet pertain to a typical application with the following specifications: v in = +12v v out = +1.8v i out(max) = 52a f sw = 250khz peak-to-peak inductor current ( ? i l ) = 10a table 1 shows a list of recommended external compo- nents (figure 1) and table 2 provides component sup- plier information. number of phases selecting the number of phases for a voltage regulator depends mainly on the ratio of input-to-output voltage (operating duty cycle). optimum output-ripple cancella- tion depends on the right combination of operating duty cycle and the number of phases. use the following equation as a starting point to choose the number of phases: n ph k/d (9) where k = 1, 2, or 3 and the duty cycle is d = v out /v in. choose k to make n ph an integer number. for exam- ple, converting v in = +12v to v out = +1.8v yields better ripple cancellation in the six-phase converter than in the four-phase converter. ensure that the output load justifies the greater number of components for multiphase conversion. generally limiting the maximum output current to 25a per phase yields the most cost- effective solution. the maximum ripple cancellation occurs when n ph = k/d. single-phase conversion requires greater size and power dissipation for external components such as the switch- ing mosfets and the inductor. multiphase conversion eliminates the heatsink by distributing the power dissipa- tion in the external components. the multiple phases operating at given phase shifts effectively increase the switching frequency seen by the input/output capacitors, thereby reducing the input/output capacitance require- ment for the same ripple performance. the lower induc- tance value improves the large-signal response of the converter during a transient load at the output. consider
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 25 table 1. component list designation qty description c1, c2 2 47f,16v x5r input-filter capacitors tdk c5750x5r1c476m c3 c11 9 22f, 16v input-filter capacitors tdk c4532x5r1c226m c12, c13 2 0.47f, 16v capacitors tdk c1608x5r1a474k c14, c15 2 100f, 6.3v, output-filter capacitors murata grm44-1x5r107k6.3 c16 c25 10 270f, 2v output-filter capacitors panasonic eefue0d271r c26 c30, c37 6 10f, 6.3v output-filter capacitors tdk c2012x5r05106m c31 1 4700pf, 16v x7r capacitor vishay-siliconix vj0603y471jxj c32, c34, c36 3 470pf, 16v capacitors murata grm1885c1h471jab01 c33, c35, c43 3 0.01f, 50v x7r capacitors murata grm188r71h103ka01 c38 1 4.7f, 16v x5r capacitor murata grm40-034x5r475k6.3 c39 1 0.1f, 10v y5v capacitor murata grm188f51a105 c40, c41, c42 3 0.1f, 16v x7r capacitors murata grm188r71c104ka01 c44 1 100pf ovpin capacitor d1, d2 2 schottky diodes on-semiconductor mbrs340t3 d3, d4 2 schottky diodes on-semiconductor mbr0520lt1 l1, l2 2 0.6h, 27a inductors panasonic etqp1h0r6bfx q1, q3 2 upper-power mosfets vishay-siliconix si7860dp q2, q4 2 lower-power mosfets vishay-siliconix si7886dp r1, r2 4 current-sense resistors, use two 2.7m ? resistors in parallel, panasonic erjm1wsf2m7u r3, r13 2 2.2 ? 1% resistors r4 2 7.5k ? 1% resistor r5, r6 2 1k ? 1% resistors r in 1 4.99k ? 1% resistor r f 1 37.4k ? 1% resistor r11 1 10k ? 1% resistor r12 1 10k ? 1% resistor ra 1 see the overvoltage protection (max5067) section rb 1 see the overvoltage protection (max5067) section rh 1 see the adaptive voltage positioning and voltage-error amplifier sections rl 1 see the adaptive voltage positioning and voltage-error amplifier sections rx 1 open circuit table 2. component suppliers supplier phone fax website murata 770-436-1300 770-436-3030 www.murata.com on semiconductor 602-244-6600 602-244-3345 www.on-semi.com panasonic 714-373-7939 714-373-7183 www.panasonic.com tdk 847-803-6100 847-390-4405 www.tcs.tdk.com vishay-siliconix 1-800-551-6933 619-474-8920 www.vishay.com
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 26 ______________________________________________________________________________________ all these issues when determining the number of phases necessary for the voltage regulator application. inductor selection the switching frequency per phase, peak-to-peak rip- ple current in each phase, and allowable ripple at the output determine the inductance value. selecting higher switching frequencies reduces the inductance requirement, but at the cost of lower efficien- cy. the charge/discharge cycle of the gate and drain capacitances in the switching mosfets create switching losses. the situation worsens at higher input voltages, since switching losses are proportional to the square of input voltage. use 500khz per phase for v in = +5v and 250khz or less per phase for v in > +12v. although lower switching frequencies per phase increase the peak-to-peak inductor ripple current ( ? i l ), the ripple cancellation in the multiphase topology reduces the input and output capacitor rms ripple current. use the following equation to determine the minimum inductance value: choose ? i l equal to about 40% of the output current per phase. since ? i l affects the output-ripple voltage, the inductance value may need minor adjustment after choosing the output capacitors for full-rated efficiency. choose inductors from the standard high-current, surface-mount inductor series available from various manufacturers. particular applications may require cus- tom-made inductors. use high-frequency core material for custom inductors. high ? i l causes large peak-to-peak flux excursion increasing the core losses at higher fre- quencies. the high-frequency operation coupled with high ? i l , reduces the required minimum inductance and even makes the use of planar inductors possible. the advantages of using planar magnetics include low- profile design, excellent current-sharing between phas- es due to the tight control of parasitics, and low cost. for example, calculate the minimum inductance at v in(max) = +13.2v, v out = +1.8v, ? i l = 10a, and f sw = 250khz: the average-current-mode control feature of the MAX5065/max5067 limits the maximum peak inductor current and prevents the inductor from saturating. choose an inductor with a saturating current greater than the worst-case peak inductor current. use the fol- lowing equation to determine the worst-case inductor current for each phase: where r sense is the sense resistor in each phase. switching mosfets when choosing a mosfet for voltage regulators, consider the total gate charge, r ds(on) , power dissipa- tion, and package thermal impedance. the product of the mosfet gate charge and on-resistance is a figure of merit, with a lower number signifying better performance. choose mosfets optimized for high-frequency switch- ing applications. the average gate-drive current from the MAX5065/ max5067 output is proportional to the total capacitance it drives from dh1, dh2, dl1, and dl2. the power dissi- pated in the MAX5065/max5067 is proportional to the input voltage and the average drive current. see the v in, v cc , v dd section to determine the maximum total gate charge allowed from all the driver outputs combined. the gate charge and drain capacitance (cv 2) loss, the cross-conduction loss in the upper mosfet due to finite rise/fall time, and the i 2 r loss due to rms current in the mosfet r ds(on) account for the total losses in the mosfet. estimate the power loss (pd mos _) in the high-side and low-side mosfets using the following equations: where q g , r ds(on) , t r , and t f are the upper-switching mosfet s total gate charge, on-resistance at +25 c, rise time, and fall time, respectively. where d = v out /v in , i dc = (i out - ? i l )/2 and i pk = (i out + ? i l )/2 iiiii d rms hi dc pk dc pk ? =++ () 22 3 pd q v f vi t t f ri mos hi g dd sw in out r f sw ds on rms hi ? ? = () + + () ? ? ? ? ? ? + 4 14 2 . () i v r i l peak sense l _ . =+ 0 051 2 ? l k h min = ? () = 13 2 1 8 1 8 13 2 250 10 06 .. . . . l vvv vf i min inmax out out in sw l = ? () ? (10) (11) (12) (13) (14)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 27 where c oss is the mosfet drain-to-source capacitance. for example, from the typical specifications in the applications information section with v out = +1.8v, the high-side and low-side mosfet rms currents are 9.9a and 24.1a, respectively. ensure that the thermal imped- ance of the mosfet package keeps the junction tem- perature at least 25 c below the absolute maximum rating. use the following equation to calculate maxi- mum junction temperature: t j = pd mos x j-a + t a input capacitors the discontinuous input-current waveform of the buck converter causes large ripple currents in the input capacitor. the switching frequency, peak inductor cur- rent, and the allowable peak-to-peak voltage ripple reflected back to the source dictate the capacitance requirement. increasing the number of phases increas- es the effective switching frequency and lowers the peak-to-average current ratio, yielding a lower input capacitance requirement. the input ripple is comprised of ? v q (caused by the capacitor discharge) and ? v esr (caused by the esr of the capacitor). use low-esr ceramic capacitors with high-ripple-current capability at the input. assume the contributions from the esr and capacitor discharge are equal to 30% and 70%, respectively. calculate the input capacitance and esr required for a specified rip- ple using the following equation: where i out is the total output current of the multiphase converter and n is the number of phases. for example, at v out = +1.8v, the esr and input capacitance are calculated for the input peak-to-peak ripple of 100mv or less yielding an esr and capaci- tance value of 1m ? and 200f. output capacitors the worst-case peak-to-peak and capacitor rms ripple current, the allowable peak-to-peak output ripple volt- age, and the maximum deviation of the output voltage during step loads determine the capacitance and the esr requirements for the output capacitors. in multiphase converter design, the ripple currents from the individual phases cancel each other and lower the ripple current. the degree of ripple cancellation depends on the operating duty cycle and the number of phases. choose the right equation from table 3 to calcu- late the peak-to-peak output ripple ( ? i p-p ) for a given duty cycle of two-, four-, and six-phase converters. the maximum ripple cancellation occurs when n ph = k / d. c i n dd vf in out qsw = ? () 1 ? esr v i n i in esr out l = () + ? ? ? ? ? ? ? ? 2 iiiii d rms lo dc pk dc pk ? =++ () ? () 22 1 3 pd q v f cvf ri mos lo g dd sw oss in sw ds on rms lo ? ? = () + ? ? ? ? ? ? ? ? + 2 3 14 2 2 . () table 3. peak-to-peak output ripple current calculations number of phases (n) duty cycle (d) equation for ? i p-p 2 < 50% 2 > 50% 4 0 to 25% 4 25% to 50% 4 > 50% 6 < 17% ? i vd lf o sw = ? () 12 ? i vv d lf in o sw = ? () ? () 21 ? i vd lf o sw = ? () 14 ? i vdd dl f o sw = ?? ()() 12 4 1 2 ? i vd d dl f o sw = ?? ()( ) 2134 ? i vd lf o sw = ? () 16 (15) (16) (17) (18) (19)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers 28 ______________________________________________________________________________________ the allowable deviation of the output voltage during the fast transient load dictates the output capacitance and esr. the output capacitors supply the load step until the controller responds with a greater duty cycle. the response time (t response ) depends on the closed-loop bandwidth of the converter. the resistive drop across the capacitor esr and capacitor discharge causes a voltage drop during a step load. use a combination of sp polymer and ceramic capacitors for better transient load and ripple/noise performance. keep the maximum output voltage deviation less than or equal to the adaptive voltage-positioning window ( ? v out ). assume 50% contribution each from the out- put capacitance discharge and the esr drop. use the following equations to calculate the required esr and capacitance value: where i step is the load step and t response is the response time of the controller. controller response time depends on the control-loop bandwidth. current limit the average-current-mode control technique of the MAX5065/max5067 accurately limits the maximum out- put current per phase. the MAX5065/max5067 sense the voltage across the sense resistor and limit the peak inductor current (i l-pk ) accordingly. the on cycle ter- minates when the current-sense voltage reaches 45mv (min). use the following equation to calculate maximum current-sense resistor value: where pd r is the power dissipation in sense resistors. select 5% lower value of r sense to compensate for any parasitics associated with the pc board. also, select a non inductive resistor with the appropriate wattage rating. reverse current limit the MAX5065/max5067 limit the reverse current when v bus is higher than the preset output voltage. calculate the maximum reverse current based on v clr , the reverse-current-limit threshold, and the current-sense resistor. where i reverse is the total reverse current into the con- verter. compensation the main control loop consists of an inner current loop and an outer voltage loop. the MAX5065/max5067 use an average-current-mode control scheme to regulate the output voltage (figure 4). i phase1 and i phase2 are the inner average current loops. the vea output pro- vides the controlling voltage for these current sources. the inner current loop absorbs the inductor pole reduc- ing the order of the outer voltage loop to that of a sin- gle-pole system. a resistive feedback around the vea provides the best possible response, since there are no capacitors to charge and discharge during large-signal excursions, r f and r in determine the vea gain. use the following equa- tion to calculate the value for r f : where g c is the current-loop transconductance and n is number of phases. when designing the current-control loop ensure that the inductor downslope (when it becomes an upslope at the cea output) does not exceed the ramp slope. this is a necessary condition to avoid sub-harmonic oscillations similar to those in peak current-mode control with insuffi- cient slope compensation. use the following equation to calculate the resistor r cf : for example, the maximum r cf is 12k ? for r sense = 1.35m ? . c cf provides a low-frequency pole while r cf provides a midband zero. place a zero at f z to obtain a phase bump at the crossover frequency. place a high-frequency pole r fl vr cf sw out sense 210 2 g r c s = 005 . r ir ng v f out in c out = ? i v r reverse clr sense = 2 pd r r sense = ? 25 10 3 . r i n sense out = 0 045 . c it v out step response q = ? esr v i out esr step = ? (20) (21) (22) (23) (25) (26) (27) (24)
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 29 (f p ) at least a decade away from the crossover frequency to achieve maximum phase margin. use the following equations to calculate c cf and c cff : pc board layout use the following guidelines to layout the switching voltage regulator: 1) place the v in and v cc bypass capacitors close to the MAX5065/max5067. 2) minimize the area and length of the high-current loops from the input capacitor, upper switching mosfet, inductor, and output capacitor back to the input capacitor negative terminal. 3) keep short the current loop from the lower-switch- ing mosfet, inductor, and output capacitor. 4) place the schottky diodes close to the lower mosfets and on the same side of the pc board. 5) keep the sgnd and pgnd isolated and connect them at one single point close to the negative termi- nal of the input-filter capacitor. 6) run the current-sense lines cs+ and cs- very close to each other to minimize the loop area. similarly, run the remote-voltage sense lines sense+ and sense- close to each other. do not cross these critical signal lines through power cir- cuitry. sense the current right at the pads of the current-sense resistors. 7) avoid long traces between the v cc bypass capaci- tors, driver output of the MAX5065/max5067, mosfet gates and pgnd pin. minimize the loop formed by the v cc bypass capacitors, bootstrap diode, bootstrap capacitor, MAX5065/max5067, and upper mosfet gate. 8) place the bank of output capacitors close to the load. 9) distribute the power components evenly across the board for proper heat dissipation. 10) provide enough copper area at and around the switching mosfets, inductor, and sense resistors to aid in thermal dissipation. 11) use at least 4oz copper to keep the trace induc- tance and resistance to a minimum. thin copper pc boards can compromise efficiency since high cur- rents are involved in the application. also, thicker copper conducts heat more effectively, thereby reducing thermal impedance. chip information transistor count: 5451 process: bicmos c fr cff pcf = 1 2 c fr cf zcf = 1 2 (28) (29) selector guide part output MAX5065 adjustable +0.6v to +3.3v max5067 adjustable +0.8v to +3.3v with ovp, pgood, phase failure detector
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers pin configurations 28 ssop top view MAX5065 1 2 3 csp2 csn2 phase 4 v cc 5 6 7 clp2 sgnd clp1 28 27 26 clkin clkout bst2 25 dh2 24 23 22 lx2 dl2 pgnd 8 9 10 sense+ sense- diff 11 ean 12 13 14 eaout csp1 csn1 21 20 19 in dl1 18 lx1 17 16 15 dh1 bst1 en pllcmp n.c. n.c. sgnd ovpin n.c. clp1 ovpout ean n.c. eaout dh1* pgood v cc sense+ sense- *connect the thin qfn exposed pad to sgnd ground plane. bst1 lx1 v dd dl1 pgnd lx2 dl2 in dh2 n.c. clp2 bst2 n.c. diff n.c. 1 2 3 4 5 6 7 8 9 10 11 14 15 16 17 18 19 20 21 22 12 13 csp1 csn1 n.c. en sgnd n.c. 33 32 31 30 29 28 27 26 25 24 23 44 43 42 41 40 39 38 37 36 35 34 pllcmp csp2 clkout phase csn2 clkin n.c. sgnd 44 thin qfn* max5067 30 _____________________________________________________________________________________
MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers ______________________________________________________________________________________ 31 ssop.eps package outline, ssop, 5.3 mm 1 1 21-0056 c rev. document control no. approval proprietary information title: notes: 1. d&e do not include mold flash. 2. mold flash or protrusions not to exceed .15 mm (.006"). 3. controlling dimension: millimeters. 4. meets jedec mo150. 5. leads to be coplanar within 0.10 mm. 7.90 h l 0 0.301 0.025 8 0.311 0.037 0 7.65 0.63 8 0.95 max 5.38 millimeters b c d e e a1 dim a see variations 0.0256 bsc 0.010 0.004 0.205 0.002 0.015 0.008 0.212 0.008 inches min max 0.078 0.65 bsc 0.25 0.09 5.20 0.05 0.38 0.20 0.21 min 1.73 1.99 millimeters 6.07 6.07 10.07 8.07 7.07 inches d d d d d 0.239 0.239 0.397 0.317 0.278 min 0.249 0.249 0.407 0.328 0.289 max min 6.33 6.33 10.33 8.33 7.33 14l 16l 28l 24l 20l max n a d e a1 l c h e n 1 2 b 0.068 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .
package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) 32, 44, 48l qfn .eps proprietary information approval title: document control no. 21-0144 package outline 32, 44, 48l thin qfn, 7x7x0.8 mm 1 c rev. 2 e l e l a1 a a2 e/2 e d/2 d detail a d2/2 d2 b l k e2/2 e2 (ne-1) x e (nd-1) x e e c l c l c l c l k dallas semiconductor proprietary information document control no. approval title: c rev. 2 2 21-0144 package outline 32, 44, 48l thin qfn, 7x7x0.8 mm dallas semiconductor MAX5065/max5067 dual-phase, +0.6v to +3.3v output parallelable, average-current-mode controllers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 32 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2003 maxim integrated products printed usa is a registered trademark of maxim integrated products.


▲Up To Search▲   

 
Price & Availability of MAX5065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X