![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
single digit display 0.8? single digit display electrical/optical characteristics at t a =25 & i f =20ma 0.8 inch single digit 0.8 inch single digit p (nm) v f (v) i v (mcd) chip color common anode common cathode common anode common cathode typ. typ. min. typ. green la8021-11 lc8021-11 la8021-21 lc8021-21 572 2.1 4. 5 7.4 yellow la 8031-11 lc8031-11 la8031-21 lc8031-21 589 2.1 3.7 6.1 orange la8041-11 lc8041-11 la8041-21 lc8041-21 630 2.1 5.1 8.6 orange la8041r-11 lc8041r-11 la8041r-21 lc8041r-21 630 2.1 5.1 8.6 red la8071-11-m1 lc8071-11-m1 la8071- 21-m1 lc8071- 21-m1 660 1.7 12.1 20.1 red la8051-11 lc8051-11 la8051- 21 lc8051- 21 700 2.1 1.4 2.3 la80x1-11 common anode pin no. function 1. cathode a 2. cathode f 3. common anode 4. cathode e 5. common anode 6. cathode lhdp 7. no pin 8. no pin 9. cathode rhdp 10. cathode d 11. common anode 12. cathode c 13. cathode g 14. cathode b 15. no pin 16. common anode lc80x1-11 common cathode pin no. function 1. anode a 2. anode f 3. common cathode 4. anode e 5. common cathode 6. anode lhdp 7. no pin 8. no pin 9. anode rhdp 10. anode d 11. common cathode 12. anode c 13. anode g 14. anode b 15. no pin 16. common cathode la80x1- 21 common anode pin no. function 1. no pin 2. cathode a 3. cathode f 4. common anode 5. cathode e 6. no pin 7. cathode e 8. no pin 9. cathode d 10. cathode dp 11. cathode d 12. common anode 13. cathode c 14. cathode g 15. cathode b 16. no pin 17. common anode 18. no pin lc80x1- 21 common cathode pin no. function 1. no pin 2. anode a 3. anode f 4. common cathode 5. anode e 6. no pin 7. anode e 8. no pin 9. common cathode 10. anode dp 11. anode d 12. common cathode 13. anode c 14. anode g 15. anode b 16. no pin 17. common cathode 18. no pin notes 1.all dimensions are in mm, tolerance is 0.25mm (0.01?) unless otherwise noted. 2.the slope angle of any pin may be 5 max. .com .com .com 4 .com u datasheet
|
Price & Availability of LA8041-XX
![]() |