Part Number Hot Search : 
ASJ14B 1N757 ACR300SG 1N757 37F0FZT CRS05 BZX84C 74HCT3
Product Description
Full Text Search
 

To Download IRFH5210TR2PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 04/12/10 irfh5210pbf hexfet   power mosfet notes   through  are on page 8  features and benefits applications ? secondary side synchronous rectification ? inverters for dc motors ? dc-dc brick applications ? boost converters pqfn 5x6 mm note form quantit y irfh5210trpbf pqfn 5mm x 6mm ta p e and reel 4000 IRFH5210TR2PBF pqfn 5mm x 6mm ta p e and reel 1000 orderable part number package type standard pac k features benefits low r dson ( 14.9m ? at v g s = 10v) lower conduction losses low thermal resistance to pcb ( 1.2c/w) enables better thermal dissipation 100% r g tested increased reliability low profile ( 0.9 mm) results in increased power density industry-standard pinout ? multi-vendor compatibility compatible with existin g surface mount techniques easier manufacturin g rohs compliant containin g no lead, no bromide and no halo g en environmentally friendlier msl1, industrial qualification increased reliability absolute maximum ratings parameter units v ds drain-to-source voltage v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i d @ t c(bottom) = 25c continuous drain current, v gs @ 10v i d @ t c(bottom) = 100c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c power dissipation  p d @ t c(bottom) = 25c power dissipation  linear derating factor  w/c t j operating junction and t stg storage temperature range -55 to + 150 3.6 0.029 104 max. 10 35 220 20 100 8.1 55 v w a c v ds 100 v r ds(on) max (@v gs = 10v) 14.9 m ? q g (typical) 39 nc r g (typical) 1.8 ? i d (@t c(bottom) = 25c) 55 a

 2 www.irf.com s d g thermal resistance parameter typ. max. units r jc (bottom) junction-to-case ??? 1.2 r jc (top) junction-to-case ??? 15 c/w r ja junction-to-ambient  ??? 35 r ja (<10s) junction-to-ambient  ??? 22 static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 100 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 0.10 ??? v/c r ds(on) static drain-to-source on-resistance ??? 12.6 14.9 v gs(th) gate threshold voltage 2.0 ??? 4.0 v ? v gs(th) gate threshold voltage coefficient ??? -9.3 ??? mv/c i dss drain-to-source leakage current ??? ??? 20 ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 gfs forward transconductance 66 ??? ??? s q g total gate charge ??? 39 59 q gs1 pre-vth gate-to-source charge ??? 6.9 ??? q gs2 post-vth gate-to-source charge ??? 2.6 ??? q gd gate-to-drain charge ??? 13 ??? q godr gate charge overdrive ??? 16.5 ??? see fig.17 & 18 q sw switch char g e (q gs2 + q gd ) ??? 9.5 ??? q oss output charge ??? 11 ??? nc r g gate resistance ??? 1.8 ??? ? t d(on) turn-on delay time ??? 7.2 ??? t r rise time ??? 9.7 ??? t d(off) turn-off delay time ??? 21 ??? t f fall time ??? 6.5 ??? c iss input capacitance ??? 2570 ??? c oss output capacitance ??? 260 ??? c rss reverse transfer capacitance ??? 100 ??? avalanche characteristics parameter units e as sin g le pulse avalanche ener g y mj i ar avalanche current  a diode characteristics parameter min. typ. max. units i s continuous source current (body diode)  i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 29 44 ns q rr reverse recovery charge ??? 165 250 nc t on forward turn-on time time is dominated by parasitic inductance v gs = 10v typ. ??? r g =1.65 ? v ds = 50v, i d = 33a v ds = 100v, v gs = 0v, t j = 125c m ? a i d = 33a t j = 25c, i f = 33a, v dd = 50v di/dt = 500a/s  t j = 25c, i s = 33a, v gs = 0v  showing the integral reverse p-n junction diode. v gs = 20v v gs = -20v v ds = 100v, v gs = 0v mosfet symbol v ds = 16v, v gs = 0v v dd = 50v, v gs = 10v i d = 33a v gs = 0v v ds = 25v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 33a  pf nc conditions see fig.15 max. 86 33 ? = 1.0mhz v ds = 50v ??? v ds = v gs , i d = 100a a 55 ??? ??? 220 ??? ??? na ns

 www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 6. typical gate charge vs.gate-to-source voltage fig 5. typical capacitance vs.drain-to-source voltage 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 7.0v 5.0v 4.5v 4.3v 4.0v bottom 3.8v 60s pulse width tj = 25c 3.8v 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.8v 60s pulse width tj = 150c vgs top 15v 10v 7.0v 5.0v 4.5v 4.3v 4.0v bottom 3.8v 2 3 4 5 6 7 8 v gs , gate-to-source voltage (v) 1.0 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 50v 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 33a v gs = 10v 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 1020304050 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 80v v ds = 50v vds= 20v i d = 33a

 4 www.irf.com fig 11. maximum effective transient thermal impedance, junction-to-case (bottom) fig 8. maximum safe operating area fig 9. maximum drain current vs. case (bottom) temperature fig 7. typical source-drain diode forward voltage fig 10. threshold voltage vs. temperature 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 100a i d = 250a i d = 1.0ma i d = 1.0a 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 0 1 10 100 1000 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) tc = 25c tj = 150c single pulse 100sec 1msec 10msec dc 25 50 75 100 125 150 t c , case temperature (c) 0 10 20 30 40 50 60 i d , d r a i n c u r r e n t ( a )

 www.irf.com 5 fig 13. maximum avalanche energy vs. drain current fig 12. on-resistance vs. gate voltage fig 14b. unclamped inductive waveforms fig 14a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v fig 15a. switching time test circuit fig 15b. switching time waveforms v gs v ds 90% 10% t d(on) t d(off) t r t f   
 1     0.1         + -     2 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 5 10 15 20 25 30 35 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 33a t j = 25c t j = 125c 25 50 75 100 125 150 starting t j , junction temperature (c) 0 100 200 300 400 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 3.4a 8.6a bottom 33a

 6 www.irf.com fig 16. 
         for n-channel hexfet   power mosfets fig 17. gate charge test circuit fig 18. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 

 

 ?      ?    ?       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period   
       + - + + + - - -        ? !   "#  ? 
 $%&%% ?     "  '' ? %&%%(
&    1k vcc dut 0 l s

 www.irf.com 7 note: for the most current drawing please refer to ir website at: http://www .irf.com/package/  
     
 
  

   
    
 
  
  xxxx xywwx xxxxx international rectifier logo part number marking code (per marking spec) assembly site code (per scop 200-002) date code pin 1 identifier lot code (eng mode - min last 4 digits of eati#) (prod mode - 4 digits of spn code) pqfn 5x6 outline "b" package details pqfn 5x6 outline "b" part marking

 8 www.irf.com  qualification standards can be found at international rectifier?s web site http://www .irf.com/product-info/reliability  higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www .irf.com/whoto-call/salesrep/  applicable version of jedec standard at the time of product release. 
 repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 0.16mh, r g = 25 ? , i as = 33a.  pulse width 400s; duty cycle 2%.  r is measured at t j of approximately 90c.  when mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of fr-4 material. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 04/2010 data and specifications subject to change without notice. ms l 1 (per je de c j-s t d-020d ??? ) rohs compliant yes pqfn 5mm x 6mm qualification information ? moisture sensitivity level qualification level industrial ?? (per je de c je s d47f ??? guidelines ) pqfn 5x6 outline "b" tape and reel


▲Up To Search▲   

 
Price & Availability of IRFH5210TR2PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X