Part Number Hot Search : 
AD1939 VN3205N3 22S1GD08 ST25W16 C1000 TS274CDT NCP5392Q ISL6608
Product Description
Full Text Search
 

To Download DTC114YUA-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc114yua digital transistors features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -6 --- 40 v p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- 0.3 v v i(on) input voltage (v cc =5v, i o =100  a) (v o =0.3v, i o =1ma) 1.4 --- --- v v o(on) output voltage (i o /i i =5ma/0.25ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 0.88 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5  a g i dc current gain (v o =5v, i o =5ma) 68 --- --- r 1 input resistance 7.0 10 r 2 /r 1 resistance ratio 3.7 4.7 5.7 f t transition frequency (v ce =10v, i e =5ma, f=100mhz) --- 250 --- mhz  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 3 2009 /02/11 npn 13 k  i o i c(max) output current --- 70 100 --- ma sot-323 suggested solder pad layout inches mm dim min max min max note a .071 .087 1.80 2.20 b .045 .053 1.15 1.35 c .079 .087 2.00 2.20 d .026 nominal 0.65nominal e .047 .055 1.20 1.40 f .012 .016 .30 .40 g .000 .004 .000 .100 h .035 .039 .90 1.00 j .004 .010 .100 .250 k .012 .016 .30 .40 a c b d e f g h j 1.90 0 .7 0 0.90 0 . 65 0.65 dimensions k 1 2 3 1: in 2: gnd 3: out tm micro commercial components ? case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 www. mccsemi .com 1 of 2 *marking: 64
mcc revision: 3 2009 /02/11 tm micro commercial components www. mccsemi .com 2 of 2 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose rdering nformation evice packing part umbertp tapeeel;pcseel 3


▲Up To Search▲   

 
Price & Availability of DTC114YUA-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X