Part Number Hot Search : 
200N08 F25A12GF 7FLITE 18F26K MB5342 C106B4 18F26K AD831
Product Description
Full Text Search
 

To Download BZX84C3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bz x 84 c 2 v 4 w thru bz x 84 c 39 w silicon 20 0 m watt zener diodes features l planar die construction l 20 0mw power dissipation l zener voltages from 2.4v - 39v l ideally suited for automated assembly processes . mechanical data l case: sot-23, plastic l terminals: solderable per mil - std - 202, methode 208 l weight: 0.008 grams (approx.) maximum ratings @ 25 o c unless otherwise specified zener current i f 10 0 ma maximum forward voltage v f 1.2 v power dissipation ( note 1 ) p (av) 20 0 mwatt operation and storage temperature t j , t stg - 55 o c to + 150 o c p ea k f o r e ard s ur ge i fs m 2.0 a www. mccsemi .com mcc         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    c u rr e nt 8 .3 ms h a lf notes: a. mounted on 5.0mm2(.013mm thick) land areas. b. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. sot- 3 23 suggested solder pad layout dimensions a b c d e g inches mm dim min max min max note a . 07 0 . 087 1. 80 2.2 0 b . 07 8 .0 87 2. 0 0 2. 20 c .04 5 .05 4 1. 15 1. 35 d .0 47 .056 1.2 0 1. 40 e -- - .0 04 -- - . 10 f . 0 07 8 .0 16 0 . 2 0 . 40 g .0 35 .0 44 . 90 1. 10 h .0 02 .0 06 . 05 .15 i .0 10 -- - . 25 --- f h i .07 5 1. 9 0 inches mm .031 .800 .0 47 1. 2 0 .0 26 . 6 50 .0 26 . 6 50 .0 24 . 6 0 0 . 11 8 3. 00
bzx84c2v 4 w th ru bzx84c 39 w ww w . mccsemi .com mcc note: 1 . t o ler a nce a nd t ype number d e sig n ation. the type numbers listed have a st a ndard toler a nce on the nomi n al zener voltage of 5%. 2 . sp e c i als a vail a ble include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances. b. matched sets. 3 . zener v oltage ( v z ) me a surement. guar a ntees the zener voltage when m e a sured at 90 seconds while maintaining the le a d t e mperature ( t l ) at 3 0 o c, from the diode bod y . 4 . zener impedance ( z z ) derivation. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i z k ) is superimposed on i zt or i z k . 5 . surge current ( i r ) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge cur r ent of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i z t , per jedec registration; however, actual device capability is as described in figure 5. nom. v min. v max. v ohm ma ohm ma ua v bzx84c2v4w w1 2.4 2.28 2.52 100 5 600 1 50 1 bzx84c2v7w w2 2.7 2.5 2.9 100 5 600 1 20 1 BZX84C3W w3 3 2.8 3.2 95 5 600 1 10 1 bzx84c3v3w w4 3.3 3.1 3.5 95 5 600 1 5.0 1 bzx84c3v6w w5 3.6 3.4 3.8 90 5 600 1 5.0 1 bzx84c3v9w w6 3.9 3.7 4.1 90 5 600 1 3.0 1 bzx84c4v3w w7 4.3 4 4.6 90 5 600 1 3.0 1 bzx84c4v7w w8 4.7 4.4 5 80 5 500 1 3.0 2 bzx84c5v1w w9 5.1 4.8 5.4 60 5 480 1 2.0 2.0 bzx84c5v6w wa 5.6 5.2 6 40 5 400 1 1.0 2.0 bzx84c6v2w wb 6.2 5.8 6.6 10 5 150 1 3.0 4.0 bzx84c6v8w wc 6.8 6.4 7.2 15 5 80 1 2.0 4.0 bzx84c7v5w wd 7.5 7 7.9 15 5 80 1 1.0 5 bzx84c8v2w we 8.2 7.7 8.7 15 5 80 1 0.7 5 bzx84c9v1w wf 9.1 8.5 9.6 15 5 100 1 0.5 6 bzx84c10w wg 10 9.4 10.6 20 5 150 1 0.2 7.0 bzx84c11w wh 11 10.4 11.6 20 5 150 1 0.1 8.0 bzx84c12w wi 12 11.4 12.7 25 5 150 1 0.1 8.0 bzx84c13w wk 13 12.4 14.1 30 5 170 1 0.1 8.0 bzx84c15w wl 15 13.8 15.6 30 5 200 1 0.1 10.5 bzx84c16w wm 16 15.3 17.1 40 5 200 1 0.1 11.2 bzx84c18w wn 18 16.8 19.1 45 5 225 1 0.1 12.6 bzx84c20w wo 20 18.8 21.2 55 5 225 1 0.1 14.0 bzx84c22w wp 22 20.8 23.3 55 5 250 1 0.1 15.4 bzx84c24w wr 24 22.8 25.6 70 5 250 1 0.1 16.8 bzx84c27w ws 27 25.1 28.9 80 5 300 1 0.1 18.9 bzx84c30w wt 30 28 32 80 5 300 1 0.1 21.0 bzx84c33w wu 33 31 35 80 5 325 1 0.1 23.1 bzx84c36w ww 36 34 38 90 5 350 1 0.1 25.2 bzx84c39w wx 39 37 41 130 5 350 1 0.1 27.3 electrical characteristics (ta=25 degree c unless otherwise noted) vf=1.2v max, if=100ma for all types. i r @ v r max.reverse leakage current marking code type nimber vz @ iz t nominal zener voltage zz t @ iz t zz k @ iz k max. zener impedance
bzx84c2v 4 w thru bzx84c 39 w www. mccsemi .com mcc typical reverse current tempera ture coefficient ,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 stea d y s t a te power der a ting effect of zener vo l t age on zener impe d ance 100101 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) for w ard current ,m a typical for w ard vo l t age forward voltage, volts 1.21.11.00.90.80.70.60.50.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical ca p aci t ance 100 1000 100 10 1 101 bias at 50% of v z nom 0 v bias 1 v bias cap acit ance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture coefficient ,mv / c) o 10 100 temperature ( c ) o power dissip a t ion, w a tts stea d y s t a te power der a ting 1.2 1.0 0.8 0.6 0.4 0.2 0 150125100755025 p dv . s .t a 155
mcc www. mccsemi .com bzx84c2v 4 w thru bzx84c 39 w zener vo l t age v .s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80706050403020100 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 1086420 zener current ,m a zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener vo l t age v .s. zener current zener current ,m a


▲Up To Search▲   

 
Price & Availability of BZX84C3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X