Part Number Hot Search : 
16M186 1DQ05 NTXV1 CSP14 100HS EL2CR5 EM316OS LT1057
Product Description
Full Text Search
 

To Download BZX84C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bz x 84 c 2 v 4 thru bz x 84 c 39 silicon 41 0 m watt zener diodes features l planar die construction l 410mw power dissipation l zener voltages from 2.4v - 39v l ideally suited for automated assembly processes . mechanical data l case: sot-23, plastic l terminals: solderable per mil - std - 202, methode 208 l weight: 0.008 grams (approx.) maximum ratings @ 25 o c unless otherwise specified zener current i f 10 0 ma maximum forward voltage v f 1.2 v power dissipation ( note 1 ) p (av) 41 0 mwatt operation and storage temperature t j , t stg - 55 o c to + 150 o c p ea k f o r e ard s ur ge i fs m 2.0 a www. mccsemi .com mcc sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    c u rr e nt 8 .3 ms h a lf notes: a. mounted on 5.0mm2(.013mm thick) land areas. b. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. *pin configuration - top view
bzx84c2v 4 th ru bzx84c 39 ww w . mccsemi .com mcc note: 1 . t o ler a nce a nd t ype number d e sig n ation. the type numbers listed have a st a ndard toler a nce on the nomi n al zener voltage of 5%. 2 . sp e c i als a vail a ble include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances. b. matched sets. 3 . zener v oltage ( v z ) me a surement. guar a ntees the zener voltage when m e a sured at 90 seconds while maintaining the le a d t e mperature ( t l ) at 3 0 o c, from the diode bod y . 4 . zener impedance ( z z ) derivation. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i z k ) is superimposed on i zt or i z k . 5 . surge current ( i r ) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge cur r ent of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i z t , per jedec registration; however, actual device capability is as described in figure 5. electrical characteristics (ta=25 degree c unless otherwise noted) vf=1.2v max, if=100ma for all types. nom. v min. v max. v ohm ma ohm ma u a v bzx84c2v4 w1 2.4 2.28 2.52 100 5 600 1 50 1 bzx84c2v7 w2 2.7 2.5 2.9 100 5 600 1 20 1 BZX84C3 w3 3 2.8 3.2 95 5 600 1 10 1 BZX84C3v3 w4 3.3 3.1 3.5 95 5 600 1 5.0 1 BZX84C3v6 w5 3.6 3.4 3.8 90 5 600 1 5.0 1 BZX84C3v9 w6 3.9 3.7 4.1 90 5 600 1 3.0 1 bzx84c4v3 w7 4.3 4 4.6 90 5 600 1 3.0 1 bzx84c4v7 w8 4.7 4.4 5 80 5 500 1 3.0 2 bzx84c5v1 w9 5.1 4.8 5.4 60 5 480 1 2.0 2.0 bzx84c5v6 wa 5.6 5.2 6 40 5 400 1 1.0 2.0 bzx84c6v2 wb 6.2 5.8 6.6 10 5 150 1 3.0 4.0 bzx84c6v8 wc 6.8 6.4 7.2 15 5 80 1 2.0 4.0 bzx84c7v5 wd 7.5 7 7.9 15 5 80 1 1.0 5 bzx84c8v2 we 8.2 7.7 8.7 15 5 80 1 0.7 5 bzx84c9v1 wf 9.1 8.5 9.6 15 5 100 1 0.5 6 bzx84c10 wg 10 9.4 10.6 20 5 150 1 0.2 7.0 bzx84c11 wh 11 10.4 11.6 20 5 150 1 0.1 8.0 bzx84c12 wi 12 11.4 12.7 25 5 150 1 0.1 8.0 bzx84c13 wk 13 12.4 14.1 30 5 170 1 0.1 8.0 bzx84c15 wl 15 13.8 15.6 30 5 200 1 0.1 10.5 bzx84c16 wm 16 15.3 17.1 40 5 200 1 0.1 11.2 bzx84c18 wn 18 16.8 19.1 45 5 225 1 0.1 12.6 bzx84c20 wo 20 18.8 21.2 55 5 225 1 0.1 14.0 bzx84c22 wp 22 20.8 23.3 55 5 250 1 0.1 15.4 bzx84c24 wr 24 22.8 25.6 70 5 250 1 0.1 16.8 bzx84c27 ws 27 25.1 28.9 80 5 300 1 0.1 18.9 BZX84C30 wt 30 28 32 80 5 300 1 0.1 21.0 BZX84C33 wu 33 31 35 80 5 325 1 0.1 23.1 BZX84C36 ww 36 34 38 90 5 350 1 0.1 25.2 BZX84C39 wx 39 37 41 130 5 350 1 0.1 27.3 type nimber marking code nominal zener voltage max. zener impedance max.reverse leakage current vz @ iz t zz t @ iz t zz k @ iz k i r @ v r
bzx84c2v 4 thru bzx84c 39 www. mccsemi .com mcc typical reverse current tempera ture coefficient ,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 stea d y s t a te power der a ting effect of zener vo l t age on zener impe d ance 100101 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) for w ard current ,m a typical for w ard vo l t age forward voltage, volts 1.21.11.00.90.80.70.60.50.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical ca p aci t ance 100 1000 100 10 1 101 bias at 50% of v z nom 0 v bias 1 v bias cap acit ance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture coefficient ,mv / c) o 10 100 temperature ( c ) o power dissip a t ion, w a tts stea d y s t a te power der a ting 1.2 1.0 0.8 0.6 0.4 0.2 0 150125100755025 p dv . s .t a 155
bzx84c2v 4 thru bzx84c 39 mcc www. mccsemi .com zener vo l t age v .s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80706050403020100 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 1086420 zener current ,m a zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener vo l t age v .s. zener current zener current ,m a


▲Up To Search▲   

 
Price & Availability of BZX84C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X