|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 1 of 10 www.diodes.com july 2010 ? diodes incorporated new product description the 74LVC1G06 is a single inverter gate with an open drain output. the device is designed for operation with a power supply range of 1.65v to 5.5v. the input is tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for partial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. the open-drain output can be connected to other open drain outputs to implement active- low wired-or or active-high wired-and functions. the maximum sink current is 32 ma. pin assignments sot25 / sot353 nc gnd y vcc (top view) 5 4 3 2 1 a features ? wide supply voltage range from 1.65 to 5.5v ? 24ma output drive at 3.3v ? cmos low power consumption ? i off supports partial-power-down mode operation ? inputs accept up to 5.5v ? esd protection exceeds jesd 22 ? 200-v machine model (a115-a) ? 2000-v human body model (a114-a) ? latch-up exceeds 100ma per jesd 78, class ii ? range of package options ? direct interface with ttl levels ? sot25 and sot353: assembled with ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? voltage level shifting ? general purpose logic ? power down signal isolation ? wide array of products such as: ? pcs, networking, notebooks, netbooks, pdas ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box ? cell phones, personal navigation / gps ? mp3 players ,cameras, video recorders notes: 1. eu directive 2002/95/ec (rohs). all applicabl e rohs exemptions applied. please visit our website at http://www.diodes.com/products/lead_free.html .
74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 2 of 10 www.diodes.com july 2010 ? diodes incorporated new product pin descriptions pin name pin no. description nc 1 no connection a 2 data input gnd 3 ground y 4 data output open drain vcc 5 supply voltage logic diagram function table inputs output a y h l l z 2 4 y a 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 3 of 10 www.diodes.com july 2010 ? diodes incorporated new product absolute maximum ratings (note 2) symbol description rating unit esd hbm human body model esd protection 2 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 6.5 v v i input voltage range -0.5 to 6.5 v v o voltage applied to output in high impedance or i off state -0.5 to 6.5 v v o voltage applied to output in high or low state -0.3 to v cc +0.5 v i ik input clamp current v i <0 -50 ma i ok output clamp current -50 ma i o continuous output current 50 ma continuous current through vdd or gnd 100 ma t j operating junction temperature -40 to 150 c t stg storage temperature -65 to 150 c notes: 2. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress values and device operation should be within recommend values. 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 4 of 10 www.diodes.com july 2010 ? diodes incorporated new product recommended operating conditions (note 3) symbol parameter min max unit v cc operating voltage operating 1.65 5.5 v data retention only 1.5 v v ih high-level input voltage v cc = 1.65 v to 1.95 v 0.65 x v cc v v cc = 2.3 v to 2.7 v 1.7 v cc = 3 v to 3.6 v 2 v cc = 4.5 v to 5.5 v 0.7 x v cc v il low-level input voltage v cc = 1.65 v to 1.95 v 0.35 x v cc v v cc = 2.3 v to 2.7 v 0.7 v cc = 3 v to 3.6 v 0.8 v cc = 4.5 v to 5.5 v 0.3 x v cc v i input voltage 0 5.5 v v o output voltage 0 v cc v i ol low-level output current v cc = 1.65 v 4 ma v cc = 2.3 v 8 v cc = 3 v 16 24 v cc = 4.5 v 32 t/ v input transition rise or fall rate v cc = 1.8 v 0.15v, 2.5 v 0.2 v 20 ns/v v cc = 3.3 v 0.3 v 10 v cc = 5 v 0.5 v 5 t a operating free-air temperature -40 85 oc notes: 3. unused inputs should be held at vcc or ground. 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 5 of 10 www.diodes.com july 2010 ? diodes incorporated new product electrical characteristics (all typical values are at vcc = 3.3v, t a = 25c) over recommended free-air temperat ure range (unless ot herwise noted) symbol parameter test conditions vcc min typ max unit v ol low level output voltage i ol = 100 a 1.65 v to 5.5 v 0.1 v i ol = 4 ma 1.65 v 0.45 i ol = 8 ma 2.3 v 0.3 i ol = 16 ma 3 v 0.4 i ol = 24 ma 0.55 i ol = 32 ma 4.5 v 0.55 i i input current v i = 5.5 v or gnd 0 to 5.5 v 1 a i oz z state leakage current v o = 5.5v 3.6 v 10 a i off power down leakage current v i or v o = 5.5v 0 v 10 a i cc supply current v i = 5.5 v or gnd i o =0 1.65 v to 5.5 v 10 a i cc additional supply current input at v cc ?0.6 v 3 v to 5.5 v 500 a c i input capacitance v i = v cc or gnd 3.3v 4 pf c o output capacitance v o = v cc or gnd 3.3v 5 pf ja thermal resistance junction-to-ambient sot25 (note 4) 204 o c/w sot353 (note 4) 371 jc thermal resistance junction-to-case sot25 (note 4) 52 sot353 (note 4) 143 notes: 4. test condition for sot25 and sot353: device mounted on fr-4 substrate pc board, 2oz copper, with minimum recommend ed pad layout. 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 6 of 10 www.diodes.com july 2010 ? diodes incorporated new product switching characteristics over recommended free-air temperature range, cl = 30 or 50pf (unless otherwise noted) (see figure 1) parameter from (input) to (output) vcc = 1.8 v 0.15v vcc = 2.5 v 0.2v vcc = 3.3 v 0.3v vcc = 5 v 0.5v unit min max min max min max min max t pd a y 1.5 6.5 1.0 4 1.0 4 1.0 3 ns operating characteristics t a = 25 oc parameter test conditions vcc = 1.8 v vcc = 2.5 v vcc = 3.3 v vcc = 5 v unit typ typ typ typ c pd power dissipation capacitance f = 10 mhz 3 3 4 6 pf 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 7 of 10 www.diodes.com july 2010 ? diodes incorporated new product parameter measurement information vcc inputs v m v load c l r l v ? v i t r /t f 1.8v0.15v v cc ? 2ns v cc /2 2 x v cc 30pf 1k 0.15v 2.5v0.2v v cc ? 2ns v cc /2 2 x v cc 30pf 500 0.15v 3.3v0.3v 3v ? 2.5ns 1.5v 6v 50pf 500 0.3v 5v0.5v v cc ? 2.5ns v cc /2 2 x v cc 50pf 500 0.3v voltage waveform pulse duration voltage waveform propagation delay times figure 1. load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate ? 10 mhz c. the inputs are measured one at a time with one transition per measurement. d. for the open drain device t plz and t pzl are the same as t pd e. t pzl is measured at v m . f. t plz is measured at v ol +v test condition t plz (see notes d and e) t pzl (see notes d and f) vload vload 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 8 of 10 www.diodes.com july 2010 ? diodes incorporated new product ordering information 74lvc1g 06 xx - 7 w5 : sot25 function package 7 : tape & reel packing 06 : inverter buffer with open drain se : sot353 logic device 74 : logic prefix lvc : 1.65 to 5.5v family 1g : one gate device package code packaging (note 5) 7? tape and reel quantity part number suffix 74LVC1G06w5-7 w5 sot25 3000/tape & reel -7 74LVC1G06se-7 se sot353 3000/tape & reel -7 notes: 5. pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. marking information 1 2 3 5 7 4 xx y w x xx : identification code w : week : a~z : 1~26 week; x : a~z : internal code (top view) y : year 0~9 a~z : 27~52 week; z represents 52 and 53 week part number package identification code 74LVC1G06w5 sot25 um 74LVC1G06se sot353 um 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 9 of 10 www.diodes.com july 2010 ? diodes incorporated new product package outline dimensions (all dimensions in mm) (1) package type: sot25 (2) package type: sot353 c l c l 0.10/0.30 1.15/1.35 2.0/2.2 0.65bsc. 1.8/2.2 0/0.1 0.9/1.0 1.10max. 0.1/0.22 "a" detail"a" gauge plane 0.25/0.40 c l c l 1.9 c l 6x-0.60 6x-0.42 0.40/0.45 land pattern recommendation (unit:mm) 0.25 0 / 8 pin 1 2x-0.65 1.3 top view 74LVC1G06 single inverter buffer/driver with open drain output 74LVC1G06 document number: ds32272 rev. 1 - 2 10 of 10 www.diodes.com july 2010 ? diodes incorporated new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or an y product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of othe rs. any customer or user of this document or products desc ribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorp orated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any prod ucts purchased through unauthoriz ed sales channel. should customers purchase or use diodes in corporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives har mless against all claims, damages, expenses, and attorney fee s arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifica lly not authorized for use as critical co mponents in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when pr operly used in accordance with instructions for use provided in the labeling can be reasonably expected to re sult in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in t he safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsi ble for all legal, regulatory and safety-related requirements concerning their products and any use of diode s incorporated products in such safety-cri tical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its repr esentatives against any damages ar ising out of the use of diodes incorporated products in such safety-c ritical, life support devices or systems. copyright ? 2010, diodes incorporated www.diodes.com |
Price & Availability of 74LVC1G06 |