Part Number Hot Search : 
F1008 UCM34PT 20M10 N4728 SP3222EH 74ABT841 SZ6027 74ABT841
Product Description
Full Text Search
 

To Download 222233840683 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product specification new file under bccomponents, bc05 2001 jun 22 bccomponents mkp 338 4 x2 interference suppression film capacitors
2001 jun 22 2 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 mkp radial potted type pitch 15/22.5/27.5/37.5/55 mm 296x12(full_width) cbb258 fig.1 simplified outlines. features ? 15 to 55 mm lead pitch ? supplied loose in box ? consists of a low-inductive wound cell of metallized polypropylene film, potted in a flame-retardant case ? fixed and insulated leads. applications ? for x2 electromagnetic interference suppression ? specially designed to meet the requirements of the ?iec 60384-14 2nd edition and en 132400?, requiring a 2.5 kv peak pulse voltage test, and the ul1283 specifications. detail specification for more detailed data and test requirements see ?type detail specification hqn-384-14/120? . quick reference data (1) note 1. under development. description value capacitance range (e12 series) 0.01 to 10 f capacitance tolerance 20%; 10% rated (ac) voltage, 50 to 60 hz 300 v rated (dc) voltage 630 v climatic category 55/105/56/b rated temperature 105 c maximum application temperature 105 c reference specifications iec 60384-14 2nd edition and en 132400 safety approvals: enec; ul1283 and csa-c22.2 no.8 materials qualified in accordance with ul94v-o safety class x2; across the line
2001 jun 22 3 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 safety approvals and safety test report approvals safety test report the enec-approval together with the cb-certificate replace all national approval marks of the following countries (they have already signed the enec-agreement): austria; belgium; czech. republic; denmark; finland; france; germany; greece; hungary; ireland; italy; luxembourg; netherlands; norway, portugal; slovenian; spain; sweden; switzerland and united kingdom. safety approvals (x2) voltage value file numbers ul1283 and csa-c22.2 no.8 300 v (ac) 10 nf to 10 f pending en132400 300 v (ac) 10 nf to 10 f pending safety test report voltage value file numbers cb test certificate 300 v (ac) 10 nf to 10 f: 55/105/56/b pending r 02
2001 jun 22 4 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 composition of catalogue number type packaging lead configuration c-tol preferred types 338 4 x2 loose in box lead length 3.5 mm 20% 44 lead length 5.0 mm 40 lead length 25.0 mm 41 taped 15.0 mm bent back to 7.5 mm 4. on request 338 4 x2 loose in box insulated leads stranded cu-wire 0.5 mm 2 for 37.5 and 55 mm pitch 20% 4. lead length 3.5 mm 10% 45 lead length 5.0 mm 42 lead length 25.0 mm 43 insulated leads stranded cu-wire 0.5 mm 2 for 37.5 and 55 mm pitch 4. taped 15.0 mm bent back to 7.5 mm 4. 2222 338 4. xx x type and pitches 338 4 x2 7.5 mm (bent back) 15.0 mm 22.5 mm 27.5 mm 37.5 mm 55.0 mm multiplier (nf) 1 3 10 4 100 5 1000 6 capacitance (numerically) example: 104 = 10 x 10 = 100 nf
2001 jun 22 5 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 mkp 338 general data pitch 15/22.5/27.5 mm pitch 7.5 mm (bent back leads) specific reference data for the 300 v ac (x2) capacitors available 300 v ac (x2) versions notes 1. taped on reel pitch = 27.5 mm is not available. 2. other dimensions for 10% tolerance values. description value tangent of loss angle: at 1 khz at 10 khz at 100 khz c 470 nf 10 10 ? 4 20 10 ? 4 100 10 ? 4 470 nf < c 1 f 20 10 ? 4 70 10 ? 4 ? 1 f 15000 m ? rc between leads, for c > 0.33 f at 100 v; 1 minute >5000 s r between leads and case; 100 v; 1 minute > 30000 m ? withstanding (dc)voltage (cut off current 10 ma); rise time 100 v/s: c 1 f 2200 v; 1 minute 1 f 2001 jun 22 6 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 u rac = 300 v (x2); u rdc = 630 v loose and taped notes 1. under development. 2. dimensions in brackets for bent back leads. c (1) ( f) dimensions (2) b h l (mm) mass (g) catalogue number loose in box reel l t = 3.5 0.3mm l t = 5.0 0.3mm l t = 25.0 2.0mm h = 16.0 mm; p 0 = 15.0 mm c-tol = 20% catalogue number last 5 digits last 5 digits last 5 digits pitch = 15.0 0.4 mm; d t = 0.60 0.06 mm pitch = 7.5 mm (bent back) 0.01 5.0 11.0 (13.0) 17.5 1.2 2222 338 44 103 .. 40 103 .. 41 103 .. 48 001 0.015 2222 338 44 153 .. 40 153 .. 41 153 .. 48 002 0.022 2222 338 44 223 .. 40 223 .. 41 223 .. 48 003 0.033 2222 338 44 333 .. 40 333 .. 41 333 .. 48 004 0.047 2222 338 44 473 .. 40 473 .. 41 473 .. 48 005 0.068 2222 338 44 683 .. 40 683 .. 41 683 .. 48 006 0.1 6.0 12.0 (14.0) 17.5 1.4 2222 338 44 104 .. 40 104 .. 41 104 .. 48 007 pitch = 15.0 0.4 mm; d t = 0.80 0.08 mm pitch = 7.5 mm (bent back) 0.15 7.0 13.5 (15.5) 17.5 1.9 2222 338 44 154 .. 40 154 .. 41 154 .. 48 008 0.22 8.5 15.0 (17.0) 17.5 2.6 2222 338 44 224 .. 40 224 .. 41 224 .. 48 009 0.33 10.0 16.5 (18.5) 17.5 3.1 2222 338 44 334 .. 40 334 .. 41 334 .. 48 011 pitch = 22.5 0.4 mm; d t = 0.80 0.08 mm pitch = 7.5 mm (bent back) 0.47 8.5 18.0 26.0 4.5 2222 338 44 474 .. 40 474 .. 41 474 not available 0.68 10.0 19.5 26.0 5.5 2222 338 44 684 .. 40 684 .. 41 684 1.0 12.0 22.0 26.0 7.8 2222 338 44 105 .. 40 105 .. 41 105 pitch = 27.5 0.4 mm; d t = 0.80 0.08 mm pitch = 7.5 mm (bent back) 1.5 15.0 25.0 31.0 12.8 2222 338 44 155 .. 40 155 .. 41 155 not available 2.2 18.0 28.0 31.0 17.2 2222 338 44 225 .. 40 225 .. 41 225 3.3 21.0 31.0 31.0 20.4 2222 338 44 335 .. 40 335 .. 41 335
2001 jun 22 7 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 mkp general data pitch 37.5/55 mm specific reference data for the 300 v ac (x2) capacitors available 300 v ac (x2) versions notes 1. lead length 3.5 mm for pitch = 37.5 and 55 mm is not availible. 2. other dimensions for 10% tolerance values. description value tangent of loss angle at 1 khz 2.2 f 5000 s r between leads and case; 100 v; 1 minute > 30000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 1400 v; 1 minute withstanding (ac) voltage between leads and case 2200 v; 1 minute packaging dimensions c-tol first 9 digits of catalogue number ordering loose in box lead length 5.0 mm; note 1 20% 2222 338 40... preferred 10% 2222 338 42...; note 2 on request lead length 25.0 mm; note 1 20% 2222 338 41... preferred 10% 2222 338 43...; note 2 on request insulated leads stranded cu-wire 0.5 mm 2 for 37.5 and 55 mm pitch 20% 2222 338 4.... on request 10% 2222 338 4....; note 2 on request 296x12(full_width) cba196 h l t l b p d t fig.4 outline.
2001 jun 22 8 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 u rac = 300 v (x2); u rdc = 630 v loose note 1. under development. c (1) ( f) dimensions b h l (mm) mass (g) catalogue number loose in box l t = 5.0 1.0 mm l t = 25.0 2.0 mm c-tol = 20% catalogue number last 5 digits pitch = 37.5 0.7 mm; d t = 1.0 0.1 mm 4.7 18.0 35.0 42.0 30.0 2222 338 40 475 ... 41 475 6.8 21.0 38.0 42.0 35.0 2222 338 40 685 ... 41 685 pitch = 55.0 1.0 mm; d t = 1.0 0.1 mm 10.0 21.0 38.0 59.5 50.0 2222 338 40 106 ... 41 106
2001 jun 22 9 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 construction description ? low-inductive wound cell of metallized polypropylene (pp) film, potted with epoxy resin (for original pitch 27.5 mm) and polyurethane and epoxy resin (for pitch > 27.5 mm) in a flame-retardant case ? radial leads, solder-coated ? small stand-off pips allow removal of solder flux etc. during cleaning of the printed-circuit board ? radial insulated leads; stranded cu-wire with pvc isolation for pitch > 27.5 mm on request mounting n ormal use the capacitors are designed for mounting on printed-circuit boards. the capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of automatic insertion machines. for detailed tape specifications refer to this handbook, chapter ? packaging information ? . 144x12(halfpage) metal spray layer mkp metallized polypropylene film cba198 connecting wire fig.5 construction. s pecific method of mounting to withstand vibration and shock in order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good contact with the printed-circuit board: ? for pitches 15 mm capacitors shall be mechanically fixed by the leads. ? for larger pitches the capacitors shall be mounted in the same way and the body clamped. s pace requirements on printed - circuit board the maximum length and width of film capacitors is shown in fig.6: ? eccentricity as in fig.6. the maximum eccentricity is smaller than or equal to the lead diameter of the product concerned. ? product height with seating plane as given by ? iec 60717 ? as reference: h max h +? mm or h max h ? +? mm. storage temperature ? storage temperature: tstg =? 25 to + 40 c with rh maximum 80% without condensation. ratings and characteristics reference conditions unless otherwise specified, all electrical values apply to an ambient temperature of 23 1 c, an atmospheric pressure of 86 to 106 kpa and a relative humidity of 50 2%. for reference testing, a conditioning period shall be applied over 96 4 hours by heating the products in a circulating air oven at the rated temperature and a relative humidity not exceeding 20%. 144x12(halfpage) cbb181 eccentricity l max = l + ? mm b max = b + ? mm fig.6 lay-out. (1) ?= 0.3 mm for p 27.5 mm. ?= 1.0 mm for p > 27.5 mm.
2001 jun 22 10 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 characteristics capacitance tangent of loss angle 296x12(full_width) 100 -50 0 50 cba505 4 -6 -4 -2 0 2 t amb ( c) ? c/c (%) max. min. typical fig.7 capacitance change at 1 khz as a function of temperature. 296x12(full_width) cbb177 10 5 10 4 10 3 10 2 10 1 10 10 0 10 1 10 2 3 f (hz) dissipation factor (x 10 -4 ) c 10 nf 10 nf < c 47 nf 47 nf < c 220 nf 220 nf < c 1 f 1 f < c 2.2 f c > 2.2 f fig.8 tangent of loss angle as a function of frequency: typical curves.
2001 jun 22 11 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 impedance resonant frequency 296x12(full_width) 10 8 cbb185 10 7 10 6 10 5 10 4 10 3 10 -2 10 -1 10 0 10 1 10 2 f (hz) impedance ( ? ) 10 nf 47 nf 100 nf 470 nf 1000 nf 10 f 4700 nf fig.9 impedance as a function of frequency: typical curves. 296x12(full_width) cbb248 1000 nf 100 nf 10 nf 1nf 10 2 10 -1 10 0 10 1 c (nf) f (mhz) x2 10 f fig.10 resonant frequency as a function of capacitance: typical curve.
2001 jun 22 12 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 maximum rms voltage and ac current (sinewave) as a function of frequency for t amb 105 c 296x12(full_width) cbb187 10 5 10 4 10 3 10 2 10 1 10 3 10 1 10 2 ac voltage (v) f (hz) fig.11 ac voltage (rms value) as a function of frequency at t amb 105 c. 296x12(full_width) 10 5 cbb319 10 4 10 3 10 2 10 1 10 4 10 -1 10 0 10 1 10 2 10 3 ac current (ma) f (hz) 10000 nf 4700 nf 1000 nf 10 nf 47 nf 100 nf 470 nf fig.12 ac current (rms value) as a function of frequency at t amb 105 c.
2001 jun 22 13 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 insulation resistance application notes ? for x2 electromagnetic interference suppression in across the line applications (50/60 hz) with a maximum mains voltage of 300 v (ac) 10% instability. ? these capacitors are not intended for continuous pulse applications. for these situations, capacitors of the ac and pulse program must be used, such as: 2222 375 .....; 2222 383 ..... or 2222 479 ..... ? the maximum ambient temperature must not exceed 105 c. ? rated voltage pulse slope: ? if the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 420 v (dc) and divided by the applied voltage. 296x12(full_width) cba204 0 20406080100 10 6 10 4 10 5 rc (s) t amb ( c) fig.13 rc product as a function of ambient free air temperature: typical curve.
2001 jun 22 14 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 marking product marking the capacitors are marked (see figs 14 to 15) with the following information: 1. rated capacitance code in accordance with ? iec 60062 ? 2. tolerance on rated capacitance; m = 20%; k = 10% 3. rated (ac) voltage (e.g. 300 v) 4. sub-class (e.g. x2) 5. manufacturer ? s type designation (e.g. 338 4) 6. code for dielectric material (mkp) 7. manufacturer and origin ( ? ? belgium; ? pl ? poland) 8. year and week of manufacture (e.g. 0133). 144x12(halfpage) head face front face 100n m 338 4 mkp cbb292 bc 0133 300v~ x2 02 r fig.14 example of marking for a capacitor with original pitch = 15 mm. 144x12(halfpage) 1 0 m 300v~ 338 4 mkp bc 0133 head face cbb293 02 x2 r fig.15 example of marking for a capacitor with original pitch 22.5 mm.
2001 jun 22 15 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 package marking the package containing the capacitors is marked as shown fig.16. fig.16 barcode label. barcode label marking line marking explanation 1 manufacturer ? s name 2 country of origin 3sub-family 4 type description and sub class 5 capacitance value, tolerance, voltage and climatic category ( ? iec 60068-1 ? ) 6 safety approvals 7 preference origin code: b country of origin in code: 780 (poland) responsible production centre: pl work order: wo 8 product type description 9 quantity and production period, year and week code 10 product code (12nc)
2001 jun 22 16 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 quick reference test requirements test procedure (quick reference) requirements robustness of leads te n si le s t r e n g th : ? iec 60068-2-21 ? load 10 n; 10 s no visible damage legible marking |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 bending: ? iec 60068-2-21 ? load 5 n; 4 90 resistance to soldering heat: ? iec 60068-2-20 ? solder bath: 260 c; 10 s component solvent resistance isopropyl alcohol; 23 c; 5 minutes robustness of component (fixed leads only) rapid change of temperature: ? iec 60068-2-14 ? 5cycles 1cycle = 30 minutes at ? 55 c and 30 minutes at 105 c |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 vibration: ? iec 60068-2-6 ? 10 to 55 hz; amplitude 0.75 mm; 6 hours shock: ? iec 60068-2-27 ? half sinewave; 490 m/s 2 ; 11 ms climatic sequence dry heat: ? iec 60068-2-2 ? 16 hours; 105 c |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 rins 50% of specified value damp heat, cyclic, test db, first cycle: ? iec 60068-2-30 ? cold: ? iec 60068-2-1 ? 2 hours; ? 55 c damp heat, cyclic, test db, remaining cycles: ? iec 60068-2-30 ? voltage proof: ? iec 60384-14 ? v p = 1290 v (dc); 1 minute other applicable tests damp heat, steady state: ? iec 60068-2-3 ? 56 days; 40 c; 90 to 95% rh no load v p = 1290 v (dc); 1 minute |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 rins 50% of specified value endurance (ac): ? iec 60384-14 ? 3 2.5 kv pulse voltage for x2; 1000 hours; 1.25 u rac at 105 c; once per hour; 0.1 s; 1000 v (rms) via resistor of 47 ?; v p = 1290 v (dc); 1 minute |? c/c | 10% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 rins 50% of specified value
2001 jun 22 17 bccomponents product specification interference suppression film capacitors mkp 338 4 x2 note 1. measuring frequency 10 khz for c 1 f and 1 khz for c > 1 f. charge and discharge: ? iec 60384-14 ? 10000 cycles; 5 ms; 1.5 dv/dt |? c/c | 10% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 rins 50% of specified value passive flammability: ? iec 60384-14 ? class b no burning active flammability: ? iec 60384-14 ? 20 2.5 kv discharge no burning heat storage: ? iec 60384-14 ? 1000 hours; 105 c |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 resistance to soldering heat with preheating: ? iec 60384-14 ? preheating: 105 c; solder bath: 260 c; 10 s |? c/c | 5% ? tan ? 80 10 ? 4 (c 1 f); note 1 ? tan ? 50 10 ? 4 (c > 1 f); note 1 active flammability test voltage proof up to 2 peak impulse voltage of 4.13 or until breakdown (100 v/sec, current limited 2ma) failed capacitors connected to a 300 v (ac) power supply during 5 minutes. no burning test procedure (quick reference) requirements


▲Up To Search▲   

 
Price & Availability of 222233840683

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X