Part Number Hot Search : 
KER340UL FDR856P 93C46N LM1084 BDW21A AKD46 SW05P X3225
Product Description
Full Text Search
 

To Download 0476322000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0476322000 status: active overview: high_definition_multimedia_interface_hdmi description: 0.50mm (.020") pitch hdmi* receptacle, vertical, smt, with flange and pick-and- place cover, 0.30m (12") gold (au) plating, 19 circuits, traypackaging, lead free documents: 3d model product specification ps-47632-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 47632 application wire-to-board comments with flange component type receptacle overview high_definition_multimedia_interface_hdmi product name hdmi type n/a physical boot color n/a circuits (loaded) 19 circuits (maximum) 19 color - resin black gender male keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin-bismuth material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tray panel mount with flange pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.020 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 12 plating min: mating (m) 0.30 plating min: termination (in) 0.025 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -20c to +85c termination interface: style surface mount waterproof / dustproof no wire size awg n/a electrical current - maximum per contact 0.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47632 series
voltage - maximum 40v dc material info reference - drawing numbers packaging specification pk-47632-002 product specification ps-47632-001 sales drawing sd-47632-200 * high definition multimedia interface and hdmi are trademarks of hdmi licensing, llc. this document was generated on 05/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0476322000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X