Part Number Hot Search : 
UB8BT EMICO 1660C L0380R 56083 01220 Q7010LH5 IRF2903Z
Product Description
Full Text Search
 

To Download 0472450001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0472450001 status: active overview: pogo_pins description: 2.54mm (.100") pitch pogo pin connector, smt, vertical, with pick-and- place cap, 3 circuits, lead-free documents: 3d model product specification ps-47245-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 47245 application board-to-board comments action height: 3.15mm (.124") overview pogo_pins product name pogo pin physical breakaway no circuits (loaded) 3 circuits (maximum) 3 durability (mating cycles max) 20,000 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.124 in mated height (mm) 3.15 mm material - plating mating gold material - plating termination gold number of rows 1 orientation vertical pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 4 plating min: mating (m) 0.10 polarized to mating part no polarized to pcb no robotic placement pick and place cap shrouded no stackable no temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 2a voltage - maximum 60v dc solder process data lead-free process capability reflow capable (smt only) process temperature max. c 250 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47245 series
material info reference - drawing numbers packaging specification pk-47245-001 product specification ps-47245-001 sales drawing sd-47245-001 this document was generated on 05/26/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0472450001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X