this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0015911421 status: active description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, 42 circuits, tin (sn) plating, with 3.30mm (.130") pcb locator pegs documents: 3d model product specification ps-71308 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 71308 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 42 circuits (maximum) 42 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71308 series
material info reference - drawing numbers product specification ps-71308, rps-71308-001 sales drawing sd-71308-001 this document was generated on 03/31/2010 please check www.molex.com for latest part information
|