Part Number Hot Search : 
ULC831 MH88610 UG2005 1680924 ASM3P 1N702A DC10SRWA A5941
Product Description
Full Text Search
 

To Download UVYXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 u 1 v 2 y 3 1 4 a 5 3 6 3 7 1 8 m 9 e 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (330 f) rated voltage (10v) series name type 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (l < 20) 1.5 (l 20) 2.0 d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd hd configuration rd 12.5 ~ 18 20 ~ 25 pressure relief vent 15 min 4 min d d + max p 0.5 ( 6.3up) l + max sleeve ( p.e.t. ) (mm) vy vz vk aluminum electrolytic capacitors vy series wide temperature range one rank smaller case sizes than vz series. adapted to the rohs directive (2002/95/ec). radial lead type specifications type numbering system (example : 10v 330f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 55 ~ +105 ? c (6.3 ~ 100v), 40 ~ +105 ? c (160 ~ 400v), 25 ~ +105 ? c (450v) 6.3 ~ 450v 0.1 ~ 68000f 20% at 120hz, 20 ? c printed with white color letter on black sleeve. after storing the capacitors under no load at 105 ? c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. rated voltage (v ) 6.3 ~ 100 160 ~ 450 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, cv < = 1000 : i = 0.1cv+40 (a) or less after 1 minute's application of rated voltage, cv > 1000 : i = 0.04cv+100 (a) or less measurement frequency : 120hz after 1000 hours' application of rated voltage at 105 ? c, capacitors meet the characteristic requirements listed at right. rated voltage ( v ) tan ( max. ) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 ~ 250 0.20 350 ~ 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz, temperature : 20 ? c leakage current tan capacitance change initial specified value or less 200% or less of initial specified value within 20% of initial value please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. please refer to page 21 about the end seal configulation. smaller high temperature dimension table in next page. z 25 ? c / z + 20 ? c z 40 ? c / z + 20 ? c rated voltage ( v) impedance ratio zt / z20 (max.) 450 15 6.3 5 10 10 4 8 16 3 6 25 2 4 35 ~ 50 2 3 63 ~ 100 2 3 250 ~ 350 4 8 400 6 10 160 ~ 200 3 4
cat.8100v 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 47000 68000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 472 682 103 153 223 333 473 683 0j 1a 1c 1e 1v 1h 1j 6.3101625355063 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 390 635 840 1090 1350 1650 1820 2280 2500 2780 3070 5 11 6.3 11 6.3 11 10 12.5 10 16 12.5 20 12.5 25 16 25 16 31.5 16 35.5 18 40 22 50 25 50 155 210 250 460 705 1000 1260 1570 1820 2050 2420 3210 3570 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 16 25 16 25 16 35.5 18 40 22 40 25 50 190 225 315 500 710 1170 1500 1600 1930 2210 2710 3450 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 35.5 18 40 22 50 25 50 125 200 275 380 610 1090 1400 1570 1850 2000 2750 3250 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 16 25 16 31.5 16 35.5 18 40 22 50 25 50 93 110 150 250 350 460 810 1260 1500 1780 2000 2650 3100 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 31.5 18 35.5 20 40 22 50 25 50 1.3 2.9 4.3 7 13 20 25 30 46 68 90 115 150 190 300 410 540 950 1410 1770 2100 2500 2850 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 case size d l (mm) 71 100 120 155 200 335 510 640 930 1650 1950 2450 2800 rated ripple cap.(f) 00 ~ 68 100 ~ 470 1000 ~ 68000 0.1 ~ 220 330 ~ 1000 6.3 ~ 100 v 160 ~ 450 50hz 120hz 300hz 1 khz 10 khz ~ 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 0.90 1.00 1.10 1.13 1.15 frequency 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1000 2200 3300 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 680 101 221 331 471 102 222 332 2a 2c 2d 2e 2v 2g 2w 100 160 200 250 350 400 450 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 25 18 35.5 22 50 25 50 1.5 3.4 5.0 7.1 15 21 29 32 50 93 130 140 190 240 390 540 715 960 1750 2070 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 31.5 18 35.5 18 40 25 50 41 92 125 150 250 310 410 570 855 1350 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 40 1.5 3.3 5 11 16 25 30 35 57 105 140 195 250 320 500 675 925 6.3 11 6.3 11 10 12.5 10 20 10 20 12.5 20 16 25 16 25 18 35.5 20 40 22 50 28 35 71 105 140 190 270 310 485 710 1000 6.3 11 8 11.5 8 11.5 10 12.5 12.5 20 12.5 25 16 25 16 25 18 35.5 22 50 25 50 21 30 39 64 105 170 210 285 370 540 710 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 12.5 25 16 25 16 25 16 31.5 18 35.5 22 50 8.5 14 27 34 42 64 140 170 200 240 310 460 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 18 40 25 50 case size d l (mm) 20 28 32 27 100 125 155 185 200 250 rated ripple rated ripple (marms) at 105 ? c 120hz vy series aluminum electrolytic capacitors dimensions frequency coefficient of rated ripple current cap.(f) code v cap.(f) code v


▲Up To Search▲   

 
Price & Availability of UVYXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X