Part Number Hot Search : 
MC683 MC1471 LRTBR48G ADE0704 RX300 05N50 N101C AP992
Product Description
Full Text Search
 

To Download SUR511EF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-r5u005-001 1 SUR511EF epitaxial planar npn/pnp silicon transistor description ? dual chip digital transistor features ? both src1202 chip and sra2202 chip in sot-563f package ? simplify circuit design ? reduce a quantity of parts and manufacturing process ordering information type no. marking package code SUR511EF bx sot-563f : year & week code equivalent circuit & pin connections absolute maximum ratings [tr1, tr2] (ta=25 c) rating characteristic symbol tr1 tr2 unit output voltage v o 50 -50 v input voltage v i 30,-10 -30,10 v output current i o 100 -100 ma power dissipation p d 150 mw junction temperature t j 150 c storage temperature range t stg -55 ~ 150 c : total rating pin connections 1. common 1 2. in 1 3. out 2 4. common 2 5. in 2 6. out 1 r 1 r 2 10k 10k 10k 10k tr1 tr2 ? equivalent circuit package : sot-563f r1 r2 r1 r2 45 6 tr1 tr2
ksd-r5u005-001 2 SUR511EF electrical characteristics [tr1] (ta=25 c) characteristic symbol test condition min. typ. max. unit output cut-off current i o(off) v o =50v, v i =0 - - 500 na dc current gain g i v o =5v, i o =10ma 50 80 - - output voltage v o(on) i o =10ma, i i =0.5ma - 0.1 0.3 v input voltage (on) v i(on) v o =0.2v, i o =5ma - 1.8 2.4 v input voltage (off) v i(off) v o =5v, i o =0.1ma 1.0 1.2 - v transition frequency f t * v o =10v, i o =5ma, f=1mhz - 200 - mhz input current i i v i =5v, i o =0 - - 0.88 ma input resistor (input to base) r 1 - 7 10 13 k input resistor (base to common) r 2 - 7 10 13 k * : characteristic of transistor only electrical characteristics [tr2] (ta=25 c) characteristic symbol test condition min. typ. max. unit output cut-off current i o(off) v o =-50v, v i =0 - - -500 na dc current gain g i v o =-5v, i o =-10ma 50 80 - - output voltage v o(on) i o =-10ma, i i =-0.5ma - -0.1 -0.3 v input voltage (on) v i(on) v o =-0.2v, i o =-5ma - -1.8 -2.4 v input voltage (off) v i(off) v o =-5v, i o =-0.1ma -1.0 -1.2 - v transition frequency f t * v o =-10v, i o =-5ma, f=1mhz - 200 - mhz input current i i v i =-5v, i o =0 - - -0.88 ma input resistor (input to base) r 1 - 7 10 13 k input resistor (base to common) r 2 - 7 10 13 k * : characteristic of transistor only
ksd-r5u005-001 3 su r 511ef electrical characteristic curves ? ? [tr1] fig. 2 i o - v i(off) fig. 1 i o - v i ( on ) [tr2] fig. 3 g i - i o fig. 2 i o - v i(off) fig. 1 i o - v i ( on ) fig. 3 g i - i o
ksd-r5u005-001 4 SUR511EF outline dimension recommend pcb solder land [unit: mm]
ksd-r5u005-001 5 SUR511EF the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SUR511EF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X