Part Number Hot Search : 
CEM8434 190AX351 CEM8434 8041NLI 62007 106M1 18N06L N74LS17
Product Description
Full Text Search
 

To Download SCS1100V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SCS1100V 1 a, 100 v schottky barrier rectifiers 04-dec-2009 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. cathode band g e a j f d h c b 1 2 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high current capability ? extremely low thermal resistance ? for surface mount application ? higher temp soldering : 250 c for 10 seconds at terminals ? low forward voltage mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: solderable per mil-std-202, method 208 guaranteed ? polarity: color band denotes cathode end ? mounting position: any marking code sn maximum ratings and electrical characteristics (t a =25c unless otherwise specified) parameter symbol rating units maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rwm 100 v maximum dc blocking voltage v r 100 v average forward current @t j =25c i f(av) 1 a peak forward current @ 8.3 ms half sine i fsm 10 a maximum instantaneous forward voltage i fm = 1 a, t a = 25c v f1 0.83 v maximum instantaneous forward voltage i fm = 1 a, t a = 125c v f2 0.68 v maximum dc reverse current at rated dc blocking voltage @ t j = 25c i r1 50 ua maximum dc reverse current at rated dc blocking voltage @ t j = 125c i r2 1 ma typical junction capacitance(note 1) c j 90 pf typical thermal resistance (note 2) r ja 488 c/w operating temperature range t j 150 c storage temperature t stg 150 c notes: 1. measured at 1mhz and applied reverse of 0v dc. 2. fr-4 pcb, 2 oz. 0.65mm 1.35mm copper pad. millimete r millimete r ref. min. max. ref. min. max. a 1.05 ref. e 0.080 0.180 b 0.20 ref. f 1.15 1.45 c 0.80 1.00 g 1.60 1.80 d 0.25 0.40 h 2.30 2.70 sod-323
elektronische bauelemente SCS1100V 1 a, 100 v schottky barrier rectifiers 04-dec-2009 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves 0 . 0 0 0 1 0 . 0 0 1 0 . 0 1 0 . 1 1 9 0 3 0 5 0 7 0 1 1 0 1 0 r e v e r s e v o l t a g e ( v ) t y p i c a l r e v e r s e c h a r a c t e r i s t i c r e v e r s e c u r r e n t ( m a ) 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j 0 . 3 0 . 0 1 0 . 1 1 1 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f o r w a r d v o l t a g e ( v ) t y p i c a l f o r w a r d c h a r a c t e r i s t i c 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t n u m b e r o f c y c l e s a t 6 0 h z p e a k f o r w a d s u r g e c u r r e n t ( a ) 0 2 4 6 8 1 0 0 1 0 1 0 0 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d t j = 2 5 j j u n c t i o n c a p a c i t a n c e ( p f ) r e v i s e v o l t a g e ( % ) t y p i c a l j u n c t i o n c a p a c i t a n c e 0 2 5 5 0 7 5 1 0 0 0 1 1 0 1 0 0


▲Up To Search▲   

 
Price & Availability of SCS1100V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X