Part Number Hot Search : 
TMC424 2SD2115 APL3521 D203ED NME0505 VT8225 GDM1604 R5101015
Product Description
Full Text Search
 

To Download LRC-LR1206-XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  iso-9001 registered 050699 advanced film division 4222 south staples street corpus christi, texas 78411 tel: 361-992-7900 fax: 361-992-3377 www.irctt.com low value flat chip resistor irc proprietary low value resistance film system high conductivity plated wrap around termination construction & mechanical dimensions: lrc / lrf series standard 2512, 2010 and 1206 sizes s resistance values down to 0.003 ohms leach resistant solder-plated copper wrap-around termination low inductance - less than 0.2nh standard eia tape - 1206 = 8mm; 2010 or 2512 = 12mm specifications: e z i slwhdm o t t o b d 6 0 2 1 r l . n i2 1 0 . 0 6 2 1 . 08 0 0 . 0 4 6 0 . 04 0 0 . 0 4 2 0 . 00 1 0 . 0 9 1 0 . 00 1 0 . 0 9 1 0 . 0 m m5 0 3 . 0 0 2 . 33 0 2 . 0 3 6 . 12 0 1 . 0 1 6 0 . 05 2 . 0 8 4 . 05 2 . 0 8 4 . 0 0 1 0 2 r l . n i5 1 0 . 0 6 0 2 . 00 1 0 . 0 4 0 1 . 04 0 0 . 0 9 2 0 . 00 1 0 . 0 9 1 0 . 00 1 0 . 0 9 1 0 . 0 m m8 3 . 0 3 2 . 55 2 . 0 4 6 . 21 . 0 4 7 . 05 2 . 0 8 4 . 05 2 . 0 8 4 . 0 2 1 5 2 r l . n i5 1 0 . 0 6 5 2 . 00 1 0 . 8 2 1 . 04 0 0 . 0 9 2 0 . 00 1 0 . 0 9 1 0 . 00 1 0 . 0 9 1 0 . 0 . m m8 3 . 0 0 5 . 65 2 . 0 5 2 . 31 . 0 4 7 . 05 2 . 0 8 4 . 05 2 . 0 8 4 . 0 5 2 2 1 r l . n i0 1 0 . 0 8 2 1 . 05 1 0 . 0 6 5 2 . 04 0 0 . 0 9 2 0 . 00 1 0 . 0 0 2 0 . 05 0 0 . 0 1 3 0 . 0 . m m5 2 . 0 5 2 . 38 3 . 0 5 . 61 . 0 4 7 . 05 2 . 0 8 4 . 02 1 . 0 9 7 . 0 l e d o m e c n a t s i s e r e g n a r ) s m h o ( r c t ) c / m p p ( g n i t a r r e w o p c 0 7 t a ) s t t a w ( c i r t c e l e i d g n i d n a t s h t i w e g a t l o v e r u t a r e p m e t t a e s i r r e w o p d e t a r a e r a e c a r t d n a d a p r e w o p x a m r o f c 0 7 @ g n i t a r 6 0 2 1 r l1 o t 0 1 0 . 0 0 0 1 y r o t c a f t c a t n o c ( w o l e b e u l a v r o f ) s m h o 0 5 0 . 0 5 . 00 0 2c 0 4m m 0 3 2 0 1 0 2 r l1 o t 3 0 0 . 00 . 10 0 2c 0 8m m 0 3 2 2 1 5 2 r l1 o t 3 0 0 . 0* 0 . 2 / 5 . 10 0 2c 0 9m m 0 0 1 2 5 2 2 1 r l0 1 . 0 o t 3 0 0 . 00 . 20 0 2c 0 8m m 0 0 2 2 m m 0 0 3 f o e z i s e c a r t d n a d a p r e d l o s l a t o t h t i w s t t a w 2 * 2 d h w bottom top d bottom 2 places plating wrap-around lr1225 lr1206 / 2010 / 2512 w h d l protective overcoat resistive element copper termination 60/40 solder plating nickel barrier layer copper wraparound termination alumina substrate
iso-9001 registered 050699 c i t s i r e t c a r a h cd o h t e m t s e te c n a m r o f r e p k c o h s l a m r e h t 7 0 1 d o h t e m 2 0 2 - d t s - l i m c 5 2 1 + c 5 6 - , b n o i t i d n o c % 5 . 0 e m i t t r o h s d a o l r e v o 2 4 3 5 5 - f r p - l i m% 5 . 0 e r u t a r e p m e t h g i h e r u s o p x e 2 4 3 5 5 - f r p - l i m% 5 . 0 e r u t a r e p m e t g n i l c y c 0 1 0 1 d o h t e m 3 8 8 - d t s - l i m b n o i t i d n o c t s e t % 5 2 . 0 e r u t s i o m2 4 3 5 5 - f r p - l i m% 5 . 0 e f i l d a o l 2 4 3 5 5 - f r p - l i m c 0 7 @ r e w o p d e t a r % 0 . 1 e r u t a r e p m e t w o l n o i t a r e p o 2 4 3 5 5 - f r p - l i m% 5 . 0 e r u t a r e p m e t w o l e g a r o t s s r u o h 0 0 1 , c 5 6 -% 5 . 0 o t e c n a t s i s e r t a e h r e d l o s 0 1 2 d o h t e m 2 0 2 - d t s - l i m% 5 2 . 0 e c n a t s i s e r h c a e lc 0 5 2 r e d l o s n e t l o m s d n o c e s 0 9 m u m i n i m advanced film division 4222 south staples street corpus christi, texas 78411 tel: 361-992-7900 fax: 361-992-3377 www.irctt.com recommended solder pad dimensions environmental performance pulse and surge capability surge or repetitive pulse duration 70 50 30 20 10 7 5 3 300 sec 1 m sec 3 m sec 10 m sec 30 m sec 100 m sec 300 m sec 1 sec surge power watts average power dissipation should not exceed normal 70c rating lrc 2010 1 watt lrc 1206 0.5 watts lrc 2512 2 watts a b c lrc / lrf series . m i d6 0 2 1 r l0 1 0 2 r l2 1 5 2 r l5 2 2 1 r l a . n i0 8 0 . 00 2 1 . 05 4 1 . 05 0 3 . 0 m m) 0 . 2 () 5 0 . 3 () 7 . 3 () 5 7 . 7 ( b . n i0 6 1 . 05 5 2 . 05 0 3 . 05 7 1 . 0 m m) 0 . 4 () 5 . 6 () 5 7 . 7 () 5 4 . 4 ( c . n i0 5 0 . 00 6 0 . 00 6 0 . 06 0 . 0 m m) 5 2 . 1 () 5 . 1 () 5 . 1 () 5 . 1 ( derating curve 25 70 150 100 50 10 % of rated power temperature in c model how to order sample part number: lrc - lr 2010 - 01 - r040 - j lr = resistance ranges above .025 ohm lrf = resistance range .025 and below size: 1206, 2010, 2512, 1225 tcr characteristic 01 = 100 ppm/ o c (standard) tolerance f = 1%; g = 2%; j = 5%; k = 10% standard mil code with r signifying decimal place. resistance code


▲Up To Search▲   

 
Price & Availability of LRC-LR1206-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X