Part Number Hot Search : 
MC9S12XE FN3158 ESD9B5VD AD586M RD1004 29LV160 3SK126 LTC1655
Product Description
Full Text Search
 

To Download GSD2004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GSD2004A vishay semiconductors formerly general semiconductor document number 88199 www.vishay.com 14-may-02 1 new product dual common-anode small-signal switching diode maximum ratings and thermal characteristics t a = 25? unless otherwise noted parameter symbol value unit continuous reverse voltage v r 240 v peak repetitive reverse voltage v rrm 300 v peak repetitive reverse current i rrm 200 ma forward current (continuous) i f 225 ma peak repetitive forward current i rfm 625 ma non-repetitive peak forward current at tp = 1 s i fsm 4.0 a at tp = 1s 1.0 power dissipation p tot 350 (1) mw typical thermal resistance junction to ambiant air r ja 357 (1) c/w junction temperature t j 150 c storage temperature range t s 65 to +150 c note: (1) device on fiberglass substrate, see layout on bottom of second page .016 (0.4) .056 (1.43 ) .037(0.95) .037(0.95) max. .004 (0.1) .122 (3.1) .016 (0.4) .016 (0.4) 1 2 3 top view .102 (2.6) .007 (0.175) .045 (1.15) .110 (2.8) .052 (1.33 ) .005 (0.125) .094 (2.4) .037 (0.95) features silicon epitaxial planar diode fast switching dual common-anode diode, especially suited for applications requiring high voltage capability mechanical data case: sot-23 (to-236ab) plastic package weight: approx. 0.008g marking code: dba packaging codes/options: e8/10k per 13 reel (8mm tape), 30k/box e9/3k per 7 reel (8mm tape), 30k/box to-236ab (sot-23) dimensions in inches and (millimeters) mounting pad layout 0.079 (2.0) 0.037 (0.95) 0.035 (0.9) 0.031 (0.8) 0.037 (0.95) top view
GSD2004A vishay semiconductors formerly general semiconductor www.vishay.com document number 88199 2 14-may-02 electrical characteristics t j = 25 c unless otherwise noted parameter symbol test condition min typ max unit reverse breakdown voltage v br i r = 100 a 300 v leakage current i r v r = 240v 100 na v r = 240v, t j = 150 c 100 a forward voltage v f i f = 20ma 0.83 0.87 v i f = 100ma 1.00 capacitance c tot v f = v r = 0, f = 1mhz 5.0 pf reverse recovery time t rr i f = i a = 30ma 50 ns i rr = 3.0ma, r l = 100 ? (1) device on fiberglass substrate, see layout at bottom of page 0.59 (15) 0.2 (5) 0.03 (0.8) 0.30 (7.5) 0.12 (3) .04 (1) 0.06 (1.5) 0.20 (5.1) .08 (2) .08 (2) .04 (1) 0.47 (12) dimensions in inches (millimeters) layout for r ja test thickness: fiberglass 0.059 in. (1.5 mm) copper leads 0.012 in. (0.3 mm) ratings and characteristic curves (t a = 25 c unless otherwise noted) forward current (ma) fig. 1 ?typical instantaneous forward characteristics 0.1 1 10 100 forward voltage (mv) 100 200 300 400 500 600 700 800 900 1000 t j = 150 c 100 c t j = 25 c ir (na) fig. 2 ?typical reverse characteristics vr (v) 10 2 10 3 10 4 10 5 10 0 50 100 150 200 250 t j = 150 c t j = 100 c t j = 25 c


▲Up To Search▲   

 
Price & Availability of GSD2004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X