Part Number Hot Search : 
103LF EAC457 TCC20L25 SMS12 TL072C A2822M UT7C139 FSMD1206
Product Description
Full Text Search
 

To Download DSW28000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter min typ max units conditions operating frequency 5 2000 mhz dc current 1.6 5 ma at +5 vdc supply control type ttl 1 line logic ??= rf com to rf1 logic ??= rf com to rf2 control current high 1 40 a vih = +3.0v low 1 40 a vil = +0.5v insertion loss 1.0 1.4 db 5 - 500 mhz 1.2 1.6 db 500 - 1000 mhz 1.4 2.0 db 1000 - 2000 mhz isolation 53 57 db 5 - 300 mhz 45 53 db 300 - 500 mhz 40 46 db 500 - 1000 mhz 35 40 db 1000 - 2000 mhz vswr thru 1.2/1 1.4/1 db 5 - 500 mhz 1.2/1 1.5/1 db 500 - 1000 mhz 1.2/1 1.9/1 db 1000 - 2000 mhz termination 1.3/1 1.4/1 db 5 - 500 mhz 1.2/1 1.5/1 db 500 - 1000 mhz 1.2/1 1.9/1 db 1000 - 2000 mhz impedance 50 ohms switching speed 24 30 nsec 50% ttl to 90% / 10% rf transition (rise/fall) time 8 10 nsec 90% / 10% or 10% / 90% rf switching (video) transients 13 120 mv peak value intercept points 2nd +52 +62 dbm 150 mhz / 350 mhz 50 - 2000 mhz 3rd +34 +48 dbm 200 mhz / 350 mhz 50 - 2000 mhz rf power operate +17 +10 dbm 1.0 db comp 5 - 50 mhz +21 +17 dbm 1.0 db comp 50 - 500 mhz +22 +21 dbm 1.0 db comp 500 - 2000 mhz no damage +24 dbm operating temperature -55 +25 +85 cta ?? rf2 gnd rf1 "0 " rf com +5v gnd gnd gnd gnd gnd gnd gnd 14 13 12 11 10 9 8 7 6 5 4 3 2 1 50 50 control n/c n/c = no internal connection .xx = .02 .xxx= .005 14 places .015 .002 dia typ .100 color bead contrasting .075 .14 identification part 14 8 7 1 .50 .82 .50 typ .600 typical performance at 25 c iso (db) vswr i.l. (db) 3000 1000 400 100 40 10 4 1 1.2 1.4 1.6 1.8 2.0 0.5 1.0 1.5 2.0 2.5 20 40 60 80 100 1.0 0 0 vswr i. loss iso frequency (mhz) model no. DSW28000 gaas sp2t features 5 - 2000 mhz 30 nsec switching speed 13 mv transients 1.6 ma @ +5 vdc 14 pin flatpack sp2t guaranteed performance daico industries


▲Up To Search▲   

 
Price & Availability of DSW28000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X