Part Number Hot Search : 
0MF55G FR601 SHM100F VCO190 D74HC4 HSP48901 MX29LV MX29LV
Product Description
Full Text Search
 

To Download CMLTA44 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor CMLTA44 type is an npn high voltage transistor, epoxy molded in a space saving picomini? sot-563 surface mount package and designed for extremely high voltage applications. marking code: 44c CMLTA44 surface mount picomini tm extremely high voltage npn silicon transistor sot-563 case central semiconductor corp. tm r0 (28-october 2004) c c c c e b maximum ratings: (t a =25c) symbol units collector-base voltage v cbo 450 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 6.0 v continuous collector current i c 300 ma power dissipation p d 250 mw operating and storage junction temperature t j, t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i cbo v cb =400v 100 na i ces v ce =400v 500 na i ebo v be =4.0v 100 na bv cbo i c =100a 450 v bv ces i c =100a 450 v bv ceo i c =1.0ma 400 v bv ebo i e =10a 6.0 v v ce(sat) i c =1.0ma, i b =0.1ma 0.40 v v ce(sat) i c =10ma, i b =1.0ma 0.50 v v ce(sat) i c =50ma, i b =5.0ma 0.75 v v be(sat) i c =10ma, i b =1.0ma 0.75 v h fe v ce =10v, i c =1.0ma 40 h fe v ce =10v, i c =10ma 50 200 h fe v ce =10v, i c =50ma 45 h fe v ce =10v, i c =100ma 20 f t v ce =10v, i c =10ma, f=10mhz 20 mhz c ob v cb =20v, i e =0, f=1.0mhz 7.0 pf c ib v eb =0.5v, i c =0, f=1.0mhz 130 pf
central semiconductor corp. tm sot-563 case - mechanical outline CMLTA44 surface mount picomini tm extremely high voltage npn silicon transistor a b c h g f d e e r0 12 3 65 4 r0 (28-october 2004) lead code: 1) collector 2) collector 3) base 4) emitter 5) collector 6) collector pins 1, 2, 5 and 6 are common. marking code: 44c


▲Up To Search▲   

 
Price & Availability of CMLTA44

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X