Part Number Hot Search : 
UPD16716 DS1345Y 008226 SMUN5214 SI6955 ADR5044 2N6672 TA100
Product Description
Full Text Search
 

To Download BL-CS15AR1G3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.betlux.com led lamp cluster BL-CS15AR1G3 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 1 of 3 www.betlux.com email: sales@betlux.com , betlux@betlux.com features:  15mm square led lamp cluster  high visibility  emitting color: red,green,blue  no of built-in 5mm led lamps :  ultra orange - 1pcs,green C 3pcs  waterproof package with hood suitable  for outdoor and indoor information boards selection guide part no. description BL-CS15AR1G3 15mm square lamp cluster 1red ,3 green, square packed description:  color code & chip characteristics: (test condition: if=20 ma) chip electro-optical data(at 20ma) vf (v) iv (mcd) part no. built-in lamp package built-in lamp part no. bl- material/ emitted color peak wave length  p (nm) lens appearance typ max typ viewing angle 2  1/2 (deg) l563uec algainp/ ultra orange 630 water clear 2.10 2.50 750 l563ugc algainp/ ultra green 574 water clear 2.20 2.50 600 bl-cs15a r1g3 4x5x7mm 1.0" lead oval l563ubc gan/sic blue 430 water clear 3.10 4.20 800 x-x 45 y-y 25 notes: 1.  1/2 is the angle from optical centerline where the luminous intensity is1/2 the optical centerline val ue.  absolute maximum rating (each lamp,ta=25  derate above 25  ) characteristic symbol ultra orang ultra green ultra b lue unit spectral line half width  17 30 30 nm pulse forward current ifp 150 150 150 ma dc forward current if 30 30 30 ma reverse voltage v r 5 5 5 v power dissipature pd 65 75 75 mw operating temperature topr -40  -80  storage temperature tstg -40  -85  lead soldering temperature max.2605  for 3 sec max. (1.6mm from the base of the epoxy bulb)
www.betlux.com led lamp cluster BL-CS15AR1G3 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 2 of 3 www.betlux.com email: sales@betlux.com , betlux@betlux.com package configuration & internal circuit diagram: notes:  all dimensions are in millimeters (inches)  tolerance is  0.25(0.01")unless otherwise noted.  specifications are subject to change without notice.
www.betlux.com led lamp cluster BL-CS15AR1G3 approved : xu l checked :zhang wh drawn: li fs rev no: v.2 page 3 of 3 www.betlux.com email: sales@betlux.com , betlux@betlux.com typical electrical-optical characteristics curve s: 1.0 0.5 0 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 (a) (b) (c) (d) (2) (3) (8) (4) (1) (6) (5) (9) (10) wavelength(nm) relative intensity vs wavelength( )  p (1) - gaasp/gaas 655nm/red (2) - gap 570nm/yellow green (3) - gaasp/gap 585nm/yellow (4) - gaasp/gap 635nm/orange & hi-eff red (5) - gap 700nm/bright red (6) - gaalas/gaas 660nm/super red (8) - gaasp/gap 610nm/super red (9) - gaalas 880nm (10) - gaas/gaas & gaalas/gaas 940nm (a) - gan/sic 430nm/blue (b) - ingan/sic 470nm/blue (c) - (d) - ingan/sic 505nm/ultra green ingaal/sic 525nm/ultra green 50 40 30 20 10 0 1.2 1.6 2.0 2.4 2.6 3.0 1 6 3 4 5 2 8 4.0 3.0 2.0 1.0 0 20 40 60 80 100 15 b 50 40 30 20 10 0 20 40 60 80 100 16 2,4,8,a 35 32 1 0.5 0.2 0.1 -30 -20 -10 0 10 20 30 40 50 60 70 1 5 42 3 10 98 7 6 5 4 3 2 1 1 10 100 1000 10,000 10khz 3khz 1khz 300khz 100khz f-refresh rate 100khz 30khz 10khz 3khz 1khz 300hz 100hz 10 98 7 6 5 4 3 2 1 1 10 100 1000 10,000 forward voltage (vf) forward current vs. forward voltage relative luminous intensity vs. forward current ambient temperature ta( ) forward current vs. ambient temperature tp-pulse duration us (1,2,3,4,6,8,b.d.j.k) note:25 free air temperature unless otherwise speci fied
tp-pulse duration us forward current(ma) forward current (ma) relative luminous intensity forward current(ma) relative luminous intensity ambient temperature ta( )
(5) ipeak max. idc max. i p e a k m a x . i d c m a x .


▲Up To Search▲   

 
Price & Availability of BL-CS15AR1G3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X