Part Number Hot Search : 
MEGA32 82B790 DAC2800D HER804FT 5Q0765 C2895A 2SC1514 5330H
Product Description
Full Text Search
 

To Download ASE-32000MHZ-ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.2 x 2.5 x 1.0mm | | | | | | | | | | | | | | | ase series ? ccd clo c k f or vtr came r a ? equipment connected to pc or pc cards ? pda, wireless communication. ? laptop, ssd (solid state drive) ? low height 1.0mm max ? t r i-state function ? low current consumption 20ma max for 200mhz ? low rms jitter 5ps max ? suitable for rohs reflow ? available for tight stability option pb rohs compliant 3.3vdc cmos smd crystal clock oscillator applications: features: standard specifications: options & part identification: 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 06.24.10 visit www.abracon.com for terms & conditions of sale frequency range abracon p/n operating t emperature storage t e mperature overall frequency stability supply v oltage (vdd) input current symmetry rise and fall t ime ( t r/tf) output load output v oltage t ristate function peak to peak jitter rms jitter stand-by current 10 a max. 0.625 ~ 200 mhz ase series -10c to + 70c (see options) 3.3 v 5% see t able 1 45/55% @ 50%vdd see t able 1 28ps (typical) (reference only. contact abracon for the jitter) 15 pf max voh = 0.9* vdd min., vo l = 0.1* vdd max. "1" (vih >= 0.7* vdd) or open: oscillation, "0" (vi l < 0.3 vdd) : hi z p arameters - 55 c to + 125 c 100 ppm max. (see options) start-up time: see table 1 see table 1 aging (first year): 3 ppm max. abracon is ce r tified abracon is iso9001:2008 ce r tified t a b l e 1 f r e q u e n c y ( m h z ) i d d m a ( t y p ) i d d m a ( m a x ) t r /t f n s ( t y p ) t r / t f n s ( m ax ) st a r t - u p t i m e m s ( t y p ) st a r t - u p t i me ms ( m ax ) r m s j i tt e r p s ( t y p ) r m s j i tt e r p s ( m a x ) 0 . 5 ~ 20 2 . 5 7 2 . 5 4 . 0 1 2 . 0 3 . 2 5 20 . 0 1 ~ 4 0 . 0 4 . 4 13 2 . 4 4 . 0 1 2 . 0 3 . 2 5 40 . 0 1 ~ 6 0 . 0 6 . 5 19 2 . 4 4 . 0 1 2 . 0 3 . 2 5 60 . 0 1 ~ 7 5 . 0 12 . 7 24 2 . 3 4 . 0 1 2 . 0 3 . 2 5 7 5 . 01 ~ 13 3 . 0 7 . 4 20 1 . 5 4 . 0 1 . 2 2 . 0 2 . 2 5 1 33 . 0 1 ~ 2 00 . 0 11 . 7 20 1 . 9 4 . 0 1 . 5 2 . 0 2 . 2 5 a s e - m h z - - - f r e q u e nc y i n m h z e . g . 0 . 6 25 m h z 2 4 . 5 7 6 m h z 1 4 . 3 1 8 1 8 m h z 2 6 . 0 0 0 m h z 2 0 0 . 0 0 0 m h z o p e r a t i n g t e m p . i: 0 c ~ + 5 0 c d : - 1 0 c ~ + 6 0 c e : - 2 0 c ~ + 7 0 c f : - 30 c ~ + 70 c n : - 3 0 c ~ + 8 5 c l : - 4 0 c ~ + 85 c c on t a c t ab r a c on f o r w i der t e m per a t u r e r ange . p ac k a g i ng b l a n k : b u l k t : t a p e & r e e l ( 1k p c s ) t 2 : t a p e & r e e l ( 25 0 p c s ) f r e q . s t a b i l i t y j * : 20 p p m r : 25 p p m k : 3 0 pp m h : 35 p p m b : 4 0 pp m c : 50 p p m  * : t e m p op t i o n s i , d , e , and -10 c t o + 7 0 c on l y  (left blank if standard)
| | | | | | | | | | | | | | | ase series pb rohs compliant dimensions: inches (mm) dimensions: mm outline drawing: tape & reel: 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 06.24.10 visit www.abracon.com for terms & conditions of sale note: the outline package configuration varies with frequency range. electrical properties, pin configuration, and land pattern are the same. it is recommended to use an approximately 0.01uf bypass capacitor between pin 2 and pin 4. p i n function 1 2 3 4 vdd tri-state gnd/case output * lower height is available * reflow profile t= tape and reel (1,000pcs/reel) 3.2 x 2.5 x 1.0mm 3.3vdc cmos smd crystal clock oscillator abracon is ce r tified abracon is iso9001:2008 ce r tified note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . need a test socket for the ase series? to view compatible precision test & burn-in sockets for these parts, click here.


▲Up To Search▲   

 
Price & Availability of ASE-32000MHZ-ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X