Part Number Hot Search : 
MCH6610 01M86R KUS2503 DS3102GN HD66002 CAT524LI FAS236 AM29LV
Product Description
Full Text Search
 

To Download T8105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product brief may 1998 ambassador tm T8105 h.100/h.110 interface and time-slot interchanger features n fully backwards compatible to the t8100, t8100a, and t8102 by hardware strapping and program- ming the dev_id register n complete solution for interfacing board-level circuitry to the h.100/h.110 telephony bus n includes 2 ct_netref pins n h.100/h.110 compliant interface; all mandatory signals n programmable connections to any of the 4096 time slots on the h.100/h.110 bus n up to 16 local serial inputs and 16 local serial outputs, programmable for 2.048 mbits/s, 4.096 mbits/s, and 8.192 mbits/s operation per chi specifications n programmable switching between local time slots, up to 1024 connections n programmable switching between local time slots and h.100/h.110 bus, up to 512 connections n choice of frame integrity or minimum latency switching on a per-time-slot basis: frame integrity to ensure proper switching of wideband data minimum latency switching to reduce delay in voice channels n on-chip phase-locked loop (pll) for h.100/h.110, mvip *, or dialogic s ? sc-bus clock operation in master or slave clock modes n serial tdm bus rate and format conversion between most standard buses n optional 8-bit parallel input and/or 8-bit parallel output for local tdm interfaces n high-performance microprocessor interface: provides access to device configuration regis- ters and to time-slot data supports both motorola ? nonmultiplexed and intel multiplexed/nonmultiplexed modes n subrate switching of nibbles, dibits, or bits n programmable gpio n two independently programmable groups of up to 12 framing signals each n 3.3 v local i/o with 5 v tolerant inputs and ttl- compatible outputs n boundary-scan testing support n 208-pin, plastic sqfp n 217-pin bga package applications n computer-telephony systems n enhanced service platforms n wan access devices n pbxs description the ambassador T8105 is an h.100/h.110-compli- ant device that provides a complete interface between the h.100/h.110 bus and a wide variety of telephony interface components, processors, and other circuits. the bus interface provides all signals needed for the h.100/h.110 bus, the h- mvip and mvip -90 buses, or the sc-bus. local interfaces include sixteen serial inputs and sixteen serial out- puts based on the lucent concentration highway interface (chi). two built-in time-slot interchangers are included. the first provides a local switching domain with up to 1024 programmable connections between time slots on the local chi inputs and out- puts. the second supports up to 512 programmable connections between any time slot on the h.100/ h.110 bus and any time slot in the local switching domain. the ambassador T8105 is configured via a microprocessor interface. this interface can also read and write time-slot and device data. * mvip is a trademark of natural microsystems corporation. ? dialogic is a registered trademark of dialogic corporation. ? motorola is a registered trademark of motorola, inc. intel is a registered trademark of intel corporation.
2 lucent technologies inc. product brief may 1998 h.100/h.110 interface and time-slot interchanger ambassador T8105 description (continued) onboard clock circuitry, including a digital phase-locked loop, supports all h.100/h.110 clock modes including mvip and sc-bus compatibility clocks. the local chi interfaces support pcm rates of 2.048 mbits/s, 4.096 mbits/s, and 8.192 mbits/s. the ambassador T8105 has internal circuitry to support either minimum latency or multi-time-slot frame integrity. frame integrity is a requisite feature for applications that switch wideband data (isdn h-channels). minimum latency is advantageous in voice applications. 5-6101(f)c figure 1. block diagram of the ambassador h.100, h.110, h- mvip internal clocks and state counter s/p and p/s converters 512 location data sram three 512 location connection cams 1024 location data memory output logic and p/s convert input logic and s/p convert 1024 location connection memory timing and control microprocessor interface frame group interface logic frame groups addr[1:0] data[7:0] m p controls misc. i/o clocks and refs internal data internal address and control local out local in
lucent technologies inc. 3 product brief may 1998 h.100/h.110 interface and time-slot interchanger ambassador T8105 application overview the integration of computers and telecommunications has enabled a wide range of new communications applications and has fueled an enormous growth in communications markets. a key element in the devel- opment of computer-based communications equipment has been the addition of an auxiliary telecom bus to existing computer systems. most manufacturers of high-capacity, computer-based telecommunications equipment have incorporated some such telecom bus in their systems. typically, these buses and bus inter- faces are designed to transport and switch nx64 kbits/s low-latency telecom traffic between boards within the computer, independent of the computers i/o and mem- ory buses. at least a half dozen of these pc-based telecom buses emerged in the early 1990s for use within equipment based on isa/eisa and mca com- puters. with the advent of the h.100/h.110 bus specification by the enterprise computer telephony forum, the com- puter-telephony industry has agreed on a single tele- com bus for use with pci and compact pci computers. h.100/h.110 facilitates interoperation of components, thus providing maximum flexibility to equipment manu- facturers, value-added resellers, system integrators, and others building computer-based telecommunica- tions applications. subrate switching is the ability to switch part(s) of one byte from one stream/time slot to another stream/time slot. the parts are the following: n nibbles (4 bits) representin g a 32 kbits/s subrate n dibits (2 bits) representin g a 16 kbits/s subrate n bits representin g an 8 kbits/s subrate h.100/h.110 data transfers are always bytes. if subrate switching is used, the t8100a constructs a byte con- sisting of the subrate samples. the constructed byte may contain any combination of nibbles, dibits, or bits. in addition, individual data bits can be placed within a byte along with dont care bits. 5-6099f figure 2. cti call center application database ethernet cti server user extensions asr fax t1/e1 isdn pci bus h.100/h.110 bus to pstn t1 e1 isdn
lucent technologies inc. reserves the right to make changes to the product(s) or information contained herein without notice. n o liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. ambassador is a trademark of lucent technologies inc. copyright ? 1998 lucent technologies inc. all rights reserved printed in u.s.a. may 1998 pn98-141ntnb printed on recycled paper for additional information, contact your microelectronics group account manager or the following: internet: http://www.lucent.com/micro e-mail: docmaster@micro.lucent.com n. america: microelectronics group, lucent technologies inc., 555 union boulevard, room 30l-15p-ba, allentown, pa 18103 1-800-372-2447 , fax 610-712-4106 (in canada: 1-800-553-2448 , fax 610-712-4106) asia pacific: microelectronics group, lucent technologies singapore pte. ltd., 77 science park drive, #03-18 cintech iii, singap ore 118256 tel. (65) 778 8833 , fax (65) 777 7495 china: microelectronics group, lucent technologies (china) co., ltd., a-f2, 23/f, zao fong universe building, 1800 zhong shan xi road, shanghai 200233 p. r. china tel. (86) 21 6440 0468 , ext. 316 , fax (86) 21 6440 0652 japan: microelectronics group, lucent technologies japan ltd., 7-18, higashi-gotanda 2-chome, shinagawa-ku, tokyo 141, japan tel. (81) 3 5421 1600 , fax (81) 3 5421 1700 europe: data requests: microelectronics group dataline: tel. (44) 1189 324 299 , fax (44) 1189 328 148 technical inquiries: germany: (49) 89 95086 0 (munich), united kingdom: (44) 1344 865 900 (bracknell), france: (33) 1 48 83 68 00 (paris), sweden: (46) 8 600 7070 (stockholm), finland: (358) 9 4354 2800 (helsinki), italy: (39) 2 6608131 (milan), spain: (34) 1 807 1441 (madrid) product brief may 1998 h.100/h.110 interface and time-slot interchanger ambassador T8105 T8105 selection guide features t8100 t8100a t8102 T8105 subrate switching ??? local-to-local connections 1,024 1,024 1,024 local-to-h.100 connections 256 256 512 512 ct_netrefs 1 222


▲Up To Search▲   

 
Price & Availability of T8105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X