1 5 w u l t r a m i n i a t u r e o p e n f r a m e s w i t c h i n g p o w e r s u p p l i e s o f m 1 5 s e r i e s universal 85-265vac input high efficiency regulated outputs 3000v isolation single and dual outputs ul60950-1, en60950-1 & iec60950-1 approved model number output voltage output amps(max) (pk) single output ofm-1500 3.3 vdc 3.5a 3.8a ofm-1501 5 vdc 3a 3.6a ofm-1502 12 vdc 1.25a 1.5a ofm-1503 15vdc 1a 1.25a ofm-1505 24vdc 0.63a 0.75a dual output ofm-1506 +/-12vdc +/-0.63a +/-0.8a ofm-1507 +/-15vdc +/-0.5a +/-0.65a order on-line! astrodyne.com 1.89w x 2.76l x 0.98h
1 5 w u l t r a m i n i a t u r e m e d i c a l g r a d e s w i t c h i n g p o w e r s u p p l i e s o f m 1 5 / m s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com universal 85-265vac input high efficiency regulated outputs 4000v isolation single and dual outputs ul60601-1, en60601-1, & iec60601 approved model number output voltage output amps(max) (pk) single output ofm-1500/m 3.3 vdc 3.5a 3.8a ofm-1501/m 5 vdc 3a 3.6a ofm-1502/m 12 vdc 1.25a 1.5a ofm-1503/m 15vdc 1a 1.25a ofm-1505/m 24vdc 0.63a 0.75a dual output ofm-1506/m +/-12vdc +/-0.63a +/-0.8a ofm-1507/m +/-15vdc +/-0.5a +/-0.65a order on-line! astrodyne.com 1.89w x 2.76l x 0.98h
1 5 w u l t r a m i n i a t u r e o p e n f r a m e s w i t c h i n g p o w e r s u p p l i e s o f m 1 5 s e r i e s input specifications input voltage range 85-265 vac frequency range 47-440 hz inrush current, typ: 20a@100v, 40a@200v input * output specifications voltage and current see selection chart load regulation (20%-fl) singles: +/- 3%, duals: +/- 3% line regulation singles +/- 0.1~1%, typ duals +/- 0.3~1%, typ cross regulation (duals) 2% preset accuracy 1% dc voltage adjust (typ) +/- 6% of fs (primary) temperature coefficient +/-0.03%/c ripple/noise 100mv pk-pk, typ over voltage protection clamp, 130-150% * over temp. protection latching, cool and repower short circuit protection continuous, self-recovering hold up time 20 ms, typ general specifications input-out isolation 3kvac, (4kvac medical) i/p-ground 2500vac o/p-ground 1000vac efficiency 75%~78%, typ switching frequency 100khz, (fixed, typical) physical specifications size 1.89 x 2.75 x 0.98 construction open frame weight 2.5oz (70g) environmental specifications oper. temperature 0 to +70c (see derate) storage temperature -25 to +71c * relative humidity 0 to + 95%, non-cond * emc fcc/a, vde 0871/a mtbf (mil std 217, 25c) 559,000 hrs * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
1 5 w u l t r a m i n i a t u r e o p e n f r a m e s w i t c h i n g p o w e r s u p p l i e s o f m 1 5 s e r i e s output derating curve mechanical dimensions 0 10 20 30 40 50 60 70 20 40 60 80 100 50 ambient temperature, c load, % 90 70 30 pin # single outputs dual outputs 1 ac line ac line 2 ac neutral ac neutral 6 + output +output 8 nc common 9 - output - output .070 (1.78) .040 (1.02) .150 (3.81) .83 (21.0) 1.398 (35.51) .945 (24.00) .492 (12.50) 1.89 (48.0) .945 (24.00) .157 (4.00) .16 (4.00) 2.441 (62.00) 2.75 (69.9) 8 acl acn 6 2 1 9 b2 ds1 b1 c2 t1 c3 c1 1 d3 c8 l2 u1 c6 c7 u2 c9 c5 d4 c4 l1 f1 (-) (-) (-) (-) (-) (-)
|