Part Number Hot Search : 
AM2305PE AXXAB1 TCMZ33V TC4073BP M5267 BA685 MOB73DR XP06401
Product Description
Full Text Search
 

To Download MIR-3305-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s ubminiatur e p hotointerrupter MIR-3305-P description package dimensions the MIR-3305-P consists of a gallium arsenide in- frared emitting diode and a npn silicon phototran- sistor built in a black plastic housing. it is a refl- ective subminiature photointerrupter. features compact and thin MIR-3305-P : compact dip, long lead type optimum detecting distance : 0.8 - 1.0 mm wavelength : 940nm visible light cut-off type flat lead type absolute maximum ratings @ t a =25 o c parameter symbol minimum rating maximum rating unit continuous forward current i f 50 ma input reverse voltage v r 5v power dissipation p ad 75 mw v (br)ceo 30 v output v (br)eco 5v p c 75 mw total power dissipation p tot 100 mw operating temperature range t opr -25 o c to + 85 o c storage temperature range t stg -40 o c to + 100 o c 12/10/2002 lead soldering temperature (within 5 sec, minimum 1.6mm from body) at 260 o c collector-emitter breakdown voltage emitter-collector breakdown voltag e collector power dissipation unity opto technology co., ltd. unit: mm note : (1).tolerance:0.2mm (2). ( ) reference dimensions d a emitter anode top vie w b c ca thode collector
MIR-3305-P optical-electrical characteristics @ t a =25 o c min. typ. max. unit. test conditions input forward voltage - - 1.3 v i f =20ma reverse current - - 10 a v r =5v output collector dark current - - 0.2 a vce =10v b38 - 75 c 56 - 108 d 80 - 151 e 112 - 216 response time (rise) - 20 100 s ic=100 a, vce =2v response time (fall) - 20 100 s r l =1k ? *2 leak current - - 0.1 a vce =5v *1 the condition and arrangement of the reflective object are shown as following . *2 without reflective object. test condition and arrangement for collector current typical optical-electrical characteristic curves 12/10/2002 parameter symbol v f i r iceo t f i leak i f =4ma,vce=5v a transfer characteristic s *1 collector current ic t r unity opto technology co., ltd. ambient temperature t a ( o c) fig.1 forward current vs . ambient tem p erature forward current i f (ma) 0 10 20 30 40 50 60 -25 0 25 50 75 100 forward current i f (ma) 0 20 40 60 80 100 120 -25 0 25 50 75 100 ambient temperature t a ( o c ) fig.2 power dissipation vs. ambient temperature power dissipation (mw) p tot p ad , p c collector current ic ( a) 0 100 200 300 400 500 600 0 5 10 15 20 vce=5v ta=25 o c forward current i f (ma) fig.4 collector current vs. forward current 0 10 20 30 40 50 0 0.5 1 1.5 forward voltage v f (v) fig.3 forward current vs forward voltage devic e al refletive surface 1 mm-thick glass
MIR-3305-P typical optical-electrical characteristic curves test circuit for response time 12/10/2002 unity opto technology co., ltd. 10% t s t r input output t d t f output r l input r d 90% vc c 0 50 100 150 200 250 300 350 024681012 collector current ic ( a) ta=25 o c i f =10ma 4ma 1ma collector-emitter voltage vce (v) fig.5 collector current vs. vce 0 20 40 60 80 100 120 -25 0 25 50 75 100 relative collector current (%) ambient temperature t a ( o c) fig.6 relative collector current vs . 0 25 50 75 100 collector dark current i ceo ambient temperature t a ( o c) fig.7 collector dark current vs. ambient temperature v ce =10v response time ( s) load resistance r t (k ? ) fig.8 response time vs. load resistance 10 -6 10 -7 10 -8 10 -9 10 -10 relative collector current (%) 0 20 40 60 80 100 700 800 900 1000 1100 1200 relative sensitivity (%) wavelength (nm) fig.9 spectral sensitivity (detecting side) ta=2 5 o c 0 20 40 60 80 100 120 012345678910 i f =4ma v ce =5v t a =25 o c distance (mm) fig.10 relative collector current vs. distance b etween mir-3301 and card 0.1 1 10 100 0.01 0.1 1 10 v ce =2v i c =100a t a =25 o c t r t r t d t s


▲Up To Search▲   

 
Price & Availability of MIR-3305-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X