Part Number Hot Search : 
74279 6204B242 MP450 2SD2678 203DH3 B14NK60Z ISF84R MC4010
Product Description
Full Text Search
 

To Download KPA-3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-kpa3010-1 kingbright ? package dimensions features l 3.0mmx1.0mm smt led. 2.0mm thickness. l low power consumption. l wide viewing angle. l ideal for backlight and indicator. l various colors and lens types available. note: 1. q 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. description the bright red source color devices are made with gallium phosphide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. the yellow source color devices are made with gallium arsenide phosphide on gallium phosphide yellow light emitting diode. the super bright red source color devices are made with gallium aluminum arsenide red light emitting diodes. the super bright yellow source color devices are made with dh ingaalp on gaas substrate light emitting diode. selection guide notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .1(0.004") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subjected to change without notice. 3.0x1.0mm right angle smd chip led lamps KPA-3010 part no. dice lens type iv (mcd) @ 20 ma viewing angle min. typ. 2q1/2 KPA-3010hd bright red (gap) red diffused 0.8 1.25 120 KPA-3010hc bright red (gap) water clear 0.8 1.25 120 KPA-3010ht bright red (gap) red tras. 0.8 1.25 120 KPA-3010id high efficiency red (gaasp/gap) red diffused 5 12.5 120 KPA-3010ec high efficiency red (gaasp/gap) water clear 5 12.5 120 KPA-3010it high efficiency red (gaasp/gap) red trans. 5 12.5 120 KPA-3010yd yellow (gaasp/gap) yellow diffused 3.2 8 120 KPA-3010yc yellow (gaasp/gap) water clear 3.2 8 120 KPA-3010yt yellow (gaasp/gap) yellow trans. 3.2 8 120 KPA-3010srd super bright red (gaalas) red diffused 40 70 120 KPA-3010src super bright red (gaalas) water clear 40 70 120 KPA-3010srt super bright red (gaalas) red trans. 40 70 120 KPA-3010sgd super bright green (gap) green diffusesd 3.2 12.5 120 KPA-3010sgc super bright green (gap) water clear 3.2 12.5 120 KPA-3010sgt super bright green (gap) green trns. 3.2 12.5 120 KPA-30102syd super bright yellow (ingaalp) yellow diffusesd 40 60 120 KPA-3010syc super bright yellow (ingaalp) water clear 40 60 120 KPA-3010syt super bright yellow (ingaalp) yellow trns. 40 60 120
1-kpa3010-2 parameter bright red high efficiency red yellow super bright red super bright green super bright yellow units power dissipation 105 105 105 100 105 125 mw dc forward current 25 30 30 30 25 30 ma peak forward current [1] 150 150 150 150 150 150 ma reverse voltage 5 5 5 5 5 5 v operating/storage temperature -40 to +85 symbol parameter device typ. max. units test conditions peak wavelength bright red high efficiency red yellow super bright red super bright green super bright yellow 700 625 590 660 565 595 nm if=20ma spectral line halfwidth bright red high efficiency red yellow super bright red super bright green super bright yellow 45 45 35 20 30 20 nm if=20ma capacitance bright red high efficiency red yellow super bright red super bright green super bright yellow 40 12 10 95 45 33 pf vf=0v;f=1mhz forward voltage bright red high efficiency red yellow super bright red super bright green super bright yellow 2.0 2.0 2.1 1.85 2.2 2.0 2.5 2.5 2.5 2.5 2.5 2.4 v if=20ma reverse current all 10 ua vr = 5v electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c i r v f c dl 1/2 l peak c c note: 1. 1/10 duty cycle, 0.1ms pulse width.
1-kpa3010-3 bright red KPA-3010hd, KPA-3010hc,KPA-3010ht high efficiency red KPA-3010id, KPA-3010ec, KPA-3010it
1-kpa3010-4 yellow KPA-3010yd, KPA-3010yc, KPA-3010yt super bright red KPA-3010srd, KPA-3010src, KPA-3010srt
1-kpa3010-5 super bright green KPA-3010sgd, KPA-3010sgc, KPA-3010sgt super bright yellow KPA-3010syd,KPA-3010syc, KPA-3010syt
1-kpa3010-6 KPA-3010 series smt reflow soldering instructions (units : mm) KPA-3010 series recommended soldering pattern KPA-3010 series tape specifications


▲Up To Search▲   

 
Price & Availability of KPA-3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X