Part Number Hot Search : 
T74LV 3MC060 34286G MEO55 1005120 016222 W183G FMBM5401
Product Description
Full Text Search
 

To Download KMM5321204C2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 1 - 1mx32 dram simm revision 0.0 november 1997 (1mx16 base)
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 2 - revision history version 0.0 (november 1997) ? changed module pcb from 6-layer to 4-layer. ? changed module part no. from kmm5321200cw/cwg to kmm5321200c2w/c2wg caused by pcb revision .
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 3 - KMM5321204C2W/c2wg fast page mode with extended data out 1m x 32 dram simm using 1mx16 , 1k refresh, 5v the samsung KMM5321204C2W is a 1mx32bits dynamic ram high density memory module. the samsung KMM5321204C2W consists of two cmos 1mx16bits drams in 42-pin soj package mounted on a 72-pin glass-epoxy sub- strate. a 0.1 or 0.22uf decoupling capacitor is mounted on the printed circuit board for each dram. the KMM5321204C2W is a single in-line memory module with edge connections and is intended for mounting into 72 pin edge connector sockets. ? part identification - KMM5321204C2W(1024 cycles/16ms ref, soj, solder) - KMM5321204C2Wg(1024 cycles/16ms ref, soj, gold) ? fast page mode with extended data out ? cas -before- ras refresh capability ? ras -only and hidden refresh capability ? ttl compatible inputs and outputs ? single +5v 10% power supply ? jedec standard pdpin & pinout ? pcb : height(750mil), single sided component general description features performance range speed t rac t cac t rc t hpc -5 50ns 15ns 90ns 25ns -6 60ns 17ns 110ns 30ns pin names pin name function a0 - a9 address inputs dq0 - dq31 data in/out w read/write enable ras0 row address strobe cas0 - cas3 column address strobe pd1 -pd4 presence detect vcc power(+5v) vss ground nc no connection res reserved pin presence detect pins (optional) * pin connection changing available pin 50ns 60ns pd1 pd2 pd3 pd4 vss vss vss vss vss vss nc nc pin configurations pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 symbol v ss dq0 dq16 dq1 dq17 dq2 dq18 dq3 dq19 vcc nc a0 a1 a2 a3 a4 a5 a6 res(a10) dq4 dq20 dq5 dq21 dq6 dq22 dq7 dq23 a7 res(a11) vcc a8 a9 res( ras1 ) ras0 nc nc pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 symbol nc nc vss cas0 cas2 cas3 cas1 ras0 res( ras1 ) nc w nc dq8 dq24 dq9 dq25 dq10 dq26 dq11 dq27 dq12 dq28 vcc dq29 dq13 dq30 dq14 dq31 dq15 nc pd1 pd2 pd3 pd4 nc vss samsung electronics co., ltd. reserves the right to change products and specifications without notice.
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 4 - functional block diagram ras0 w a0-a9 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ras lcas ucas oe w a0-a9 cas0 cas1 dq16 dq17 dq18 dq19 dq20 dq21 dq22 dq23 dq24 dq25 dq26 dq27 dq28 dq29 dq30 dq31 dq0 dq1 dq2 dq3 dq4 dq5 dq6 dq7 dq8 dq9 dq10 dq11 dq12 dq13 dq14 dq15 ras lcas ucas oe w a0-a9 cas2 cas3 vcc vss .1 or .22uf capacitor for each dram to all drams u0 u1
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 5 - i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 and i cc3 , address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle, t hpc. * note : absolute maximum ratings * * permanent device damage may occur if absolute maximum ratings are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for in tended periods may affect device reliability. item symbol rating unit voltage on any pin relative to v ss voltage on v cc supply relative to v ss storage temperature power dissipation short circuit output current v in , v out v cc t stg p d i os -1 to +7.0 -1 to +7.0 -55 to +150 2 50 v v c w ma recommended operating conditions (voltage referenced to v ss , t a = 0 to 70 c) *1 : v cc +2.0v/ 20ns, pulse width is measured at v cc . *2 : -2.0v/ 20ns, pulse width is measured at v ss . item symbol min typ max unit supply voltage ground input high voltage input low voltage v cc v ss v ih v il 4.5 0 2.4 -1.0 *2 5.0 0 - - 5.5 0 v cc+ 1 *1 0.8 v v v v dc and operating characteristics (recommended operating conditions unless otherwise noted) i cc1 i cc2 i cc3 i cc4 i cc5 i cc6 i i(l) i o(l) v oh v ol symbol speed KMM5321204C2W/c2wg unit min max i cc1 -5 -6 - - 300 280 ma ma i cc2 don t care - 4 ma i cc3 -5 -6 - - 300 280 ma ma i cc4 -5 -6 - - 240 220 ma ma i cc5 don t care - 2 ma i cc6 -5 -6 - - 300 280 ma ma i i(l) i o(l) don t care -10 -5 10 5 ua ua v oh v ol don t care 2.4 - - 0.4 v v : operating current * ( ras , cas , address cycling @ t rc =min) : standby current ( ras = cas = w =v ih ) : ras only refresh current * ( cas =v ih , ras cycling @ t rc =min) : edo mode current * ( ras =v il , cas cycling : t hpc =min) : standby current ( ras = cas = w =vcc-0.2v) : cas -before- ras refresh current * ( ras and cas cycling @ t rc =min) : input leakage current (any input 0 v in vcc+0.5v, all other pins not under test=0 v) : output leakage current(data out is disabled, 0v v out vcc) : output high voltage level (i oh = -5ma) : output low voltage level (i ol = 4.2ma)
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 6 - capacitance (t a = 25 c, v cc =5v, f = 1mhz) item symbol min max unit input capacitance[a0-a9] input capacitance[ w ] input capacitance[ ras0 ] input capacitance[ cas0 - cas3 ] input/output capacitance[dq0-31] c in1 c in2 c in3 c in4 c dq1 - - - - - 30 30 25 20 20 pf pf pf pf pf test condition : v ih /v il =2.4/0.8v, v oh /v ol =2.0/0.8v, output loading cl=100pf parameter symbol -5 -6 unit note min max min max random read or write cycle time t rc 90 110 ns access time from ras t rac 50 60 ns 3,4,10 access time from cas t cac 15 17 ns 3,4,5 access time from column address t aa 25 30 ns 3,10 cas to output in low-z t clz 3 3 ns 3 output buffer turn-off delay from cas t cez 3 13 3 15 ns 6,11,12 transition time(rise and fall) t t 2 50 2 50 ns 2 ras precharge time t rp 30 40 ns ras pulse width t ras 50 10k 60 10k ns ras hold time t rsh 13 17 ns cas hold time t csh 40 50 ns cas pulse width t cas 8 10k 10 10k ns 13 ras to cas delay time t rcd 20 37 20 45 ns 4 ras to column address delay time t rad 15 25 15 30 ns 10 cas to ras precharge time t crp 5 5 ns row address set-up time t asr 0 0 ns row address hold time t rah 10 10 ns column address set-up time t asc 0 0 ns column address hold time t cah 8 10 ns column address to ras lead time t ral 25 30 ns read command set-up time t rcs 0 0 ns read command hold time referenced to cas t rch 0 0 ns 8 read command hold time referenced to ras t rrh 0 0 ns 8 write command hold time t wch 10 10 ns write command pulse width t wp 10 10 ns write command to ras lead time t rwl 13 15 ns write command to cas lead time t cwl 13 10 ns data-in set-up time t ds 0 0 ns 9 data-in hold time t dh 8 10 ns 9 refresh period t ref 16 16 ms write command set-up time t wcs 0 0 ns 7 cas setup time( cas -before- ras refresh) t csr 5 5 ns cas hold time( cas -before- ras refresh) t chr 10 10 ns ras precharge to cas hold time t rpc 5 5 ns access time from cas precharge t cpa 30 35 ns 3 ac characteristics (0 c t a 70 c, v cc =5.0v 10%. see notes 1,2.)
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 7 - notes an initial pause of 200us is required after power-up followed by any 8 ras -only or cas -before- ras refresh cycles before proper device operation is achieved. v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times are measured between v ih (min) and v il (max) and are assumed to be 5ns for all inputs. measured with a load equivalent to 2 ttl loads and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes that t rcd 3 t rcd (max). this parameter defines the time at which the output achieves the open circuit condition and is not referenced to v oh or v ol . t wcs is non-restrictive operating parameter. it is included in the data sheet as electrical characteristic s only. if t wcs 3 t wcs (min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle. either t rch or t rrh must be satisfied for a read cycle. these parameter are referenced to the cas leading edge in early write cycles and to the w leading edge in read-write cycles. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled by t aa . t cez (max), t rez (max), t wez (max) and t oez (max) define the time at which the output achieves the open circuit condition and are not referenced to output voltage level. if ras goes to high before cas high going, the open circuit condtion of the output is achieved by cas high going. if cas goes to high before ras high going, the open circuit condi- tion of the output is achieved by ras high going. t asc 3 t cp min 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. test condition : v ih /v il =2.4/0.8v, v oh /v ol =2.0/0.8v, output loading cl=100pf parameter symbol -5 -6 unit note min max min max hyper page mode cycle time t hpc 25 30 ns 13 cas precharge time(hyper page cycle) t cp 8 10 ns ras pulse width(hyper page cycle) t rasp 50 200k 60 200k ns ras hold time from cas precharge t rhcp 30 35 ns w to ras precharge time(c-b-r refresh) t wrp 10 10 ns w to ras hold time(c-b-r refresh) t wrh 10 10 ns output data hold time t doh 5 5 ns output buffer turn off delay from ras t rez 3 13 3 15 ns 6,11,12 output buffer turn off delay from w t wez 3 13 3 15 ns 6,11 w to data delay t wed 15 15 ns w pulse width (hyper page cycle) t wpe 5 5 ns ac characteristics (0 c t a 70 c, v cc =5.0v 10%. see notes 1,2.) 11. 12. 13.
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 8 - ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - v oh - v ol - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t clz t rac open t rch don t care undefined t rad t rrh data-out t rez t rcs read cycle t cez t wez dq t cac
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 9 - t wcs note : d out = open write cycle ( early write ) ras v ih - v il - v ih - v il - a v ih - v il - w v ih - v il - v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care undefined t wch t wp cas t rwl t cwl t ds t dh data-in dq
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 10 - t doh hyper page read cycle ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care undefined v oh - v ol - dq column address t cas t cas t cas t cas t cp t cp t cp t hpc t hpc t hpc t rhcp t csh t rad t rah t asc t cah t cah t cah t asc t cah t rcs t aa t rch t asc column address column addr valid data-out t aa t cac t aa t cpa t cpa valid data-out valid data-out t clz t rac t cac t rrh t rez t cac t cpa t cac ? t asc t aa t doh valid data-out t doh
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 11 - ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page write cycle ( early write ) undefined v ih - v il - dq t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh t cwl t cwl t cwl t rwl note : d out = open t hpc t hpc
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 12 - don t care ras - only refresh cycle* note : w , oe , d in = don't care undefined d out = open ras v ih - v il - cas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp t ras t rah t rpc t crp open cas - before - ras refresh cycle note : oe , a = don't care ras v ih - v il - cas v ih - v il - t rc t rp t ras t rpc t cp t rpc t csr t chr t cez v oh - v ol - dq t wrp t wrh w v ih - v il - t rp * in ras -only refresh cycle of 64mb a-dile & b-die, when cas signal transits from low to high, the valid data may be cut off.
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 13 - hidden refresh cycle ( read ) data-out t rp ras v ih - v il - cas v ih - v il - a v ih - v il - w v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care undefined v oh - v ol - dq t wrh t rrh column address t ras t rc t cah t rcs t aa t rac t clz t cac t cez open t rp t wez t rez t wrp
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 14 - t crp t wcs t rp ras v ih - v il - a v ih - v il - w v ih - v il - row address t ras t rc t rad t asr t rah t asc don t care hidden refresh cycle ( write ) undefined cas v ih - v il - v ih - v il - dq t rsh t rcd t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t rp
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 15 - cas -before- ras refresh counter test cycle ras v ih - v il - cas v ih - v il - a v ih - v il - column address t ras t rsh t chr t ral t csr t cpt t rp t cas t asc t cah read cycle v oh - v ol - data-out dq t rez t clz write cycle v ih - v il - data-in dq t dh t ds don t care undefined t wrp t wrh t rrh t rch t rcs t cac t aa v ih - v il - w t wrp t wrh t wcs t wch t cwl v ih - v il - w t wp t rwl note : this timing diagram is applied to all devices besides 64m dram based modules. t cez t wez
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 16 - open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rps t rass t rpc t cp t rpc t csr t cez v oh - v ol - dq t rp don t care undefined t chs t wrp t wrh w v ih - v il - open test mode in cycle note : oe , a = don t care ras v ih - v il - cas v ih - v il - t rp t rc t rpc t cp t rpc t csr t cez v oh - v ol - dq t wts t wth w v ih - v il - t chr t rp t ras
dram module KMM5321204C2W/c2wg rev. 0.0 (nov. 1997) - 17 - package dimensions .133(3.38) 4.250(107.95) 3.984(101.19) .125(3.17) r.062 .004(r1.57 .10) .250 (6.35) 3.750(95.25) .250(6.35) units : inches (millimeters) gold & solder plating lead .010(.25)max .050(1.27) .041 .004(1.04 .10) .100(2.54) min .200(5.08) max .054 (1.37) tolerances : .005(.13) unless otherwise specified note : the used device is 1mx16 dram dram part no. : KMM5321204C2W/c2wg -- km416c1204cj (400 mil) .750(19.05) min .400(10.16) .125 dia .002(3.18 .051) r.062(1.57) .250(6.35) .080(2.03) .047(1.19) ( back view ) ( front view ) revision history rev 0.0 : nov. 1997


▲Up To Search▲   

 
Price & Availability of KMM5321204C2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X