Part Number Hot Search : 
BF966S 3266P102 G2SB20 LV162 1010S MT5C6408 12015 AK536
Product Description
Full Text Search
 

To Download K2671 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shindengen 2sK2671 copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions ratings ( f5f90hvx2 ) (unit : mm) 900v 5a n-channel enhancement type hvx-2 series power mosfet case : fto-220 ?? switching power supply of ac 240v input ?? high voltage power supply ?? inverter application ?? input capacitance (ciss) is small. especially, input capacitance at 0 biass is small. ?? the static rds(on) is small. ?? the switching time is fast. ?? avalanche resistance guaranteed. features ??absolute maximum ratings ?itc = 25???j item symbol conditions ratings unit storage temperature t stg -55?`150 ?? channel temperature t ch 150 drain-source voltage v dss 900 v gate-source voltage v gss ?}30 continuous drain current?idc?j i d 5 continuous drain current?ipeak) i dp pulse width??10?s, duty cycle??1/100 10 a continuous source current?idc?j i s 5 total power dissipation p t 40 w repetitive avalanche current i ar t ch = 150?? 5 a single avalanche energy e as t ch = 25?? 100 mj repetitive avalanche energy e ar t ch = 25?? 10 dielectric strength v dis terminals to case,?@ac 1 minute 2 kv mounting torque tor ?i recommended torque ?f0.3 nm ?j 0.5 nm
copyright & copy;2000 shindengen electric mfg.co.ltd 2sK2671 ( f5f90hvx2 ) hvx-2 series power mosfet electrical characteristics tc = 25 item symbol conditions min. typ. max. unit drain-source breakdown voltage v (br)dss i d = 1 ma, v gs = 0v 900 v zero gate voltage drain current i dss v ds = 900v, v gs = 0v 250 a gate-source leakage current i gss v gs = 30v, v ds = 0v 0. 1 forward transconductance g fs i d = 2.5a, v ds = 1 0v 2.4 4.0 s static drain-source on-state resistance r ds(on) i d = 2.5a, v gs = 1 0v 2. 1 2.8 gate threshold voltage v th i d = 1 ma, v ds = 1 0v 2.5 3.0 3.5 v source-drain diode forward voltage v sd i s = 2.5a, v gs = 0v 1 .5 thermal resistance jc junction to case 3. 1 2 / total gate charge q g v dd = 400v, v gs = 1 0v, i d = 5a 45 nc input capacitance c iss 11 40 reverse transfer capacitance c rss v ds = 25v, v gs = 0v, f = 1 mh z 23 pf output capacitance c oss 1 05 turn-on time t on i d = 2.5a, r l = 60 , v gs = 1 0v 55 1 00 ns turn-off time t off 2 1 0 350
0 2 4 6 8 10 0 5 10 15 20 2sK2671 transfer characteristics v ds = 25v typ tc = - 55 c 25 c 100 c 150 c gate-source voltage v gs [v] drain current i d [a]
static drain-source on-state resistance 0.1 1 10 100 -50 0 50 100 150 2sK2671 v gs = 10v pulse test typ i d = 2.5a case temperature tc [ c] static drain-source on-state resistance r ds(on) [ w ]
gate threshold voltage 0 1 2 3 4 5 6 -50 0 50 100 150 2sK2671 v ds = 10v i d = 1ma typ case temperature tc [ c] gate threshold voltage v th [v]
safe operating area 0.01 0.1 1 10 1 10 100 1000 2sK2671 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc drain-source voltage v ds [v] drain current i d [a] r ds(on) limit
transient thermal impedance 0.01 0.1 1 10 2sK2671 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
0 20 40 60 80 100 0 50 100 150 2sK2671 single avalanche energy derating [%] starting channel temperature tch [ c] single avalanche energy derating
capacitance 1 10 100 1000 10000 0 20 40 60 80 100 2sK2671 0.005 f=1mhz ta=25 c typ ciss coss crss drain-source voltage v ds [v] capacitance ciss coss crss [pf]
single avalanche current - inductive load 1 10 2sK2671 0.1 1 10 100 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 v dd = 100v v gs = 15v ? 0v rg = 60 w i as = 5a e as = 100mj e ar = 10mj inductance l [mh] single avalanche current i as [a]
0 20 40 60 80 100 0 50 100 150 2sK2671 power derating power derating [%] case temperature tc [ c]
0 20 40 60 80 100 0 100 200 300 400 500 2sK2671 0 5 10 15 20 200v gate charge characteristics i d = 5a typ 100v v dd = 400v v gs v ds gate charge qg [nc] drain-source voltage v ds [v] gate-source voltage v gs [v]


▲Up To Search▲   

 
Price & Availability of K2671

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X