Part Number Hot Search : 
13N60 HA1221 HN1A02F 1N4254 VW2X30 TP3A684 XXX3B 1N1830
Product Description
Full Text Search
 

To Download JNIC-1460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  JNIC-1460/1560 fibre channel-to-pci/pci-x asic controller data sheet for nearly a decade, jni? asic controllers have been a pioneering presence in the fibre channel world. now that jni has joined amcc the industry leader in high performance integrated circuits for wide area networks amcc is proud to offer jnic asic controllers for a variety of san applications. the JNIC-1460 pci-to-fibre channel controller the 2gb-enabled JNIC-1460 offers a flexible architecture that can be easily integrated into a variety of i/o applications. combines. with full-duplex fibre channel data transfer rates of up to 400 mb/s and a 64-bit, 66 mhz pci host interface, it delivers the unparalleled i/o performance demanded by next-genera- tion san appliances. this powerful asic integrates a wide array of advanced i/o technologies to enhance total system performance. starting with an embed- ded i/o engine that performs real-time con- text switching to maximize san data throughput, the engine can queue up to 254 active exchanges on-chip. additional active exchanges can be accommodated on the local memory port. JNIC-1460 proprietary data flow architecture allows for a very efficient, low latency data path for both receive and trans- mit channels. an integrated risc-based i/o engine with large instruction ram significantly reduces host cpu utilization while requiring less than one interrupt per i/o operation. this makes the JNIC-1460 an ideal candidate for high-end servers and external fibre channel storage applications. the jnic-1560 dual channel pci-x-to-fibre channel controller this fifth-generation fibre channel i/o con- troller provides two fully independent, high performance fc ports for high bandwidth i/o paths to a storage area network (san). the controller can sustain an unprecedented 800 mb i/o, the highest in its class. furthermore, it can burst to the host system at full pci-x speed of 1.064 gb. two integrated multi-task risc-based i/o engines minimize host cpu overhead, making the jnic-1560 an ideal can- didate for high-end servers and high-perform- ance embedded storage applications. the jnic-1560 employs a wide array of i/o technologies to enhance total system per- formance. the two embedded engines handle context switching to maximize data through- put in an enterprise san environment, where a large number of initiators and targets are integrated to make up the san. these on- board engines can each queue up to 254 on- chip active exchanges per channel. optionally, they can operate on over 32,000 locally stored active exchanges. these engines employ a unique i/o delivery scheme that continuously chains i/os as issued by the operating system, reducing the number of system interrupts per i/o to below one. with support for 126 individual al_pa aliases per port, the jnic-1560 is well-suited for custom embedded target applications. its low power dissipation eliminates the requirement of a heat sink in physically confined environments. benefits JNIC-1460 ? support for 1 or 2gb sans ? two independent controllers assure full throughput for each port jnic-1560 ? dual independent fibre channel (fc) ports offer a sustained bandwidth of 800mb/s with a maximum burst rate of 1.064gb
features all models ? switched fabric, arbitrated loop, and point-to-point topology support ? multi-layer software architecture JNIC-1460 ? integrated risc-based i/o engine ? 1 or 2 gb fibre channel data rate ? 66mhz, 64-bit pci 2.2 compliant ? hardware assisted context switching ? local memory port with bursting option ? concurrent target and initiator mode support jnic-1560 ? two fully independent fibre channel (fc) ports on a single asic ? integrated native pci-x, 50 to 133mhz, 64- bit host interface ? automatic rate negotiation from 1 to 2gb ? multi-protocol capable (fcp, ip, fc-tape, fc-bb) ? 10- or 20-bit external serdes support applications JNIC-1460 ? mission critical sans requiring sim ultaneous high-speed transactions betw een multiple fibre channel links and a single server jnic-1560 ? high-end servers and high-performance embedded storage applications. JNIC-1460 specifications host (pci) interface ? 66 mhz pci clock rate ? 32- or 64-bit data path ? zero-wait state transfers with cache line streaming ? message signal interrupt (msi) support ? independent dma channels for receive, transmit and command ? programmable priority for the dma channels ? 64-bit addressing ? dual address cycle capable ? power management registers ? pci 2.2 and pc99 compliant fibre channel interface ? 1 or 2 gb full-duplex fc data rate ? auto link speed negotiation ? simultaneous multi-protocol capable ? up to 126 alpa aliases ? switched fabric, arbitrated loop, and point-to-point ? support for class 1, 2, 3, and intermix services ? dynamic half-duplex support ? 10- or 20-bit external serdes interface ? raw frame handling ? programmable removal from loop ? loopback control, error status block, lrc control, and busy indicator ? fc-al-2 rev. 7.0 compliant local memory interface ? de-multiplexed address and data ? synchronous sram for local active exchanges ? direct connect 64k to 256k by 18 sync. sram ? local nonvolatile memory (up to 1 mb) ? seeprom (2 kb) support ? 8 gpio pins ? local interrupt input software support ? multi-layer api ? concurrent target & initiator mode support ? fcp, ip, fc-bb, and fc-tape support physical dimensions ? 388-pin pbga ? 35mm by 35mm ? 1.27 mm pitch environmental ? operating temperature: 0 to 70 c ? storage temperature: -40 to 85 c ? relative humidity: 8% to 85% non-condensing reliability ? internal and external loopback mode ? ieee 1149.1 jtag interface ? parity protection on all data paths jnic-1560 specifications host (pci) interface ? 32/64-bit pci up to 66 mhz ? 32/64-bit pci-x 50 mhz to 133 mhz ? maximum pci-x burst rate of 1064 mb ? maximum pci burst rate of 528 mb ? pci-x split transaction support ? zero wait state pci bus master transfers with cache line streaming ? support for message signaled interrupt ? independent pci req/gnt pairs per port ? programmable parity ? dual address cycle capable ? pci 2.2 and pci-x 1.0a compliant fibre channel interface ? two fully independent fibre channel ports ? 800 mb full-duplex fc data rate ? 2 gb fibre channel with auto speed detect ? switched fabric, point-to-point, arbitrated loop ? multi-protocol capable (fcp, ip, fc-bb) ? dedicated risc engine for each port ? dynamic half-duplex support ? supports 126 al_pa aliasing ? link diagnostics, including loop back control, error status block, lrc control and busy indicator ? raw frame transmit and receive mode ? gbic & mia support ? fc-al-2 rev. 7.0 compliant local memory interface ? synchronous sram for local command storage ? 8-mb flash memory support (1 mb) ? parity protected data paths ? 8 general purpose i/o pins (4 per port) ? two local interrupt inputs ? optional 4k-bit serial eeprom interface software support ? multi-layer api ? concurrent target & initiator mode support ? fcp, ip, fc-bb and fc-tape support physical dimensions ? 476-pin pbga ? 35mm by 35mm ? 1.27 mm pitch environmental ? operating temperature: 0 to 70 c ? storage temperature: -40 to 85 c ? relative humidity: 8% to 85% non-condensing ? maximum power consumption: 2.5 watts reliability ? internal and external loopback modes ? ieee 1149.1 jtag interface ? parity protection on all data paths JNIC-1460/1560 specifications enterprise 6290 sequence drive san diego, ca 92121 p 858 450 9333 f 858 450 9885 www.amcc.com for technical support, please call 877-436-5642 or email support@amcc.com. amcc reserves the right to make changes to its products, or to discontinue any product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the informa- tion being relied upon is current. amcc is a registered trademark of applied micro circuits corporation. all other trademarks are the property of their respective holders. copyright ? 2004 applied micro circuits corporation. all rights reserved. jnic1460/1560_ds_09/01/2004


▲Up To Search▲   

 
Price & Availability of JNIC-1460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X